Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

242-035 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 242-035
Description  240 Series DIN Panel Meters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

242-035 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 242-035 Datasheet HTML 3Page - Tyco Electronics 242-035 Datasheet HTML 4Page - Tyco Electronics 242-035 Datasheet HTML 5Page - Tyco Electronics 242-035 Datasheet HTML 6Page - Tyco Electronics 242-035 Datasheet HTML 7Page - Tyco Electronics 242-035 Datasheet HTML 8Page - Tyco Electronics 242-035 Datasheet HTML 9Page - Tyco Electronics 242-035 Datasheet HTML 10Page - Tyco Electronics 242-035 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
83
Catalogue Numbering System
Guide to Catalogue Numbering System – Example Code: 244 – 03AG – LSPK – C6 – ER
MOVEMENT CODE
01
– Short-scale AC and DC
02
– Short-scale AC
03
– Long-scale AC and DC
05
– Long-scale AC and DC
07
– Edgewise AC DC
08
– Long-scale AC
10
– Edgewise AC and DC
11
– Long-scale DC
12
– Phase sequence meter
13
– 360 rotating iron PFI
14
– Synchroscope
15
– Elapsed time meter
16
– Thermal demand
ammeter
21
– Wattmeter
30
– Meter relay
31
– VArmeter
41L – Frequency meter
long-scale
41S – Frequency meter
short-scale
42
– Power factor meter
45
– RTD temperature
92
– Shunts
94
– Current transformers
HW – Kilowatt hour class 1.0
KH
– Kilowatt hours
KW – Kilowatt hours class 2.0
TYPE / FUNCTION
A
– Amperes DC
B
– Rectified amperes
C
– Center zero amps
D
– Zero offset current
F
– Amperes AC
G
– Volts AC
H
– High middle
K
– DC input non electrical
scaling
L
– VAr self contained
N
– Center zero voltage
P
– Zero offset voltage
R
– Live zero current
S
– Live zero voltage
V
– Volts DC
W – Rectified voltage
Y
– Expanded scale AC
Z
– Expanded scale DC
2
– 2 x overload ammeters
3
– 3 x overload ammeters
5
– 1-phase 2-wire watts
6
– 6 x overload ammeters
8
– 3-phase 3-wire watts
9
– 3-phase 4-wire watts
NATIONAL STANDARD
A
– ANSI C39.1
B
– BS 89
G
– DIN
I
– ANSI fixing captions
J
– Japanese instrument
Standard
INPUT OR
MOVEMENT RATING
LA
– 1A
LS
– 5A
PZ
– 150V
RX
– 300V
SJ
– 600V
PN
– 120V
RP
– 240V
SE
– 480V
QQ – 120V 5A
QS
– 240V 5A
QT
– 480V 5A etc
SCALING OR OUTPUT
BX
– Volt free relay contacts
FA
– 1mA
HG
– 4/20mA
PK
– 0/100
PZ
– 0/150
RL
– 0/200
RX
– 0/300
SC
– 0/400
SJ
– 0/600
SS
– 0/1000
TM – 0/2000
UB
– 0/4000
UJ
– 0/5000 etc
SYSTEM
FREQUENCY
(AC Meters)
C4
– 400Hz
C5
– 50Hz
C6
– 60Hz
C7
– 50/60Hz
ER
244
03
A
G
LS
PK
C6
This guide is not inclusive of all catalogue numbers and should be
used for reference only, as improper combinations can be achieved.
SERIES
016 – Fiesta
075 – Short-case switchboard
077 – Standard switchboard
078 – Hi-shock sealed
079 – 83/4" switchboard
083 – 2" sealed
084 – 21/2" sealed
242 – 48mm DIN
243 – 72mm DIN
244 – 96m DIN
246 – 144mm DIN
E242 – 48mm short-scale
E243 – 72mm short-scale
E244 – 96mm short-scale
OPTIONS
Indicate as
required


Similar Part No. - 242-035

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
242-000-001L000 ETC2-242-000-001L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
242-000-002L000 ETC2-242-000-002L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
242-000-003L000 ETC2-242-000-003L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
242-000-004L000 ETC2-242-000-004L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
242-000-005L000 ETC2-242-000-005L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
More results

Similar Description - 242-035

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
47NLNT MSYSTEM-47NLNT Datasheet
176Kb / 5P
   Digital Panel Meters 47NL Series
47NLR MSYSTEM-47NLR Datasheet
242Kb / 4P
   Digital Panel Meters 47NL Series
47NLRT MSYSTEM-47NLRT Datasheet
187Kb / 4P
   Digital Panel Meters 47NL Series
47LYV MSYSTEM-47LYV Datasheet
154Kb / 5P
   Digital Panel Meters 47 Series
47LV MSYSTEM-47LV Datasheet
201Kb / 8P
   Digital Panel Meters 47 Series
47LPT MSYSTEM-47LPT Datasheet
184Kb / 7P
   Digital Panel Meters 47 Series
47NLN MSYSTEM-47NLN Datasheet
221Kb / 4P
   Digital Panel Meters 47NL Series
43AL1 MSYSTEM-43AL1 Datasheet
188Kb / 6P
   Digital Panel Meters 43 Series
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
   digital panel meters
logo
M-System Co.,Ltd.
43AL1-B MSYSTEM-43AL1-B Datasheet
131Kb / 4P
   Digital Panel Meters 43 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com