Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

242-03V Datasheet(PDF) 8 Page - Tyco Electronics

Part # 242-03V
Description  240 Series DIN Panel Meters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

242-03V Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 242-03V Datasheet HTML 4Page - Tyco Electronics 242-03V Datasheet HTML 5Page - Tyco Electronics 242-03V Datasheet HTML 6Page - Tyco Electronics 242-03V Datasheet HTML 7Page - Tyco Electronics 242-03V Datasheet HTML 8Page - Tyco Electronics 242-03V Datasheet HTML 9Page - Tyco Electronics 242-03V Datasheet HTML 10Page - Tyco Electronics 242-03V Datasheet HTML 11Page - Tyco Electronics 242-03V Datasheet HTML 12Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
84
Glossary
Glossary of Terms
MI
Moving iron, also called ‘iron vane’ in the North American market for measuring AC amps and volts.
MC
Moving coil for measuring DC amps and volts.
Taut band suspension
A meter movement held under tension, usually on a ligament.
movement
Ligament
The taut band.
Pivot and jewell (P&J)
A movement which rotates on a spindle, and pivots within an oil filled jewel. This type of movement
typically offers excellent vibration resistance characteristics.
Short-scale
Angle of deflection for a movement is usually 90 degrees but ANSI is 100 degrees in some products.
Long-scale
Angle of deflection for a movement is usually 240 degrees but is frequently referred to as 270 degree.
FSD
Full scale deflection.
ES
End scale.
Input
Electrical value from which the measurement is derived to achieve the full scale deflection of
the movement.
Linear
A term used to state that the input is constant, allowing for an even scaling.
Non linear
The opposite of linear, giving a scale shape which will cramp at some point on the dial. Usually
inaccurate below 20% of the full-scale value.
Logarithmic scaling
A log scale usually derived from a non linear DC output.
Scale
The graphical representation of the value being measured.
Dual arc
More than one set of figures on a dial plate.
Dial plate/scale plate
Surface on which the dial is drawn.
Calibration chart
A chart matching input values to scale mark, mainly used for complicated scales.
Enclosure rating
Usually expressed in the form of IP rating or as NEMA in America. This states the product,
resistance to the ingress of moisture and dust.
DIN
European standard meter shape. It is based on multiplies of 24mm, i.e. 48, 72, 96, 144 mm.
ANSI
American National Instrument Standard.
JIS
Japanese Instrument Standard.
BS89
Old British Standard usually refers to rectangular meter or “Fiesta” style products.
Switchboard meter
General term for long-scale instruments.
Panel meter
General name for short-scale instruments.
Analogue indicator
Generic term for instruments usually refers to a low accuracy meter. An indicator only.


Similar Part No. - 242-03V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
242-000-001L000 ETC2-242-000-001L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
242-000-002L000 ETC2-242-000-002L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
242-000-003L000 ETC2-242-000-003L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
242-000-004L000 ETC2-242-000-004L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
242-000-005L000 ETC2-242-000-005L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
More results

Similar Description - 242-03V

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
47NLNT MSYSTEM-47NLNT Datasheet
176Kb / 5P
   Digital Panel Meters 47NL Series
47NLR MSYSTEM-47NLR Datasheet
242Kb / 4P
   Digital Panel Meters 47NL Series
47NLRT MSYSTEM-47NLRT Datasheet
187Kb / 4P
   Digital Panel Meters 47NL Series
47LYV MSYSTEM-47LYV Datasheet
154Kb / 5P
   Digital Panel Meters 47 Series
47LV MSYSTEM-47LV Datasheet
201Kb / 8P
   Digital Panel Meters 47 Series
47LPT MSYSTEM-47LPT Datasheet
184Kb / 7P
   Digital Panel Meters 47 Series
47NLN MSYSTEM-47NLN Datasheet
221Kb / 4P
   Digital Panel Meters 47NL Series
43AL1 MSYSTEM-43AL1 Datasheet
188Kb / 6P
   Digital Panel Meters 43 Series
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
   digital panel meters
logo
M-System Co.,Ltd.
43AL1-B MSYSTEM-43AL1-B Datasheet
131Kb / 4P
   Digital Panel Meters 43 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com