Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

242-03V Datasheet(PDF) 11 Page - Tyco Electronics

Part # 242-03V
Description  240 Series DIN Panel Meters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

242-03V Datasheet(HTML) 11 Page - Tyco Electronics

Back Button 242-03V Datasheet HTML 4Page - Tyco Electronics 242-03V Datasheet HTML 5Page - Tyco Electronics 242-03V Datasheet HTML 6Page - Tyco Electronics 242-03V Datasheet HTML 7Page - Tyco Electronics 242-03V Datasheet HTML 8Page - Tyco Electronics 242-03V Datasheet HTML 9Page - Tyco Electronics 242-03V Datasheet HTML 10Page - Tyco Electronics 242-03V Datasheet HTML 11Page - Tyco Electronics 242-03V Datasheet HTML 12Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Analogue Instruments
DIN Instruments 240 Series & ANSI
Switchboard Meters 070 Series
LED Synchroscope & Synchrocheck
Relay with Dead Bus
Page 1 of 2
Ref: IWYSNC – Rev 6 – Sept 02
INSTALLATION INSTRUCTIONS
Products Covered
Model
Description
244-14A) Single Phase or 3 phase 3/4 Wire LED
077-14A) - synchroscope
244-14L)
Single Phase or 3 phase 3/4 wire LED
077-14L) - Synchroscope and Synchro check relay
244-14G) 244-14L with voltage difference input range
244-14H
244-14D with voltage difference input range
244-14D) Single phase or 3-phase 3/4 wire LED
077-14D) - Synchroscope and Synchro check relay with
deadbus
Introduction
244 models may be mounted in a panel of any thickness up
to a maximum of 12mm. Mounting is by two clamps and
thumbscrews.
077 Models may be mounted in a panel thickness up to a
maximum of 8mm (5/16”). Mounting is by 4 x 1/4 - 28 UNF
studs and nuts.
For all models consideration should be given to the space
required behind the units to allow for bends in the
connecting cables. Additional protection to the panel may
be obtained by the use of an optional gasket. The terminals
at the rear of the case should be protected from liquids.
Units should be mounted in a reasonably stable ambient
temperature and in any event where the temperature is
within the range 0-60 ºC.
The unit should not be mounted where it is subjected to
excessive direct sunlight; vibration should be kept to a
minimum. Connection wires should be sized to comply to
local regulations and should be terminated in tags suitable
for the crew connections provided, labels are fixed to the
units and carry full connection information and data including
type number, input voltage, current, frequency and supply as
appropriate. The products do not have internal fuses
therefore external fuses must be used for safety protection
under fault conditions.
Fusing and connections
1.
This unit must be fitted with external fuses in voltage
supply lines.
2.
Voltage input lines must be fused with a quick blow
fuse 1A maximum.
3.
Choose fuses of a type and with a breaking capacity
appropriate to the supply and in accordance with local
regulations.
Warning
During normal operation, voltages hazardous to life may
be present at some of the terminals of this unit.
Installation and servicing should be performed only by
qualified, properly trained personnel' abiding by local
regulations. Ensure all supplies are de-energised
before attempting connection or other procedures.
It is recommended adjustments be made with the
supplies de-energised, but if this is not possible, then
extreme caution should be exercised.
Terminals should not be user accessible after
installation and external installation provisions must be
sufficient to prevent hazards under fault conditions.
This unit is not intended to function as part of a system
providing the sole means of fault protection - good
engineering practice dictates that any critical function be
protected by at least two independent and diverse
means.
Screw torque
Main terminal screws should be tightened to 1.35Nm or 1.0
ft/lbf only. Detachable terminal connector screws should be
tightened to 0.9Nm or 0.7 ft/lbf only. Where fitted, terminal
covers are held in place by miniature self tapping screws
into plastic. These screws should be tightened by hand
only, sufficiently to secure the terminal cover and prevent it
vibrating.
Electromagnetic Compatibility
This unit has been designed to provide protection against
EM (electro-magnetic) interference in line with requirements
of EU and other regulations. Precautions necessary to
provide proper operation of this and adjacent equipment will
be installation dependent and so the following can only be
general guidance:-
Avoid routing wiring to this unit alongside cables and
products that are, or could be, a source of interference.
The auxiliary supply to the unit should not be subject to
excessive interference. In some cases, a supply line
filter may be required.
To protect the product against incorrect operation or
permanent damage, surge transients must be
controlled. It is good EMC practice to suppress
differential surges to 2kV or less at the source. The unit
has been designed to automatically recover from typical
transients, however in extreme circumstances it may be
necessary to temporarily disconnect the auxiliary supply
for a period of greater than 5 seconds to restore correct
operation.
Screened communication and small signal leads are
recommended and may be required. These and other
connecting leads may require the fitting of RF
suppression components, such as ferrite absorbers, line
filters etc., if RF fields cause problems.
It is good practice to install sensitive electronic instruments
that are performing critical functions in EMC enclosures that
protect against electrical interference causing a disturbance
in function.


Similar Part No. - 242-03V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
242-000-001L000 ETC2-242-000-001L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
242-000-002L000 ETC2-242-000-002L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
242-000-003L000 ETC2-242-000-003L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
242-000-004L000 ETC2-242-000-004L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
242-000-005L000 ETC2-242-000-005L000 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
More results

Similar Description - 242-03V

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
47NLNT MSYSTEM-47NLNT Datasheet
176Kb / 5P
   Digital Panel Meters 47NL Series
47NLR MSYSTEM-47NLR Datasheet
242Kb / 4P
   Digital Panel Meters 47NL Series
47NLRT MSYSTEM-47NLRT Datasheet
187Kb / 4P
   Digital Panel Meters 47NL Series
47LYV MSYSTEM-47LYV Datasheet
154Kb / 5P
   Digital Panel Meters 47 Series
47LV MSYSTEM-47LV Datasheet
201Kb / 8P
   Digital Panel Meters 47 Series
47LPT MSYSTEM-47LPT Datasheet
184Kb / 7P
   Digital Panel Meters 47 Series
47NLN MSYSTEM-47NLN Datasheet
221Kb / 4P
   Digital Panel Meters 47NL Series
43AL1 MSYSTEM-43AL1 Datasheet
188Kb / 6P
   Digital Panel Meters 43 Series
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
   digital panel meters
logo
M-System Co.,Ltd.
43AL1-B MSYSTEM-43AL1-B Datasheet
131Kb / 4P
   Digital Panel Meters 43 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com