Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5M0165R Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 5M0165R
Description  Fairchild Power Switch(FPS)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

5M0165R Datasheet(HTML) 1 Page - Fairchild Semiconductor

  5M0165R Datasheet HTML 1Page - Fairchild Semiconductor 5M0165R Datasheet HTML 2Page - Fairchild Semiconductor 5M0165R Datasheet HTML 3Page - Fairchild Semiconductor 5M0165R Datasheet HTML 4Page - Fairchild Semiconductor 5M0165R Datasheet HTML 5Page - Fairchild Semiconductor 5M0165R Datasheet HTML 6Page - Fairchild Semiconductor 5M0165R Datasheet HTML 7Page - Fairchild Semiconductor 5M0165R Datasheet HTML 8Page - Fairchild Semiconductor 5M0165R Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev.1.0.5
Features
• Precision Fixed Operating Frequency (100/67/50kHz )
• Low Start-up Current (Typ. 100uA)
• Pulse by Pulse Current Limiting
• Over Load Protection
• Over Voltage Protection (Min. 25V)
- except KA5H0165RVN
• Internal Thermal Shutdown Function
• Under Voltage Lockout
• Internal High Voltage Sense FET
• Auto-Restart Mode
Description
The Fairchild Power Switch(FPS) product family is specially
designed for an off-line SMPS with minimal external
components. The Fairchild Power Switch(FPS) consist of high
voltage power SenseFET and current mode PWM IC. Included
PWM controller features integrated fixed oscillator, under
voltage lock out, leading edge blanking, optimized gate turn-on/
turn-off driver, thermal shut down protection, over voltage
protection, and temperature compensated precision current
sources for loop compensation and fault protection circuitry
compared to discrete MOSFET and controller or RCC
switching converter solution, The Fairchild Power Switch(FPS)
can reduce total component count, design size, weight and at the
same time increase efficiency, productivity, and system
reliability. It is well suited for cost effective design of flyback
converters.
TO-220F-4L
8-DIP
1
1
1.6.7.8. Drain
2. GND
3. Vcc
4. FB
5. NC
1. GND
2. Drain
3. Vcc
4. FB
uA
Internal Block Diagram
VCC
32V
5
µA
2.5R
1R
1mA
0.1V
+
OVER VOLTAGE S/D
+
7.5V
27V
Thermal S/D
S
R
Q
Power on reset
+
L.E.B
S
R
Q
OSC
5V
Vref
Internal
bias
Good
logic
SFET
DRAIN
GND
FB
9V
KA5x0165Rxx-SERIES
KA5H0165R/RN, KA5M0165R/RN, KA5L0165R/RN,
KA5H0165RVN
Fairchild Power Switch(FPS)


Similar Part No. - 5M0165R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
5M02659R FAIRCHILD-5M02659R Datasheet
138Kb / 14P
   Fairchild Power Switch(FPS)
5M0265R FAIRCHILD-5M0265R Datasheet
138Kb / 14P
   Fairchild Power Switch(FPS)
logo
ON Semiconductor
5M0280R ONSEMI-5M0280R Datasheet
295Kb / 15P
   Power Switch
October-2017, Rev. 2
logo
Fairchild Semiconductor
5M0365R FAIRCHILD-5M0365R Datasheet
944Kb / 20P
   Fairchild Power Switch(FPS)
5M0365R FAIRCHILD-5M0365R Datasheet
654Kb / 14P
   Fairchild Power Switch(FPS)
More results

Similar Description - 5M0165R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com