Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

31265 Datasheet(PDF) 11 Page - Tyco Electronics

Part # 31265
Description  SOLISTRAND, Budget and DIAMOND GRIP
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

31265 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button 31265 Datasheet HTML 7Page - Tyco Electronics 31265 Datasheet HTML 8Page - Tyco Electronics 31265 Datasheet HTML 9Page - Tyco Electronics 31265 Datasheet HTML 10Page - Tyco Electronics 31265 Datasheet HTML 11Page - Tyco Electronics 31265 Datasheet HTML 12Page - Tyco Electronics 31265 Datasheet HTML 13Page - Tyco Electronics 31265 Datasheet HTML 14Page - Tyco Electronics 31265 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
SOLISTRAND, Budget and DIAMOND GRIP
Uninsulated Terminals and Splices
Catalog 65505
Revised 9-00
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
11
Terminal Stud Hole Size
Use to Select Proper Size Terminal
The chart shows sizes and dimensions of various studs and the corresponding terminal stud hole sizes used with AMP devices.
For example, with stud #5 (.125 [3.18] Diameter), use AMP device listed for #5 stud (.132 [3.35] Hole Diameter).
Terminal stud hole sizes may easily be checked by fitting sample terminal to black circle.
Stud Size
Typical Terminal
U.S. Cust.
Metric
Stud Dia.
Stud Hole Diameter
0#0
.060
.067
.003
1.52
1.70
0.08
0#1
.073
.080
.003
1.85
2.03
0.08
0#2
M2
.086
.093
.003
2.18
2.36
0.08
0#3
.099
2.51
Not Available
0#4
.112
.119
.003
2.84
3.02
0.08
0#5
M3
.125
.132
.003
3.18
3.35
0.08
0#6
M3.5
.138
.145
.003
3.51
3.68
0.08
0#8
M4
.164
.171
.003
4.17
4.34
0.08
#10
.190
.197
.003
4.83
5.00
0.08
#12
.216
.223
.003
5.49
5.66
0.08
#14
.242
.250
.003
6.15
6.35
0.08
1/4"
M6
.250
.265
.005
6.35
6.73
0.13
5/16"
M8
.312
.328
.005
7.92
8.33
0.13
3/8"
.375
.390
.005
9.53
9.91
0.13
Stud Size
Typical Terminal
U.S. Cust. Metric
Stud Dia.
Stud Hole Diameter
7/16"
.437
.453
.005
11.10
11.51
0.13
1/2"
M12
.500
.515
.005
12.70
13.08
0.13
5/8"
.625
.656
.005
M16
15.88
16.66
0.13
3/4"
.750
.781
.005
19.05
19.84
0.13
7/8"
.875
.906
.005
M22
22.23
23.01
0.13
1"
1.000
1.031
.005
25.40
26.19
0.13


Similar Part No. - 31265

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3126 ETC2-3126 Datasheet
113Kb / 2P
   FLAT WASHERS NYLON FIBRE
3126 ETC2-3126 Datasheet
158Kb / 3P
   3/8 Square Drive Sockets, SAE
logo
KR Electronics, Inc.
3126 KR-3126 Datasheet
71Kb / 3P
   3300 MHz Center Frequency
logo
List of Unclassifed Man...
3126 ETC2-3126 Datasheet
68Kb / 1P
   WASHERS
logo
Heyco.
3126 HEYCO-3126 Datasheet
120Kb / 1P
   Thick Panel Snap Bushings
More results

Similar Description - 31265

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-2567 TEC-408-2567 Datasheet
236Kb / 1P
   Tool and Die Selection Chart for Insulated PIDG*, PLASTI-GRIP*, DIAMOND GRIP* and Budget Terminals and Splices (30 to 10 AWG)
PIDG TEC-PIDG Datasheet
1Mb / 24P
   Pre-Insulated Diamond Grip
logo
Tyco Electronics
321684 MACOM-321684 Datasheet
48Kb / 1P
   SOLISTRAND, Uninsulated Terminals and Splices
logo
List of Unclassifed Man...
SC51-1 ETC2-SC51-1 Datasheet
1Mb / 9P
   Diamond Bonding and Grounding Hardware
logo
Tyco Electronics
31161 MACOM-31161 Datasheet
40Kb / 1P
   TERMINAL, RING, DIAMOND GRIP, WIRE SIZE, 22-16 AWG
34320 MACOM-34320 Datasheet
81Kb / 1P
   SPLICE, PARALLEL, SOLISTRAND
logo
TE Connectivity Ltd
408-1697 TEC-408-1697 Datasheet
449Kb / 8P
   SOLISTRAND Crimping Dies
logo
Tyco Electronics
34101 MACOM-34101 Datasheet
40Kb / 1P
   WIRE TERMINAL DIAMOND GRIP SLOTTED RING TONGUE WIRE SIZE:22-16
34227 MACOM-34227 Datasheet
45Kb / 1P
   SPLICE, BUTT, STANDARD, BUDGET
logo
TE Connectivity Ltd
T200 TEC-T200 Datasheet
616Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com