Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VBM-100-48 Datasheet(PDF) 3 Page - CUI INC

Part # VBM-100-48
Description  AC-DC POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VBM-100-48 Datasheet(HTML) 3 Page - CUI INC

  VBM-100-48 Datasheet HTML 1Page - CUI INC VBM-100-48 Datasheet HTML 2Page - CUI INC VBM-100-48 Datasheet HTML 3Page - CUI INC VBM-100-48 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cui.com
CUI Inc
│ SERIES: VBM-100 │ DESCRIPTION: AC-DC POWER SUPPLY
date
07/17/2013 │ page 3 of 4
MECHANICAL DRAWING
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
4.598 x 2.402 x 0.669 (116.80 x 61.00 x 17.00 mm)
inch
weight
without heatsink
220
0.5
g
lbs
PIN CONNECTIONS
PIN
FUNCTION
1
AC(L)
2
AC(N)
3FG
4
+Vout
5
-Vout
units: inch[mm]
tolerance: inches: x.xx = ±0.02, x.xxx = ±0.010
mm: x.x = ±0.5, x.xx = ±0.25
4- R
0. 2
10-
R0.
4
4- 3. 3
0.5
4.2
0.30
106.7±0.1
116.8
5.05
+0
-0.1
25.4
2.7
5.4
6- R1.
05
All specifications measured at: Ta=25°C, 230 Vac input voltage and 60% rated output load, unless otherwise specified.
units: mm
HEATSINK


Similar Part No. - VBM-100-48

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBM-100-48 CUI-VBM-100-48 Datasheet
205Kb / 4P
   AC-DC POWER SUPPLY
VBM-100-48 CUI-VBM-100-48 Datasheet
208Kb / 4P
   baseplate cooling
VBM-100-48 CUI-VBM-100-48 Datasheet
541Kb / 4P
   AC-DC POWER SUPPLY
03/10/2022
More results

Similar Description - VBM-100-48

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com