Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT125N Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74ABT125N
Description  Quad buffer; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT125N Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ABT125N Datasheet HTML 4Page - NXP Semiconductors 74ABT125N Datasheet HTML 5Page - NXP Semiconductors 74ABT125N Datasheet HTML 6Page - NXP Semiconductors 74ABT125N Datasheet HTML 7Page - NXP Semiconductors 74ABT125N Datasheet HTML 8Page - NXP Semiconductors 74ABT125N Datasheet HTML 9Page - NXP Semiconductors 74ABT125N Datasheet HTML 10Page - NXP Semiconductors 74ABT125N Datasheet HTML 11Page - NXP Semiconductors 74ABT125N Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
74ABT125_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 27 April 2010
8 of 15
NXP Semiconductors
74ABT125
Quad buffer; 3-state
Fig 10. Package outline SOT108-1 (SO14)
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E(1)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
inches
1.75
0.25
0.10
1.45
1.25
0.25
0.49
0.36
0.25
0.19
8.75
8.55
4.0
3.8
1.27
6.2
5.8
0.7
0.6
0.7
0.3
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included.
1.0
0.4
SOT108-1
X
w M
θ
A
A1
A2
bp
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
7
8
1
14
y
076E06
MS-012
pin 1 index
0.069
0.010
0.004
0.057
0.049
0.01
0.019
0.014
0.0100
0.0075
0.35
0.34
0.16
0.15
0.05
1.05
0.041
0.244
0.228
0.028
0.024
0.028
0.012
0.01
0.25
0.01
0.004
0.039
0.016
99-12-27
03-02-19
0
2.5
5 mm
scale
SO14: plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1


Similar Part No. - 74ABT125N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT125N PHILIPS-74ABT125N Datasheet
93Kb / 10P
   Quad buffer 3-State
1998 Jan 16
More results

Similar Description - 74ABT125N

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ABT126 NEXPERIA-74ABT126 Datasheet
219Kb / 11P
   Quad buffer; 3-state
Rev. 6 - 8 October 2020
logo
NXP Semiconductors
74ABT125 PHILIPS-74ABT125 Datasheet
93Kb / 10P
   Quad buffer 3-State
1998 Jan 16
74ABT126 PHILIPS-74ABT126_15 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Fairchild Semiconductor
74F125SCX FAIRCHILD-74F125SCX Datasheet
79Kb / 5P
   Quad Buffer (3-STATE)
logo
NXP Semiconductors
74ABT126D-602 PHILIPS-74ABT126D-602 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Nexperia B.V. All right...
74ABT125 NEXPERIA-74ABT125 Datasheet
245Kb / 12P
   Quad buffer; 3-state
Rev. 9 - 13 March 2023
logo
NXP Semiconductors
74ABT125 NXP-74ABT125 Datasheet
162Kb / 15P
   Quad buffer; 3-state
Rev. 04-27 April 2010
logo
Fairchild Semiconductor
74F125 FAIRCHILD-74F125 Datasheet
66Kb / 5P
   Quad Buffer (3-STATE)
DM74LS126A FAIRCHILD-DM74LS126A Datasheet
48Kb / 4P
   Quad 3-STATE Buffer
DM74ALS125 FAIRCHILD-DM74ALS125 Datasheet
51Kb / 5P
   Quad 3-STATE Buffer
logo
NXP Semiconductors
74ABT126 PHILIPS-74ABT126 Datasheet
92Kb / 10P
   Quad buffer 3-State
1998 Jan 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com