Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD52E52 Datasheet(PDF) 2 Page - Rohm

Part # BD52E52
Description  Free Delay Time Setting CMOS Voltage Detector IC Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD52E52 Datasheet(HTML) 2 Page - Rohm

  BD52E52 Datasheet HTML 1Page - Rohm BD52E52 Datasheet HTML 2Page - Rohm BD52E52 Datasheet HTML 3Page - Rohm BD52E52 Datasheet HTML 4Page - Rohm BD52E52 Datasheet HTML 5Page - Rohm BD52E52 Datasheet HTML 6Page - Rohm BD52E52 Datasheet HTML 7Page - Rohm BD52E52 Datasheet HTML 8Page - Rohm BD52E52 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Datasheet
2/12
BD52Exxx series
BD53Exxx series
TSZ02201-0R7R0G300080-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013 Rev.004
www.rohm.com
TSZ22111
15
001
Ordering Information
Lineup
Output Type
Open Drain
CMOS
Detection Voltage Marking
Part Number
Marking
Part Number
6.0V
Ph
BD52E60
Ud
BD53E60
5.9V
Pg
BD52E59
Uc
BD53E59
5.8V
Pf
BD52E58
Ub
BD53E58
5.7V
Pe
BD52E57
Ua
BD53E57
5.6V
Pd
BD52E56
Ry
BD53E56
5.5V
Pc
BD52E55
Rr
BD53E55
5.4V
Pb
BD52E54
Rp
BD53E54
5.3V
Pa
BD52E53
Rn
BD53E53
5.2V
Ny
BD52E52
Rm
BD53E52
5.1V
Nr
BD52E51
Rk
BD53E51
5.0V
Np
BD52E50
Rh
BD53E50
4.9V
Nn
BD52E49
Rg
BD53E49
4.8V
Nm
BD52E48
Rf
BD53E48
4.7V
Nk
BD52E47
Re
BD53E47
4.6V
Nh
BD52E46
Rd
BD53E46
4.5V
Ng
BD52E45
Rc
BD53E45
4.4V
Nf
BD52E44
Rb
BD53E44
4.3V
Ne
BD52E43
Ra
BD53E43
4.2V
Nd
BD52E42
Qy
BD53E42
4.1V
Nc
BD52E41
Qr
BD53E41
4.0V
Nb
BD52E40
Qp
BD53E40
3.9V
Na
BD52E39
Qn
BD53E39
3.8V
My
BD52E38
Qm
BD53E38
3.7V
Mr
BD52E37
Qk
BD53E37
3.6V
Mp
BD52E36
Qh
BD53E36
3.5V
Mn
BD52E35
Qg
BD53E35
3.4V
Mm
BD52E34
Qf
BD53E34
3.3V
Mk
BD52E33
Qe
BD53E33
3.2V
Mh
BD52E32
Qd
BD53E32
3.1V
Mg
BD52E31
Qc
BD53E31
3.0V
Mf
BD52E30
Qb
BD53E30
2.9V
Me
BD52E29
Qa
BD53E29
2.8V
Md
BD52E28
Py
BD53E28
2.7V
Mc
BD52E27
Pr
BD53E27
2.6V
Mb
BD52E26
Pp
BD53E26
2.5V
Ma
BD52E25
Pn
BD53E25
2.4V
Ly
BD52E24
Pm
BD53E24
2.3V
Lr
BD52E23
Pk
BD53E23
(Unit : mm)
SSOP5
2.9
±0.2
0.13
+6°
−4°
+0.05
−0.03
0.42
+0.05
−0.04
0.95
5
4
1
2
3
0.1
Direction of feed
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper right when you hold
reel on the left hand and you pull out the tape on the right hand
3000pcs
TR
(
)
1pin
Part
Output
Type
Reset
Voltage
Value
Package
Packaging
and
Number
52
:
Open
Drain
23
:
2.3V
G
:
SSOP5
forming
specification
53
:
CMOS
0.1V
step
TR
:
Embossed
tape
60
:
6.0V
and
reel
R
E
x
x
x
B
D
x
x
-
T


Similar Part No. - BD52E52

ManufacturerPart #DatasheetDescription
logo
Rohm
BD52E52 ROHM-BD52E52 Datasheet
396Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E52G ROHM-BD52E52G Datasheet
396Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results

Similar Description - BD52E52

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5260 ROHM-BD5260_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR Datasheet
308Kb / 12P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5240G-TR ROHM-BD5240G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-MTR ROHM-BD52E23G-MTR Datasheet
396Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5229G-TR ROHM-BD5229G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5226G-TR ROHM-BD5226G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5228FVE-TR ROHM-BD5228FVE-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com