Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD45E275 Datasheet(PDF) 5 Page - Rohm

Part # BD45E275
Description  Counter Timer Built-in CMOS Voltage Detector IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD45E275 Datasheet(HTML) 5 Page - Rohm

  BD45E275 Datasheet HTML 1Page - Rohm BD45E275 Datasheet HTML 2Page - Rohm BD45E275 Datasheet HTML 3Page - Rohm BD45E275 Datasheet HTML 4Page - Rohm BD45E275 Datasheet HTML 5Page - Rohm BD45E275 Datasheet HTML 6Page - Rohm BD45E275 Datasheet HTML 7Page - Rohm BD45E275 Datasheet HTML 8Page - Rohm BD45E275 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Datasheet
5/14
TSZ02201-0R7R0G300110-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
23.May.2013 Rev.003
www.rohm.com
TSZ22111・15・001
BD45Exxxx-M series
BD46Exxxx-M series
●Electrical characteristics (Unless Otherwise Specified Ta=-40 to 105°C) – continued
Parameter
Symbol
Condition
Limit
Unit
Min.
Typ.
Max.
Operating Voltage Range
VOPL
VOL≤0.4V, RL=470k , Ta=25 to 105°C
0.95
-
-
V
VOL≤0.4V, RL=470k , Ta=-40 to 25°C
1.20
-
-
‘High’ Output Voltage (Pch)
VOH
VDD=4.8V, ISOURCE= 1.0 mA, VDET(2.3V to 4.2V)
VDD-0.5
-
-
V
VDD=6.0V, ISOURCE= 1.2 mA, VDET(4.3V to 4.8V)
VDD-0.5
-
-
‘Low’Output Voltage (Nch)
VOL
VDD=1.2V, ISINK = 0.45 mA
-
-
0.3
V
VDD=2.4V, ISINK = 1.3 mA, VDET(2.7V to 4.8V)
-
-
0.3
Leak Current when OFF
Ileak
VDD=VDS=10V
*1
-
-
0.1
µA
ER Pin ‘H’ Voltage
VEH
*1
2.0
-
-
V
ER Pin ‘L’ Voltage
VEL
*1
-
-
0.8
V
ER Pin Input Current
IEL
-
1
10
µA
VDET(T):Standard Detection Voltage (2.3V to 4.8V, 0.1V step)
RL :Pull-up resistor to be connected between VOUT and power supply.
CL :Capacitor to be connected between VOUT and GND.
*1
Guarantee is Ta=25°C.
Attention: Please connect ‘ER’ to the GND when not in use.


Similar Part No. - BD45E275

ManufacturerPart #DatasheetDescription
logo
Rohm
BD45E275-M ROHM-BD45E275-M Datasheet
1Mb / 18P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45E275-TR ROHM-BD45E275-TR Datasheet
1Mb / 18P
   Counter Timer Built-in CMOS Voltage Detector IC
More results

Similar Description - BD45E275

ManufacturerPart #DatasheetDescription
logo
Rohm
BU45K232G-TL ROHM-BU45K232G-TL Datasheet
466Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45451G-TR ROHM-BD45451G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45301G-TR ROHM-BD45301G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45312G-TR ROHM-BD45312G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45EXXXX-M ROHM-BD45EXXXX-M Datasheet
1Mb / 18P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45235G-TR ROHM-BD45235G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45XXG ROHM-BD45XXG_09 Datasheet
280Kb / 10P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45485 ROHM-BD45485 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD45XXXG ROHM-BD45XXXG Datasheet
222Kb / 6P
   Voltage Detector IC built in Delay Citcuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com