Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

48518-2 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 48518-2
Description  Hand Crimping Tools
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

48518-2 Datasheet(HTML) 4 Page - Tyco Electronics

  48518-2 Datasheet HTML 1Page - Tyco Electronics 48518-2 Datasheet HTML 2Page - Tyco Electronics 48518-2 Datasheet HTML 3Page - Tyco Electronics 48518-2 Datasheet HTML 4Page - Tyco Electronics 48518-2 Datasheet HTML 5Page - Tyco Electronics 48518-2 Datasheet HTML 6Page - Tyco Electronics 48518-2 Datasheet HTML 7Page - Tyco Electronics 48518-2 Datasheet HTML 8Page - Tyco Electronics 48518-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
408-1559
Hand Crimping Tools
Rev P
4 of 10
Tyco Electronics Corporation
TOOL NUMBER
AND
DESCRIPTION
WIRE
RANGE
(AWG)
TOOL
COLOR
AND DOT
CODE
PRODUCT
PRODUCT
INSULATION COLOR
CODE
WIRE STRIP
LENGTH
46121
169485
47304D
26
MIN.
MAX.
4.8
[3/16]
5.6
[7/32]
INSUL
DIA.
RANGE
mm [in.]
0.66-1.40
[.026-.055]
RED
AND
YELLOW
ONE DOT
PIDG
INSULATION
RESTRICTING
NYLON
TERMINALS
YELLOW W/3
BLACK STRIPES
YELLOW W/3
BLUE STRIPES
24
0.79-1.40
[.031-.055]
26
0.66-1.40
[.026-.055]
24
0.79-1.40
[.031-.055]
PIDG INSULATION
RESTRICTING
NYLON TERMINALS
MS 7928/1-1
THRU -10
YELLOW W/3
BLACK STRIPES
YELLOW W/3
BLUE STRIPES
69151-1D
22
0.97-2.79
[.038-.055]
20
1.17-2.79
[.046-.110]
18
1.42-2.79
[.056-.110]
YELLOW AND RED
ONE DOT (TOOL NO.
69151-1
MOD. F IS CODED
RED ONLY)
PIDG
INSULATION
RESTRICTING
NYLON
TERMINALS
RED W/3
GREEN STRIPES
RED W/3
RED STRIPES
RED W/3
WHITE STRIPES
6.4
[1/4]
7.1
9/32
47387
16
1.60-3.30
[.063-.130]
BLUE AND
GREEN
TWO DOTS
BLUE W/3
BLUE STRIPES
D TIGHT INSULATION SUPPORT FOR WIRES WITH THIN WALL INSULATION
TOOL NUMBER
AND
DESCRIPTION
WIRE
RANGE
(AWG)
TOOL
COLOR
AND DOT
CODE
PRODUCT
PRODUCT
INSULATION COLOR
CODE
WIRE STRIP
LENGTH
22-18
MIN.
MAX.
8
[5/16]
8.7
[11/32]
YELLOW
AND RED
ONE DOT
SPARE WIRE CAP
NO. 328308
BLUE
47387
16-14
BLUE AND
GREEN
TWO DOTS
SPARE WIRE CAP
NO. 328307
RED
TOOL NUMBER
AND
DESCRIPTION
PRODUCT
PRODUCT
INSULATION COLOR
CODE
WIRE STRIP
LENGTH
26-24
MIN.
MAX.
4.8
[3/16]
5.6
[7/32]
48518-2
PIDG FASTON RECEPTACLES
P/N 641321-1 (187 SERIES) AND P/N
641324-1 (110 SERIES)
YELLOW
NOTE: Color code is for
reference only. Always order correct
tool by supplying part numbers of
receptacles being crimped.
Figure 3 (end)
B" Equals
Wire Barrel
C" Equals
Insulation
Barrel
Terminal Wire Barrel
Butts Against Locator
End of Wire Conductor
Butts Against Tool Locator
(Note: Wire Butts Against
FASTON Receptacle Wire
Stop)
PIDG and PLASTI-GRIP Terminals
“C”
“B”
PIDG
Terminal
“C”
“B”
“C”
“B”
Wire Stop
PIDG FASTON Receptacle
PLASTI-GRIP Terminal
“C” “B”
PIDG
Insulation
Restricting
Terminal
WIRE
RANGE
(AWG)
Figure 4
47386
47386-5
47386
47386-5
47386
47386-5


Similar Part No. - 48518-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
48518-2 TEC-48518-2 Datasheet
657Kb / 10P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com