Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD52E47 Datasheet(PDF) 4 Page - Rohm

Part # BD52E47
Description  Free Delay Time Setting CMOS Voltage Detector IC Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD52E47 Datasheet(HTML) 4 Page - Rohm

  BD52E47 Datasheet HTML 1Page - Rohm BD52E47 Datasheet HTML 2Page - Rohm BD52E47 Datasheet HTML 3Page - Rohm BD52E47 Datasheet HTML 4Page - Rohm BD52E47 Datasheet HTML 5Page - Rohm BD52E47 Datasheet HTML 6Page - Rohm BD52E47 Datasheet HTML 7Page - Rohm BD52E47 Datasheet HTML 8Page - Rohm BD52E47 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Datasheet
4/12
BD52Exxx series
BD53Exxx series
TSZ02201-0R7R0G300080-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013 Rev.004
www.rohm.com
TSZ22111
15
001
Electrical characteristics (Unless Otherwise Specified Ta=-40 to 105°C) - continued
Parameter
Symbol
Condition
Limit
Unit
Min.
Typ.
Max.
Leak Current when OFF
Ileak
VDD=VDS=10V
*1
-
-
0.1
µA
CT pin Threshold Voltage
VCTH
VDD=VDET×1.1, VDET=2.3-2.6V, RL=470kΩ
VDD
×0.30
VDD
×0.40
VDD
×0.60
V
VDD=VDET×1.1, VDET=2.7-4.2V, RL=470kΩ
VDD
×0.30
VDD
×0.45
VDD
×0.60
VDD=VDET×1.1, VDET=4.3-5.2V, RL=470kΩ
VDD
×0.35
VDD
×0.50
VDD
×0.60
VDD=VDET×1.1, VDET=5.3-6.0V, RL=470kΩ
VDD
×0.40
VDD
×0.50
VDD
×0.60
Output Delay Resistance
RCT
VDD=VDET×1.1
VCT=0.5V
*1
5.5
9
12.5
MΩ
CT pin Output Current
ICT
VCT=0.1V
VDD=0.95V
*1
15
40
-
µA
VCT=0.5V
VDD=1.5V
150
240
-
Detection Voltage
Temperature coefficient
VDET/∆T Ta=-40°C to 105°C
-
±100
±360
ppm/°C
Hysteresis Voltage
∆ VDET VDD=L
H
L, RL=470kΩ
VDET
×0.03
VDET
×0.05
VDET
×0.08
V
VDET (T) : Standard Detection Voltage (2.3V to 6.0V, 0.1V step)
RL: Pull-up resistor to be connected between VOUT and power supply.
Design Guarantee. (Outgoing inspection is not done on all products.)
*1
Guarantee is Ta=25°C.


Similar Part No. - BD52E47

ManufacturerPart #DatasheetDescription
logo
Rohm
BD52E47 ROHM-BD52E47 Datasheet
396Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E47G ROHM-BD52E47G Datasheet
396Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results

Similar Description - BD52E47

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5260 ROHM-BD5260_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR Datasheet
308Kb / 12P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5240G-TR ROHM-BD5240G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-MTR ROHM-BD52E23G-MTR Datasheet
396Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5229G-TR ROHM-BD5229G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5226G-TR ROHM-BD5226G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5228FVE-TR ROHM-BD5228FVE-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com