Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

350866 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 350866
Description  Universal MATE N LOK Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

350866 Datasheet(HTML) 1 Page - Tyco Electronics

  350866 Datasheet HTML 1Page - Tyco Electronics 350866 Datasheet HTML 2Page - Tyco Electronics 350866 Datasheet HTML 3Page - Tyco Electronics 350866 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - 350866

ManufacturerPart #DatasheetDescription
logo
Linear Technology
3508 LINER-3508 Datasheet
316Kb / 24P
   Dual Monolithic 1.4A Step-Down Switching Regulator
logo
List of Unclassifed Man...
3508-0000PR ETC2-3508-0000PR Datasheet
282Kb / 9P
   designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch flat cable
3508-0000S ETC2-3508-0000S Datasheet
282Kb / 9P
   designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch flat cable
3508-0000SC ETC2-3508-0000SC Datasheet
282Kb / 9P
   designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch flat cable
3508-0100PR ETC2-3508-0100PR Datasheet
282Kb / 9P
   designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch flat cable
More results

Similar Description - 350866

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
640901-1 MACOM-640901-1 Datasheet
152Kb / 4P
   Universal MATE-N-LOK Connectors
640583-1 MACOM-640583-1 Datasheet
152Kb / 4P
   UNIVERSAL MATE-N-LOK CONNECTORS
logo
TE Connectivity Ltd
408-7714 TEC-408-7714 Datasheet
312Kb / 3P
   Universal MATE-N-LOK Connectors
114-16017 TEC-114-16017 Datasheet
192Kb / 12P
   Mini-Universal MATE-N-LOK Connectors
logo
List of Unclassifed Man...
C-350537 ETC2-C-350537 Datasheet
83Kb / 1P
   Universal Mate-N-LOK
logo
Tyco Electronics
312929 MACOM-312929 Datasheet
125Kb / 3P
   Mini Universal MATE N LOK 2 Connectors
350536 MACOM-350536 Datasheet
74Kb / 1P
   SOCKET, UNIVERSAL MATE-N-LOK
770010 MACOM-770010 Datasheet
103Kb / 1P
   SOCKET, UNIVERSAL MATE-N-LOK
350538-1 MACOM-350538-1 Datasheet
81Kb / 1P
   PIN, UNIVERSAL MATE-N-LOK
1650479 MACOM-1650479 Datasheet
77Kb / 1P
   PIN MINI UNIVERSAL MATE N LOK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com