Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD4735 Datasheet(PDF) 1 Page - Rohm

Part # BD4735
Description  Bipolar Voltage Detector ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4735 Datasheet(HTML) 1 Page - Rohm

  BD4735 Datasheet HTML 1Page - Rohm BD4735 Datasheet HTML 2Page - Rohm BD4735 Datasheet HTML 3Page - Rohm BD4735 Datasheet HTML 4Page - Rohm BD4735 Datasheet HTML 5Page - Rohm BD4735 Datasheet HTML 6Page - Rohm BD4735 Datasheet HTML 7Page - Rohm BD4735 Datasheet HTML 8Page - Rohm BD4735 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Product structure
Silicon monolithic integrated circuit
This product is not designed for protection against radioactive rays
.
1/10
Datasheet
TSZ02201-0R7R0G300020-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013 Rev.006
TSZ22111
14
001
www.rohm.com
Voltage Detector IC Series
Bipolar
Voltage Detector ICs
BD47xx series
General Description
The
BD47xx
series
is
a
Voltage
Detector
IC,
developed to prevent system errors at transient state,
when the power of CPU or logic circuit switches
ON/OFF or in cases of momentary shut down. These
ICs consist of three terminals (power supply, GND and
reset output) to detect power supply voltages and
outputs reset signals of various systems. These ICs
are ultra-compact and have low current consumption,
making them ideal for portable products.
Features
High accuracy detection
Low current consumption
Very small package
Open collector “L” reset output
Package SSOP5 is similar to SOT-23-5 (JEDEC)
Key Specifications
Detection voltage range:
1.9V to 4.6V (Typ.)
0.1V steps
High accuracy detection voltage:
±1%
Low current consumption:
1.6µA (Typ.)
Operating temperature range:
-40°C to +75°C
Package
SSOP5
2.90mm x 2.80mm x 1.25mm
Applications
Circuits using microcontrollers or logic circuits that require
a reset.
Typical Application Circuit
Connection Diagram
SSOP5
TOP VIEW
Pin Descriptions
PIN No.
Symbol
Function
1
N.C.
Unconnected Terminal
2
SUB
Substrate*
3
GND
GND
4
VOUT
Reset Output
5
VDD
Power Supply Voltage
*Substrate Pin should be connected with GND
GND
BD47xx series
RESET
GND
VOUT
VDD
VDD
CPU
Micro-controller
CL
RL
N.C.
SUB GND
VOUT
VDD
Lot. No
Marking


Similar Part No. - BD4735

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4735 ROHM-BD4735 Datasheet
175Kb / 6P
   System Reset IC
BD4735 ROHM-BD4735 Datasheet
291Kb / 8P
   Bipolar Voltage Detector IC
BD4735 ROHM-BD4735 Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
BD4735 ROHM-BD4735 Datasheet
431Kb / 13P
   Bipolar Voltage Detector ICs
BD4735 ROHM-BD4735 Datasheet
222Kb / 8P
   Bipolar Voltage Detector ICs
More results

Similar Description - BD4735

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4727G-TR ROHM-BD4727G-TR Datasheet
322Kb / 13P
   Bipolar Voltage Detector ICs
BD4719 ROHM-BD4719 Datasheet
1Mb / 14P
   Bipolar Voltage Detector ICs
BD4730G-TR ROHM-BD4730G-TR Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
BD47XXG_101 ROHM-BD47XXG_101 Datasheet
222Kb / 8P
   Bipolar Voltage Detector ICs
BD4746G-TR ROHM-BD4746G-TR Datasheet
431Kb / 13P
   Bipolar Voltage Detector ICs
logo
Isahaya Electronics Cor...
RT8H012C ISAHAYA-RT8H012C Datasheet
70Kb / 5P
   Bipolar voltage detector
logo
Rohm
BU48XXG ROHM-BU48XXG_11 Datasheet
290Kb / 9P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4842F-TR ROHM-BU4842F-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4815G-TR ROHM-BU4815G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BD47XXG ROHM-BD47XXG_10 Datasheet
291Kb / 8P
   Bipolar Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com