Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA5H0280R Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # KA5H0280R
Description  Fairchild Power Switch(FPS)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5H0280R Datasheet(HTML) 4 Page - Fairchild Semiconductor

  KA5H0280R Datasheet HTML 1Page - Fairchild Semiconductor KA5H0280R Datasheet HTML 2Page - Fairchild Semiconductor KA5H0280R Datasheet HTML 3Page - Fairchild Semiconductor KA5H0280R Datasheet HTML 4Page - Fairchild Semiconductor KA5H0280R Datasheet HTML 5Page - Fairchild Semiconductor KA5H0280R Datasheet HTML 6Page - Fairchild Semiconductor KA5H0280R Datasheet HTML 7Page - Fairchild Semiconductor KA5H0280R Datasheet HTML 8Page - Fairchild Semiconductor KA5H0280R Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
KA5X02XX-SERIES
4
Electrical Characteristics (Control Part) (Continued)
(Ta=25
°C unless otherwise specified)
Note:
1. These parameters, although guaranteed, are not 100% tested in production
2. These parameters, although guaranteed, are tested in EDS (wafer test) process
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
UVLO SECTION
Start Threshold Voltage
VSTART
VFB=GND
14
15
16
V
Stop Threshold Voltage
VSTOP
VFB=GND
8.2
8.8
9.4
V
OSCILLATOR SECTION
Initial Accuracy
FOSC
KA5H0265xRx
KA5H0280R
90
100
110
kHz
Initial Accuracy
FOSC
KA5M0265xRx
KA5M0280R
61
67
73
kHz
Initial Accuracy
FOSC
KA5L0265R
45
50
55
kHz
Frequency Change With Temperature (2)
∆F/∆T-25°C ≤ Ta ≤ +85°C-
±5
±10
%
Maximum Duty Cycle
Dmax
KA5H0265xRx
KA5H0280R
62
67
72
%
Maximum Duty Cycle
Dmax
KA5M0265xRx
KA5M0280R
KA5L0265R
72
77
82
%
FEEDBACK SECTION
Feedback Source Current
IFB
Ta=25
°C, 0V ≤ Vfb ≤ 3V
0.7
0.9
1.1
mA
Shutdown Feedback Voltage
VSD
Vfb
≤ 6.5V
6.9
7.5
8.1
V
Shutdown Delay Current
Idelay
Ta=25
°C, 5V ≤ Vfb ≤ VSD
456
µA
SOFT START SECTION
Soft Start Voltage
VSS
KA5H0265RC
4.7
5.0
5.3
V
Soft Start Current
ISS
0.8
1.0
1.2
mA
REFERENCE SECTION
Output Voltage (1)
Vref
Ta=25
°C
4.80
5.00
5.20
V
Temperature Stability (1)(2)
Vref/
∆T-25°C ≤ Ta ≤ +85°C-
0.3
0.6
mV/
°C
CURRENT LIMIT(SELF-PROTECTION)SECTION
Peak Current Limit
IOVER
KA5x02659RN
0.79
0.9
1.01
A
Peak Current Limit
IOVER
KA5x0265Rx
KA5x0280R
1.05
1.2
1.34
A
PROTECTION SECTION
Over Voltage Protection
VOVP
VCC
≥ 24V
25
27
29
V
Thermal Shutdown Temperature (1)
TSD
-
140
160
-
°C
TOTAL DEVICE SECTION
Start-up Current
ISTART
VCC=14V
-
100
170
µA
Operating Supply Current
(Control Part Only)
IOPR
VCC
≤ 28
-
7
12
mA


Similar Part No. - KA5H0280R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KA5H0280R ONSEMI-KA5H0280R Datasheet
295Kb / 15P
   Power Switch
October-2017, Rev. 2
KA5H0280RTU ONSEMI-KA5H0280RTU Datasheet
295Kb / 15P
   Power Switch
October-2017, Rev. 2
KA5H0280RYDTU ONSEMI-KA5H0280RYDTU Datasheet
295Kb / 15P
   Power Switch
October-2017, Rev. 2
More results

Similar Description - KA5H0280R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com