Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

91500-1 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 91500-1
Description  Premium CERTI-CRIMP II Hand Tools
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

91500-1 Datasheet(HTML) 5 Page - Tyco Electronics

  91500-1 Datasheet HTML 1Page - Tyco Electronics 91500-1 Datasheet HTML 2Page - Tyco Electronics 91500-1 Datasheet HTML 3Page - Tyco Electronics 91500-1 Datasheet HTML 4Page - Tyco Electronics 91500-1 Datasheet HTML 5Page - Tyco Electronics 91500-1 Datasheet HTML 6Page - Tyco Electronics 91500-1 Datasheet HTML 7Page - Tyco Electronics 91500-1 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
For drawings or technical data, contact your TE Connectivity sales engineer or call the Technical Support
Center: 1-800-522-6752. Dimensions are in millimeters unless specified otherwise. Values in brackets
are English equivalents unless specified otherwise. Specifications subject to change. Consult TE
Connectivity for latest specifications.
Need More Information?
For information about tooling, call 1-800-522-6752
or e-mail toolsales@te.com.
Premium CERTI-CRIMP II Hand Tools
Catalog 65780
Revised 04-2011
CERTI-CRIMP Tooling Options
Double Action Hand Tool (DAHT)
Dies travel in arc-like path
Locator on tools for FASTON, MATE-N-LOK,
PIDG and PLASTI-GRIP
Insulation adjustment on tools for
FASTON, MATE-N-LOK, PIDG and
PLASTI-GRIP terminals
Approx. weight 1.2 lb [0.54 kg]
T-HEAD Hand Tool
Dies close in a straight line
Locator
Quick take-up on handle for holding
terminal or splice in place
Adjust insulation crimp with a 4-position
screw
Color coded
Approx. weight 1.3 lb [0.59 kg]
Heavy Head Hand Tool (HHHT)
Designed to terminate most large coaxial cable
and heavy-gage wire
Dies close in a straight line
Locator and wire stop when applicable
Insulation adjustment on tools for
AMPLI-BOND, PIDG and PLASTI-GRIP
Approx. weight 2.1 lb [0.95 kg]
TETRA-CRIMP Hand Tool Part No. 59824-1
Dies travel in arc-like path
Multiple color-coded crimping cavities
Terminal locator and wire stop
Ratchet control release
Approx. weight 1.4 lb [0.64 kg]
Platform Die Hand Tool Part No. 58078-3
Same frame configuration as
TETRA-CRIMP Hand Tool
Dies are interchangeable
Adjustable terminal locator
Approx. weight 1.4 lb [0.64 kg]
"C" Head Straight Action Hand Tool
Part No. 69710-1
Dies close in a straight line
Dies are interchangeable
Locators and other applicable features
included with dies
Approx. weight 1.9 lb [0.86 kg]
Straight Action Hand Tool (SAHT)
Dies close in a straight line
Contact locator and support
Wire stop
Insulation crimp adjustment
(4 positions)
Ejects crimped contact
Approx.weight 1.3 lb [0.59 kg]


Similar Part No. - 91500-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
915000 ETC2-915000 Datasheet
17Kb / 1P
   Security Cable Slot lock
More results

Similar Description - 91500-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-8547 TEC-408-8547 Datasheet
137Kb / 4P
   CERTI-CRIMP II Straight Action Hand Tools
411-1050 TEC-411-1050 Datasheet
371Kb / 5P
   CERTI-CRIMP Hand Tools
408-7235 TEC-408-7235 Datasheet
69Kb / 4P
   CERTI-CRIMP Hand Crimping Tools
408-10274 TEC-408-10274 Datasheet
145Kb / 5P
   The CERTI--CRIMP II Straight Action Hand Tools are designed to crimp a variety of loose piece terminals
408-10414 TEC-408-10414 Datasheet
167Kb / 5P
   The CERTI--CRIMP II Straight Action Hand Tools are designed to crimp a variety of loose piece terminals
logo
Tyco Electronics
408-10021 MACOM-408-10021 Datasheet
530Kb / 5P
   The CERTI--CRIMP II Tool Holder Assembly
logo
TE Connectivity Ltd
408-2029 TEC-408-2029 Datasheet
322Kb / 10P
   ROTA-CRIMP Hand Crimping Tools
logo
Tyco Electronics
1583007 MACOM-1583007 Datasheet
94Kb / 1P
   CERTI- CRIMP II TOOL DATA SHEET EI SERIES CONNECTORS
logo
Molex Electronics Ltd.
0638161920 MOLEX-0638161920 Datasheet
36Kb / 1P
   Power Crimp Adapter for Type 4D Hand Crimp Tools
08/26/2022
0638161950 MOLEX-0638161950 Datasheet
33Kb / 1P
   Power Crimp Adapter for Type 4A Hand Crimp Tools
08/26/2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com