Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH15M0AWHFV-TR Datasheet(PDF) 7 Page - Rohm

Part # BH15M0AWHFV-TR
Description  1ch 300mA CMOS LDO Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH15M0AWHFV-TR Datasheet(HTML) 7 Page - Rohm

Back Button BH15M0AWHFV-TR Datasheet HTML 3Page - Rohm BH15M0AWHFV-TR Datasheet HTML 4Page - Rohm BH15M0AWHFV-TR Datasheet HTML 5Page - Rohm BH15M0AWHFV-TR Datasheet HTML 6Page - Rohm BH15M0AWHFV-TR Datasheet HTML 7Page - Rohm BH15M0AWHFV-TR Datasheet HTML 8Page - Rohm BH15M0AWHFV-TR Datasheet HTML 9Page - Rohm BH15M0AWHFV-TR Datasheet HTML 10Page - Rohm BH15M0AWHFV-TR Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Datasheet
Datasheet
7/10
TSZ02201-0RBR0A300070-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
21.Nov.2013 Rev.001
www.rohm.com
TSZ22111・15・001
BHxxM0A series
●About input/output capacitor
It is recommended that an input capacitor is placed near pins
between the VCC pin and GND as well as an output capacitor
between the output pin and GND. The input is valid when the
power supply impedance is high or when the PCB trace has
significant length. For the output capacitor, the greater the
capacitance, the more stable the output will be depending on
the load and line voltage variations. However, please check the
actual functionality of this capacitor by mounting it on a board
for the actual application. Ceramic capacitors usually have
different,
thermal
and
equivalent
series
resistance
characteristics, and may degrade gradually over continued
use.
For additional details, please check with the manufacturer,
and select the best ceramic capacitor for your application
●Equivalent Series Resistance (ESR) of a Ceramic Capacitor
Capacitors generally have ESR (equivalent series resistance) and it
operates stably in the ESR-IOUT area shown on the right. Since
ceramic capacitors, tantalum capacitors, electrolytic capacitors, etc.
generally have different ESR, please check the ESR of the capacitor to
be used and use it within the stability area range shown in the right
graph for evaluation of the actual application.
●Power Dissipation (Pd)
As for power dissipation, an estimate of heat reduction characteristics and internal power consumption of IC are shown, so
please use these for reference. Since power dissipation changes substantially depending on the implementation conditions
(board size, board thickness, metal wiring rate, number of layers and through holes, etc.), it is recommended to measure Pd
on a set board. Exceeding the power dissipation of IC may lead to deterioration of the original IC performance, such as
causing the operation of the thermal shutdown circuit or reduction in current capability. Therefore, be sure to prepare
sufficient margin within power dissipation for usage.
Calculation of the maximum internal power consumption of IC (PMAX)
PMAX=(VIN-VOUT)×IOMAX
Where : VIN=Input voltage
VOUT= Output voltage
IOMAX: Maximum output current
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
25
50
75
100
125
Ta (℃)
0.68W
85
Standard ROHM
board
Capacity value of ceramic capacitor - DC bias characteristics
(Example)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
00.5
1
1.5
22.53
3.54
DC Bias Voltage [V]
10-V withstand voltage
B1characteristics
GRM188B11A105KA61D
10-V withstand voltag e
B characteristics
6.3-V withstand voltage
B characteristics
4-V withstand voltag e
X6S characteristics
10-V withstand voltag e
F characteristics
10-V withstand voltage
F characteristics
* Please design the margin so that
PMAX becomes is than Pd (PMAX
<Pd)
within the usage temperature range
Figure 13.HVSOF6 Power dissipation heat reduction characteristics (Reference)
0.01
0.1
1
10
100
0
50
100
150
200
250
300
Output Current IOUT [mA]
Stable region
Cout=1.0
μF,Cin=1.0μF,Temp=+25℃
Figure 12. Stable region (example)
Figure 11. Capacity-bias characteristics


Similar Part No. - BH15M0AWHFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
More results

Similar Description - BH15M0AWHFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BU15TA2WNVX ROHM-BU15TA2WNVX_11 Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com