Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD53E47 Datasheet(PDF) 11 Page - Rohm

Part # BD53E47
Description  Free Delay Time Setting CMOS Voltage Detector IC Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD53E47 Datasheet(HTML) 11 Page - Rohm

Back Button BD53E47 Datasheet HTML 7Page - Rohm BD53E47 Datasheet HTML 8Page - Rohm BD53E47 Datasheet HTML 9Page - Rohm BD53E47 Datasheet HTML 10Page - Rohm BD53E47 Datasheet HTML 11Page - Rohm BD53E47 Datasheet HTML 12Page - Rohm BD53E47 Datasheet HTML 13Page - Rohm BD53E47 Datasheet HTML 14Page - Rohm BD53E47 Datasheet HTML 15Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Datasheet
11/12
BD52Exxx-M series
BD53Exxx-M series
TSZ02201-0R7R0G300090-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013 Rev.004
www.rohm.com
TSZ22111
15
001
3) Examples of the power supply with resistor dividers
In applications wherein the power supply voltage of an IC comes from a resistor divider circuit, an in-rush current will flow
into the circuit when the output level switches from “High” to “Low” or vice versa. In-rush current is a sudden surge of
current that flows from the power supply (VDD) to ground (GND) as the output logic changes its state. This current flow
may cause malfunction in the systems operation such as output oscillations, etc.
Figure.21
When an in-rush current (I1) flows into the circuit (Refer to Fig. 21) at the time when output switches from “Low” to “High”,
a voltage drop of I1×R2 (input resistor) will occur in the circuit causing the VDD supply voltage to decrease. When the VDD
voltage drops below the detection voltage, the output will switch from “High” to “Low”. While the output voltage is at “Low”
condition, in-rush current will stop flowing and the voltage drop will be reduced. As a result, the output voltage will switches
again from “Low” to “High” which causes an in-rush current and a voltage drop. This operation repeats and will result to
oscillation.
Figure.22
IDD Peak Current
vs. Power Supply Voltage
* This data is for reference only.
The figures will vary with the application, so please confirm actual operating conditions before use.
VOUT
R2
VDD
BD52Exxx-M
BD53Exxx-M
GND
R1
I1
V1
CIN
CL
IDD
VDD
VDET
0
Through
Current
0. 001
0. 01
0. 1
1
10
3
4
5
6
7
8
9
10
VDD[ V]
VDD
- I DD
Pe ak Cu rre n t Ta= 2 5 ℃
BD 52Exx x -M
BD 53Exx x -M


Similar Part No. - BD53E47

ManufacturerPart #DatasheetDescription
logo
Rohm
BD53E47 ROHM-BD53E47 Datasheet
373Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD53E47G ROHM-BD53E47G Datasheet
373Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results

Similar Description - BD53E47

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5260 ROHM-BD5260_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-TR ROHM-BD52E23G-TR Datasheet
373Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR Datasheet
308Kb / 12P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5240G-TR ROHM-BD5240G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5229G-TR ROHM-BD5229G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5226G-TR ROHM-BD5226G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5228FVE-TR ROHM-BD5228FVE-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com