Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH30MA3WHFV-TR Datasheet(PDF) 3 Page - Rohm

Part # BH30MA3WHFV-TR
Description  Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH30MA3WHFV-TR Datasheet(HTML) 3 Page - Rohm

  BH30MA3WHFV-TR Datasheet HTML 1Page - Rohm BH30MA3WHFV-TR Datasheet HTML 2Page - Rohm BH30MA3WHFV-TR Datasheet HTML 3Page - Rohm BH30MA3WHFV-TR Datasheet HTML 4Page - Rohm BH30MA3WHFV-TR Datasheet HTML 5Page - Rohm BH30MA3WHFV-TR Datasheet HTML 6Page - Rohm BH30MA3WHFV-TR Datasheet HTML 7Page - Rohm BH30MA3WHFV-TR Datasheet HTML 8Page - Rohm BH30MA3WHFV-TR Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/8
Technical Note
BH
□□FB1WG series, BH□□FB1WHFV series,
BH
□□LB1WG series, BH□□LB1WHFV series,
BH
□□MA3WHFV series
2
1.5
1
0.5
0
4
3
2
1
0
Input Voltage VIN[V]
Input Voltage VIN[V]
60
50
40
30
20
10
0
60
50
40
30
20
10
0
Input Voltage VIN[V]
Input Voltage VIN[V]
100
80
60
40
20
0
Input Voltage VIN[V]
4
3
2
1
0
Input Voltage VIN[V]
2
1.5
1
0.5
0
3.5
3
2.5
2
1.5
1
0.5
0
Output Current IOUT[mA]
3.5
3
2.5
2
1.5
1
0.5
0
Output Current IOUT[mA]
Output Current IOUT[mA]
500
400
300
200
100
0
Output Current IOUT[mA]
300
250
200
150
100
50
0
Output Current IOUT[mA]
~ Condition ~
VIN=0 to 5.5V
Cin=0.1
μF
Co=1.0
μF
ROUT=1.5k
Ω
Ta=25
°C
BH15LB1WHFV
~ Condition ~
VIN=0 to 5.5V
Cin=0.1
μF
Co=1.0
μF
ROUT=2.8k
Ω
Ta=25
°C
BH28FB1WHFV
~ Condition ~
VIN=0 to 5.5V
Cin=1.0
μF
Co=1.0
μF
Cn=none
ROUT=3.0k
Ω
Ta=25
°C
BH30MA3WHFV
~ Condition ~
VIN=0 to 5.5V
Cin=0.1
μF
Co=1.0
μF
ROUT=1.5k
Ω
Ta=25
°C
BH15LB1WHFV
~ Condition ~
VIN=0 to 5.5V
Cin=0.1
μF
Co=1.0
μF
ROUT=2.8k
Ω
Ta=25
°C
BH28FB1WHFV
~ Condition ~
VIN=0 to 5.5V
Cin=1.0
μF
Co=1.0
μF
Cn=none
ROUT=3.0k
Ω
Ta=25
°C
BH30MA3WHFV
~ Condition ~
VIN=3.5V
VOUT=1.53V to 0V
Cin=0.1
μF
Co=1.0
μF
Ta=25
°C
BH15LB1WHFV
~ Condition ~
VIN=3.8V
VOUT=2.83V to 0V
Cin=0.1
μF
Co=1.0
μF
Ta=25
°C
BH28FB1WHFV
~ Condition ~
VIN=4.0V
VOUT=3.03V to 0V
Cin=1.0
μF
Co=1.0
μF
Cn=none
Ta=25
°C
BH30MA3WHFV
~ Condition ~
VIN=2.74V
IOUT=0 to 150mA
Cin=0.1
μF
Co=1.0
μF
Ta=25
°C
BH28FB1WHFV
~ Condition ~
VIN=2.940V
IOUT=0 to 300mA
Cin=1.0
μF
Co=1.0
μF
Cn=none
Ta=25
°C
BH30MA3WHFV
• Output voltage-input voltage
• GND current-input voltage
Fig.2
Fig.1
Fig.5
Fig.4
Fig.6
Fig.3
Fig.7
Fig.9
Fig.8
Fig.10
Fig.11
• Output voltage-output current
• Dropout voltage-output current
Typical characteristics
0
0.5
1 1.5
2
2.5
3
3.5 4
4.5 5
5.5
0 0.5
1
1.5
2
2.5
3
3.5 4
4.5
5
5.5
0
0.5
1
1.5
2 2.5
3
3.5
4
4.5
5
5.5
0
  0.5 1
1.5
2
2.5
3
3.5
4
  4.5 5 5.5
0
0.5
1
1.5 2
2.5
3
3.5
4
4.5 5
5.5
0
0.5
1
1.5 2
2.5
3
3.5
4
4.5 5
5.5
0
100
200
300
400
0
100
200
300
400
500
600
700
0
50
100
150
200
250
300
0
50
100
150
0
50
100
150
200
250
300
2010.07 -
Rev. C
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.


Similar Part No. - BH30MA3WHFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH30MA3WHFV-TR ROHM-BH30MA3WHFV-TR Datasheet
832Kb / 9P
   Standard CMOS LDO Regulators
BH30MA3WHFV-TR ROHM-BH30MA3WHFV-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BH30MA3WHFV-TR ROHM-BH30MA3WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BH30MA3WHFV-TR ROHM-BH30MA3WHFV-TR Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
More results

Similar Description - BH30MA3WHFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH15FB1WG ROHM-BH15FB1WG Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BH25FB1WG-TR ROHM-BH25FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BH33FB1WG-TR ROHM-BH33FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BHXXFB1WG ROHM-BHXXFB1WG_09 Datasheet
832Kb / 9P
   Standard CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
700Kb / 9P
   Standard CMOS LDO Regulators
BU18SD5WG ROHM-BU18SD5WG Datasheet
944Kb / 21P
   CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com