Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

292133 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 292133
Description  AMP CT Connector Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

292133 Datasheet(HTML) 4 Page - Tyco Electronics

  292133 Datasheet HTML 1Page - Tyco Electronics 292133 Datasheet HTML 2Page - Tyco Electronics 292133 Datasheet HTML 3Page - Tyco Electronics 292133 Datasheet HTML 4Page - Tyco Electronics 292133 Datasheet HTML 5Page - Tyco Electronics 292133 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
te.com/products/ct
AMP CT Connector Series
TE Connectivity
SINGLE ROW POST HEADER ASSEMBLIES BOARD-MOUNT
Description
Plating
PN
Photo
Position to Dash
2
3
4
5
6
7
8
9
10
11
12
13
14
15
TH Std Type - Horizontal Mount w/ Kink
TIN
292253
F
-2
-3
-4
-5
-6
-7
-8
-9
-10
-11
-12
-13
-14
-15
TH Std Type - Vertical Mount w/ Kink
TIN
292161
G
-2
-3
-4
-5
-6
-7
-8
-9
-10
-11
-12
-13
-14
-15
TH Box Type - Horizontal Mount w/ Kink
TIN
292250
H
-2
-3
-4
-5
-6
-7
-8
-9
-10
-11
-12
-13
-14
-15
TH Box Type - Vertical Mount w/o Kink
TIN
292133
I
-2
-3
-4
-5
-6
-7
-8
-9
-10
-11
-12
-13
-14
-15
TH Box Type - Vertical Mount w/ Kink
TIN
292132
J
-2
-3
-4
-5
-6
-7
-8
-9
-10
-11
-12
-13
-14
-15
SMT Box Type - Horizontal Mount Type w/ Solder Tab, w/o Boss
TIN
292173
K
-22
-23
-24
-25
-26
-27
-28
-29
SMT Box Type - Horizontal Mount Type w/ Solder Tab, w/ Boss
TIN
292173
K
-2
-3
-4
-5
-6
-7
-8
-9
SMT Box Type - Vertical Mount Type w/ Solder Tab, w/o Boss
TIN
292175
L
-22
-23
-24
-25
-26
-27
-28
-29
SMT Box Type - Vertical Mount Type w/ Solder Tab, w/ Boss (Natural)
TIN
292174
M
-2
-3
-4
-5
-6
-7
-8
-9
SMT Box Type - Vertical Mount Type w/ Solder Tab, w/ Boss (Black)
TIN
292174
M
-22
-23
-24
-25
-26
-27
-28
-29
SMT Std Type - Vertical Mount w/ Boss
TIN
292171
N
-2
-3
-4
-5
-6
-7
-8
-9
SMT Std Type - Vertical Mount w/o Boss
TIN
292172
O
-2
-3
-4
-5
-6
-7
-8
-9
Mating PNS : (MT) 173977; 179694 or (Crimp) 179228 w/ contact
Specifications : A, D
TH Box Type - Vertical Mount w/ Kink
Gold
292134
J
-2
-3
-4
-5
-6
-9
-10
-12
-15
TH Box Type - Horizontal Mount w/ Kink
Gold
176394
H
-2
-4
-6
-8
-10
Mating PNS : (MT) 173977; 179694 or (Crimp) 179228 w/ 179227-4
Specifications : A (292134)/ C (176394), D
RECEPTACLE CONNECTOR HOLDERS FOR DUAL ROW HEADERS
Description
PN
Photo
Position to Dash
8
12
16
18
20
22
24
26
28
30
Receptacle Housing Captivating Holder (MT)
175133
R
-8
-12
-16
-18
-20
-22
-24
-26
-28
-30
Receptacle Housing Captivating Holder - Reinforced Retention (MT)
179608
S
-16
-18
-20
-22
-24
-26
-28
-30
Mating PNS : 2x (MT) 173977, 176392 or 179695
Specifications : B
Receptacle Housing Captivating Holder - Reinforced Retention (Crimp)
179472
T
-8
-12
-16
-18
-20
-22
-24
-26
-28
-30
Mating PNS: 2 x (Crimp) 179228 w/ contact
Specifications : B
DUAL ROW POST HEADER ASSEMBLIES - BOARD-MOUNT
Description
PN
Photo
Position to Dash
8
12
16
18
20
22
24
26
28
30
Horizontal Mount w/ Boardlocks
292138
U
-8
-12
-16
-18
-20
-22
-24
-26
-28
-30
Vertical Mount w/o Boss
292252
V
-16
-18
-20
-22
-24
-26
-28
-30
Vertical Mount w/ Boss
292141
V
-16
-18
-20
-22
-24
-26
-28
-30
Complementary PNS : 175133, 179608 or 179472 w/ 2 x (MT) or 2 x (Crimp) HDRS
Specifications : B
SINGLE ROW PANEL-MOUNT HEADERS
Description
PN
Photo
Position to Dash
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Panel Mount Header
292254
P
-2
-3
-4
-5
-4
-7
-8
-9
-10
-11
-12
-13
-14
-15
Mating PNS : (MT) 173977; 179694 or (Crimp) 179228 w/ contact
Specifications : A,D
SINGLE ROW POST FREE-HANGING WIRE TO WIRE HEADERS
Description
PN
Photo
Position to Dash
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Free Hanging Header
292156
Q
-2
-3
-4
-5
-6
Mating PNS : (MT) 173977; 179694 or (Crimp) 179228 w/ contact
Specifications : A,D


Similar Part No. - 292133

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
292132-2 MACOM-292132-2 Datasheet
92Kb / 2P
   POST HEADER ASSY
292132-3 MACOM-292132-3 Datasheet
92Kb / 2P
   POST HEADER ASSY
292132-4 MACOM-292132-4 Datasheet
92Kb / 2P
   POST HEADER ASSY
292132-5 MACOM-292132-5 Datasheet
92Kb / 2P
   POST HEADER ASSY
292132-6 MACOM-292132-6 Datasheet
92Kb / 2P
   POST HEADER ASSY
More results

Similar Description - 292133

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
292206-2 MACOM-292206-2 Datasheet
613Kb / 6P
   1.5 mm AMP Mini CT Connector Series
5-292206-2 MACOM-5-292206-2 Datasheet
192Kb / 2P
   AMP Mini CT Connector 1.5mm Pitch
1-292227-4 MACOM-1-292227-4 Datasheet
257Kb / 4P
   AMP MiNi CT Connector 1.5mm PITCH
179227-1 MACOM-179227-1 Datasheet
67Kb / 1P
   CRIMP TYPE RECEPTACLE CONTACT (AMP CT CONNECTOR 2MM PITCH)
1-353908-3 MACOM-1-353908-3 Datasheet
105Kb / 2P
   AMP MINI COMMON TERMINATED (CT) CONNECTOR 1.5mm PITCH HOUSING, CRIMP TYPE
2-292246-2 MACOM-2-292246-2 Datasheet
328Kb / 3P
   RECEPTACLE ASSEMBLY FOR AMP 1.5 PITCH MINI CT HYBRID LATTICE CONNECTOR
logo
Nais(Matsushita Electri...
CT2-20 NAIS-CT2-20 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
logo
M-System Co.,Ltd.
CTM2 MSYSTEM-CTM2 Datasheet
66Kb / 1P
   CT PROTECTOR
logo
DIWELL Electronics Co.,...
CT-G DIWELL-CT-G_V01 Datasheet
507Kb / 4P
   CT-G Series Test board
1.0.0 2022. 5. 9.
CT-N DIWELL-CT-N_V01 Datasheet
504Kb / 4P
   CT-N Series Test board
1.0.0 2022. 5. 9.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com