Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NEB-2DMD-DCNH-000-ESA Datasheet(PDF) 5 Page - CUI INC

Part # NEB-2DMD-DCNH-000-ESA
Description  FULLY REGULATED ADVANCED BUS CONVERTERS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NEB-2DMD-DCNH-000-ESA Datasheet(HTML) 5 Page - CUI INC

  NEB-2DMD-DCNH-000-ESA Datasheet HTML 1Page - CUI INC NEB-2DMD-DCNH-000-ESA Datasheet HTML 2Page - CUI INC NEB-2DMD-DCNH-000-ESA Datasheet HTML 3Page - CUI INC NEB-2DMD-DCNH-000-ESA Datasheet HTML 4Page - CUI INC NEB-2DMD-DCNH-000-ESA Datasheet HTML 5Page - CUI INC NEB-2DMD-DCNH-000-ESA Datasheet HTML 6Page - CUI INC NEB-2DMD-DCNH-000-ESA Datasheet HTML 7Page - CUI INC NEB-2DMD-DCNH-000-ESA Datasheet HTML 8Page - CUI INC NEB-2DMD-DCNH-000-ESA Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
cui.com
date 02/20/2013
│ page 5 of 36
CUI Inc
│ SERIES: NEB-D │ DESCRIPTION: FULLY REGULATED ADVANCED BUS CONVERTERS
Functional Description
T
P1, TP3 = -40 to +90ºC, VI = 36 to 75 V, sense pins connected to output pins unless otherwise specified under Conditions.
Typical values given at: T
P1, TP3 = +25°C, VI= 53 V, max IO , unless otherwise specified under Conditions
Configuration File: 190 10-CDA 102 0315/001
parameter
conditions/description
min
typ
max
units
PMBus monitoring accuracy
input voltage (VIN_READ)
-2
±0.5
2
%
output voltage (VOUT_READ)
V
I = 53V
-1.0
±0.1
1.0
%
output current (IOUT_READ)
V
I = 53V, 50-100% of max IO
V
I = 53V, 10% of max IO
-6
-0.6
±0.15
6
0.6
%
A
temperature (TEMP_READ)
controller IC internal sensor
0
5
10
º
C
fault protection
characteristics
input under voltage lockout
(UVLO)
factory default
setpoint accuracy
hysteresis: factory default
hysteresis: configurable via PMBus of threshold
range, note 1
delay
0
0
32
0.5
2
300
1
V
V
V
V
μs
output voltage - under voltage
protection (VOUT_UV_FAULT_
LIMIT)
factory default
configurable via PMBus, note 1
fault response time
0
0
200
16
V
V
μs
output voltage - over voltage
protection (VOUT_OV_FAULT_
LIMIT)
factory default
configurable via PMBus, note 1
fault response time
V
OUT
15.6
200
16
V
V
μs
over current protection (OCP)
setpoint accuracy (I
O)
IOUT_OC_FAULT_LIMIT: factory default
IOUT_OC_FAULT_LIMIT: configurable via PMBus,
note 1
fault response time
-6
0
25
200
6
100
%
A
A
μs
over temperature protection
(OTP)
OTP_FAULT_LIMIT: factory default
OTP_FAULT_LIMIT: configurable via PMBus, note 1
hysteresis: factory default
hysteresis: configurable via PMBus, note 1
fault response time
-50
0
125
10
300
125
125
º
C
º
C
º
C
º
C
μs
logic input/output
characteristics
logic input low (V
IL)
CTRL, SA0, SA1, PG, SCL, SDA
1.1
V
logic input high (V
IH)
CTRL, SA0, SA1, PG, SCL, SDA
2.1
V
logic output low (V
OL)
CTRL, PG, SALERT, SCL, SDA
I
OL = 6 mA
0.25
V
logic output high (V
OH)
CTRL, PG, SALERT, SCL, SDA
I
OH = -6 mA
2.7
V
bus free time T(BUF)
note 2
1.3
μs
Note
1: See Operating Information section.
2: PMBus timing parameters according to PMBus spec.


Similar Part No. - NEB-2DMD-DCNH-000-ESA

ManufacturerPart #DatasheetDescription
logo
CUI INC
NEB-200NMA-DANH-000-ESA CUI-NEB-200NMA-DANH-000-ESA Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-200NMA-DBNH-000-ESA CUI-NEB-200NMA-DBNH-000-ESA Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-200NMA-DCNH-000-ESA CUI-NEB-200NMA-DCNH-000-ESA Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-200NMA-DDNH-000-ESA CUI-NEB-200NMA-DDNH-000-ESA Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-200NMA-DENH-000-ESA CUI-NEB-200NMA-DENH-000-ESA Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
More results

Similar Description - NEB-2DMD-DCNH-000-ESA

ManufacturerPart #DatasheetDescription
logo
CUI INC
NQB-D CUI-NQB-D Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-D CUI-NEB-D Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-420NWA-AN CUI-NQB-420NWA-AN Datasheet
1Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-264NWA-AN CUI-NEB-264NWA-AN Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-420DWA-AN CUI-NQB-420DWA-AN Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-N CUI-NQB-N Datasheet
1Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-N CUI-NEB-N Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
logo
Flex Power Modules. FLE...
PKB4000D FLEX-PKB4000D Datasheet
2Mb / 28P
   Fully regulated DC-DC Converters
July 2019
logo
Murata Manufacturing Co...
RBC-12 MURATA-RBC-12 Datasheet
396Kb / 9P
   Quarter Brick, Regulated Bus Converters
logo
Murata Power Solutions ...
RBC-12-D48 MURATA-PS-RBC-12-D48 Datasheet
353Kb / 10P
   Quarter Brick, Regulated Bus Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com