Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-6318490-6 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 3-6318490-6
Description  Stacking Height Guide for Parallel Board-to-Board Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-6318490-6 Datasheet(HTML) 5 Page - Tyco Electronics

  3-6318490-6 Datasheet HTML 1Page - Tyco Electronics 3-6318490-6 Datasheet HTML 2Page - Tyco Electronics 3-6318490-6 Datasheet HTML 3Page - Tyco Electronics 3-6318490-6 Datasheet HTML 4Page - Tyco Electronics 3-6318490-6 Datasheet HTML 5Page - Tyco Electronics 3-6318490-6 Datasheet HTML 6Page - Tyco Electronics 3-6318490-6 Datasheet HTML 7Page - Tyco Electronics 3-6318490-6 Datasheet HTML 8Page - Tyco Electronics 3-6318490-6 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
22
Catalog 889092
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 9-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
0.5mm Free Height (FH) Connectors (Continued)
Fine Pitch SMT Stacking Connectors
(Parallel Board-to-Board)
Receptacle Assembly
Acceptable Board Stacking
Height = 11mm/12mm
Material and Finish
Housing — UL94V-0, heat resistant
resin, natural color
Contact — Copper alloy, 0.2µm min.
gold plated on contact area, 0.1µm
tin-lead plated or tin plated on soldering
area, 1.3µm min. nickel underplated
on entire contact, 0.1µm thick tin plated
on grounding contact.
B
C
E
A
D
D
Section Y-Y
(Grounding Position)
Section X-X
(Signal Position)
0.50
[.020]
Pitch
0.60
[.024]
0.90 ± 0.10
[.035 ± .004]
0.90 ± 0.10
[.035 ± .004]
0.90 ± 0.10
[.035 ± .004]
0.90 ± 0.10
[.035 ± .004]
.5 mm FH Receptacle Assemblies
Positions
Height
Dimensions
Ground
SIF-200
With
Packaging
Part
A
BCD
E
Contact
Pickup Cap
Type
Number
4
29.50
36.80
3.25
6.20
6.00
——
YesTape
2-6473527-9
120
1.161
1.449
.128
.244
.236
12
29.50
36.80
11.25
6.30
6.50
Yes—
Yes
Hard Tray
6376618-1
1.161
1.449
.443
.248
.256
160
12
39.50
46.80
11.25
6.30
6.50
Yes—
YesTray
6-5353703-2
1.555
1.843
.443
.248
.256
4
49.50
56.80
3.25
6.20
6.00
——
Yes
Semi H/T
3-6565778-5
200
1.949
2.236
.128
.244
.236
8
49.50
56.80
7.25
6.30
6.50
Yes—
Hard Tray
6-5353699-5
1.949
2.236
.285
.248
.256
4
54.50
61.80
3.25
6.20
6.00
Yes—
Hard Tray
3-6318490-6
2.146
2.433
.128
.244
.236
220
4
54.50
61.80
3.25
6.20
6.00
Yes—
Yes
Hard Tray
6-5353606-6
2.146
2.433
.128
.244
.236
8
54.50
61.80
7.25
6.30
6.50
YesYes
Yes
Hard Tray
6-5353700-5
2.146
2.433
.285
.248
.256
4
59.50
66.80
3.25
6.20
6.00
——
Yes
Hard Tray
3-6473884-7
240
2.343
2.630
.128
.244
.236
4
59.50
66.80
3.25
6.20
6.00
Yes—
Yes
Hard Tray
3-5353606-7
2.343
2.630
.128
.244
.236
Note: Part Numbers are RoHS compliant.


Similar Part No. - 3-6318490-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-6318490-6 MACOM-3-6318490-6 Datasheet
414Kb / 3P
   HAND TRAY ASSY FH 0.5BTB CONNECTOR
More results

Similar Description - 3-6318490-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5120532-1 MACOM-5120532-1 Datasheet
260Kb / 7P
   Stacking Height Guide for Parallel Board-to-Board Applications
5177984-6 MACOM-5177984-6 Datasheet
769Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
1-5316135-1 MACOM-1-5316135-1 Datasheet
471Kb / 15P
   Stacking Height Guide for Parallel Board-to-Board Applications
5179030-5 MACOM-5179030-5 Datasheet
418Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
5-5179010-2 MACOM-5-5179010-2 Datasheet
400Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
logo
Japan Aviation Electron...
WP10 JAE-WP10 Datasheet
898Kb / 7P
   Stacking Type Board-to-Board (FPC) Connector
WP6C JAE-WP6C Datasheet
406Kb / 5P
   0.4mm Pitch, Stacking Type Board-to-board Connector
AA01A JAE-AA01A Datasheet
465Kb / 6P
   0.5mm Pitch Stacking Type Board-to-Board Connector
WP6 JAE-WP6 Datasheet
883Kb / 8P
   0.4mm Pitch, Stacking Type Board-to-Board Connector
AA07 JAE-AA07 Datasheet
449Kb / 7P
   0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com