Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NEB-1DWA-DANL-000-ESA Datasheet(PDF) 3 Page - CUI INC

Part # NEB-1DWA-DANL-000-ESA
Description  FULLY REGULATED ADVANCED BUS CONVERTERS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NEB-1DWA-DANL-000-ESA Datasheet(HTML) 3 Page - CUI INC

  NEB-1DWA-DANL-000-ESA Datasheet HTML 1Page - CUI INC NEB-1DWA-DANL-000-ESA Datasheet HTML 2Page - CUI INC NEB-1DWA-DANL-000-ESA Datasheet HTML 3Page - CUI INC NEB-1DWA-DANL-000-ESA Datasheet HTML 4Page - CUI INC NEB-1DWA-DANL-000-ESA Datasheet HTML 5Page - CUI INC NEB-1DWA-DANL-000-ESA Datasheet HTML 6Page - CUI INC NEB-1DWA-DANL-000-ESA Datasheet HTML 7Page - CUI INC NEB-1DWA-DANL-000-ESA Datasheet HTML 8Page - CUI INC NEB-1DWA-DANL-000-ESA Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
cui.com
date 02/20/2013
│ page 3 of 36
CUI Inc
│ SERIES: NEB-D │ DESCRIPTION: FULLY REGULATED ADVANCED BUS CONVERTERS
General Information
Safety Specification
Reliability
Compatability with RoHS requirements
General Information
Isolated DC/DC converters
Non - isolated DC/DC regulators
The failure rate (λ) and mean time between failures
(MTBF= 1/ λ) is calculated at max output power and
an operating ambient temperature (T
A) of +40°C. CUI
Power Modules uses Telcordia SR-332 Issue 2 Method 1 to
calculate the mean steady-state failure rate and standard
deviation (σ).
Telcordia SR-332 Issue 2 also provides techniques to
estimate the upper confidence levels of failure rates based
on the mean and standard deviation.
MTBF (mean value) for the NEB series = 2.91 Mh.
MTBF at 90% confidence level = 2.37 Mh
The products are compatible with the relevant clauses
and requirements of the RoHS directive 2011/65/EU and
have a maximum concentration value of 0.1% by weight
in homogeneous materials for lead, mercury, hexavalent
chromium, PBB and PBDE and of 0.01% by weight in
homogeneous materials for cadmium.
Exemptions in the RoHS directive utilized in CUI
Power Modules products are found in the Statement of
Compliance document.
CUI Power Modules DC/DC converters and DC/DC
regulators are designed in accordance with the safety
standards IEC60950-1, EN60950-1 and UL60950-1 Safety
of Information Technology Equipment
IEC/EN/UL60950-1 contains requirements to prevent
injury or damage due to the following hazards:
• Electrical Shock
• Energy hazards
• Fire
• Mechanical and heat hazards
• Radiation hazards
• Chemical hazards
On-board DC/DC converters and DC/DC regulators are
defined as component power supplies. As components
they cannot fully comply with the provisions of any
safety requirements without “conditions of acceptability”.
Clearance between conductors and between conductive
parts of the component power supply and conductors on
the board in the final product must meet the applicable
safety requirements. Certain conditions of acceptability
apply for component power supplies with limited stand-off
(see Mechanical Information for further information). It is
the responsibility of the installer to ensure that the
final product housing these components complies with
the requirements of all applicable safety standards and
regulations for the final product.
Component power supplies for general use should comply
with the requirements in IEC/EN/UL 60950 1 Safety
of Information Technology Equipment. Product related
standards, e.g. IEEE 802.3af Power over Ethernet, and
ETS 300132 2 Power interface at the input to telecom
equipment, operated by direct current (dc) are based on
IEC/EN/UL 60950 1 with regards to safety.
CUI Power Modules DC/DC converters and DC/DC
regulators are UL 60950-1 recognized and certified in
accordance with EN 60950-1. The flammability rating for
all construction parts of the products meet requirements
for V-0 class material according to IEC 60695-11-10, Fire
hazard testing, test flames – 50 W horizontal and vertical
flame test methods.
Galvanic isolation between input and output is verified
in an electric strength test and the isolation voltage
(V
iso) meets the voltage strength requirement for basic
insulation according to IEC/EN/UL 60950-1.
It is recommended to use a slow blow fuse at the input
of each DC/DC converter. If an input filter is used in the
circuit the fuse should be placed in front of the input filter.
In the rare event of a component problem that imposes a
short circuit on the input source, this fuse will provide the
following functions:
• Isolate the fault from the input power source so as not to
affect the operation of other parts of the system
• Protect the distribution wiring from excessive current and
power loss thus preventing hazardous overheating
The DC/DC converter output is considered as safety extra
low voltage (SELV) if one of the following conditions is
met:
•The input source has double or reinforced insulation from
the AC mains according to IEC/EN/UL 60950-1
•The input source has basic or supplementary insulation
from the AC mains and the input of the DC/DC converter
is maximum 60 Vdc and connected to protective earth
according to IEC/EN/UL 60950-1
•The input source has basic or supplementary insulation
from the AC mains and the DC/DC converter output is
connected to protective earth according to IEC/EN/UL
60950-1
Mean steady-state failure rate, λ Std. deviation, σ
h
/
s
e
r
u
li
a
F
n
9
.
0
6
h
/
s
e
r
u
li
a
F
n
1
2
4
The DC/DC regulator output is SELV if the input source
meets the requirements for SELV circuits according to IEC/
EN/UL 60950-1.


Similar Part No. - NEB-1DWA-DANL-000-ESA

ManufacturerPart #DatasheetDescription
logo
CUI INC
NEB-100NMA-DANH-000-ESA CUI-NEB-100NMA-DANH-000-ESA Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-100NMA-DBNH-000-ESA CUI-NEB-100NMA-DBNH-000-ESA Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-100NMA-DCNH-000-ESA CUI-NEB-100NMA-DCNH-000-ESA Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-100NMA-DDNH-000-ESA CUI-NEB-100NMA-DDNH-000-ESA Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-100NMA-DENH-000-ESA CUI-NEB-100NMA-DENH-000-ESA Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
More results

Similar Description - NEB-1DWA-DANL-000-ESA

ManufacturerPart #DatasheetDescription
logo
CUI INC
NQB-D CUI-NQB-D Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-D CUI-NEB-D Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-420NWA-AN CUI-NQB-420NWA-AN Datasheet
1Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-264NWA-AN CUI-NEB-264NWA-AN Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-420DWA-AN CUI-NQB-420DWA-AN Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-N CUI-NQB-N Datasheet
1Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-N CUI-NEB-N Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
logo
Flex Power Modules. FLE...
PKB4000D FLEX-PKB4000D Datasheet
2Mb / 28P
   Fully regulated DC-DC Converters
July 2019
logo
Murata Manufacturing Co...
RBC-12 MURATA-RBC-12 Datasheet
396Kb / 9P
   Quarter Brick, Regulated Bus Converters
logo
Murata Power Solutions ...
RBC-12-D48 MURATA-PS-RBC-12-D48 Datasheet
353Kb / 10P
   Quarter Brick, Regulated Bus Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com