Electronic Components Datasheet Search |
|
BD46E485 Datasheet(PDF) 4 Page - Rohm |
|
BD46E485 Datasheet(HTML) 4 Page - Rohm |
4 / 17 page Datasheet 4/14 TSZ02201-0R7R0G300110-1-2 © 2013 ROHM Co., Ltd. All rights reserved. 23.May.2013 Rev.003 www.rohm.com TSZ22111・15・001 BD45Exxxx-M series BD46Exxxx-M series Absolute maximum ratings Parameter Symbol Limits Unit Power Supply Voltage VDD-GND -0.3 to +10 V Output Voltage Nch Open Drain Output VOUT GND-0.3 to +10 V CMOS Output GND-0.3 to VDD+0.3 Output Current IO 60 mA ER pin Voltage VCT GND-0.3 to VDD+0.3 V Power Dissipation *1,*2 Pd 540 mW Operating Temperature Topr -40 to +105 °C Ambient Storage Temperature Tstg -55 to +125 °C *1 Reduced by 5.4mW/°C when used over 25°C. *2 When mounted on ROHM standard circuit board (70mm×70mm×1.6mm, glass epoxy board). ●Electrical characteristics (Unless Otherwise Specified Ta=-40 to 105°C) Parameter Symbol Condition Limit Unit Min. Typ. Max. Detection Voltage VDET VDD=H L, RL=470k *1 VDET(T) ×0.99 VDET(T) VDET(T) ×1.01 V VDET=2.5V Ta=+25°C 2.475 2.5 2.525 Ta=-40°C to 85°C 2.418 - 2.584 Ta=85°C to 105°C 2.404 - 2.597 VDET=3.0V Ta=+25°C 2.970 3.0 3.030 Ta=-40°C to 85°C 2.901 - 3.100 Ta=85°C to 105°C 2.885 - 3.117 VDET=3.3V Ta=+25°C 3.267 3.3 3.333 Ta=-40°C to 85°C 3.191 - 3.410 Ta=85°C to 105°C 3.173 - 3.428 VDET=4.2V Ta=+25°C 4.158 4.2 4.242 Ta=-40°C to 85°C 4.061 - 4.341 Ta=85°C to 105°C 4.039 - 4.364 VDET=4.8V Ta=+25°C 4.752 4.8 4.848 Ta=-40°C to 85°C 4.641 - 4.961 Ta=85°C to 105°C 4.616 - 4.987 Detection Voltage Temperature coefficient VDET/ ∆T -40°C to +105°C - ±100 ±360 ppm/°C Hysteresis Voltage ∆VDET VDD=L H L, RL=470k VDET(T) ×0.03 VDET(T) ×0.05 VDET(T) ×0.08 V ‘High’ Output Delay time tPLH CL=100pF, RL=100k *1,*2,*3 BD45EXX5, BD46EXX5 45 50 55 ms BD45EXX1, BD46EXX1 90 100 110 BD45EXX2, BD46EXX2 180 200 220 Circuit Current when ON IDD1 VDD=VDET-0.2V, VER=0V VDET=2.3V to 3.1V *1 - 0.70 2.10 µA VDD=VDET-0.2V, VER=0V VDET=2.3V to 3.1V - 0.70 2.85 VDD=VDET-0.2V, VER=0V VDET=3.2V to 4.2V *1 - 0.75 2.25 VDD=VDET-0.2V, VER=0V VDET=3.2V to 4.2V - 0.75 3.00 VDD=VDET-0.2V, VER=0V VDET=4.3V to 4.8V *1 - 0.80 2.40 VDD=VDET-0.2V, VER=0V VDET=4.3V to 4.8V - 0.80 3.15 Circuit Current when OFF IDD2 VDD=VDET+0.2V, VER=0V VDET=2.3V to 3.1V *1 - 0.75 2.25 µA VDD=VDET+0.2V, VER=0V VDET=2.3V to 3.1V - 0.75 4.28 VDD=VDET+0.2V, VER=0V VDET=3.2V to 4.2V *1 - 0.80 2.40 VDD=VDET+0.2V, VER=0V VDET=3.2V to 4.2V - 0.80 4.50 VDD=VDET+0.2V, VER=0V VDET=4.3V to 4.8V *1 - 0.85 2.55 VDD=VDET+0.2V, VER=0V VDET=4.3V to 4.8V - 0.85 4.73 VDET(T):Standard Detection Voltage (2.3V to 4.8V, 0.1V step) RL :Pull-up resistor to be connected between VOUT and power supply. CL :Capacitor to be connected between VOUT and GND. *1 Guarantee is Ta=25°C. *2 tPLH:VDD=(VDET(T)-0.5V) (VDET(T)+0.5V) *3 tPLH:VDD=Please set up the rise up time between VDD=0 VDET more than 100µs. Attention: Please connect ‘ER’ to the GND when not in use. |
Similar Part No. - BD46E485 |
|
Similar Description - BD46E485 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |