Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

292252 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 292252
Description  AMP CT Connector Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

292252 Datasheet(HTML) 5 Page - Tyco Electronics

  292252 Datasheet HTML 1Page - Tyco Electronics 292252 Datasheet HTML 2Page - Tyco Electronics 292252 Datasheet HTML 3Page - Tyco Electronics 292252 Datasheet HTML 4Page - Tyco Electronics 292252 Datasheet HTML 5Page - Tyco Electronics 292252 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
te.com/products/ct
AMP CT Connector Series
TE Connectivity
Product/Application Specification
RATINGS
Product Specs
Voltage
Operating Current (Amps)
22 AWG
24 AWG
26 AWG
28 AWG
30 AWG
A
108-60016
125 V (AC/DC)
3
2
1
B
108-60020
125 V (AC/DC)
1
1
2
1
C
108-5218
125 V AC
3
2
1
D
108-60029
125 V AC
4
3
2.5
1.5
1
E
108-60024
125 V AC
1
F
108-60021
125 V AC
1
Application Specs
X
114-5014
Y
114-5179
Z
114-5103
292161
T/H Standard Vertical Header
292156
Free Hanging Header
292132
T/H Box Vertical Header
173997
IDC Receptacle Housing
179228
Crimp Receptacle Housing
292138
Dual Row T/H R/A Header
292174
SMT Box Vertical Header
292173
SMT Box R/A Header
292250
T/H Box R/A Header
173977
IDC Receptacle Housing
292253
T/H Standard R/A Header
292141
Dual Row T/H Vertical Header
179472
Captivating Holder
292172
SMT Standard Vertical Header
292254
Panel Mount Header
Design Kits
PN
Description
2110829-1
AMP CT Deluxe Kit
2110829-2
AMP CT R/A Header
2110829-3
AMP CT Vertical Header
2110829-4
AMP CT R/A Box Header
2110829-5
AMP CT Box Vertical Header
2110829-6
AMP CT Panel Mount
2110829-7
AMP CT Dual Row R/A Header
2110829-8
AMP CT Dual Row Vertical Header
*Design kits are designed and assembled by Waldom and are available for purchase through your local distribution channel.
AMP CT Design Kits*
AMP CT Mount Styles


Similar Part No. - 292252

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2922 KR-2922 Datasheet
51Kb / 3P
   114 MHz Cuttoff Frequency
logo
RHOPOINT COMPONENTS
29220 RHOPOINT-29220 Datasheet
99Kb / 1P
   0.05%?C stable 100R Miniature flexible platinum RTD
logo
Numonyx B.V
292204 NUMONYX-292204 Datasheet
776Kb / 67P
   Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
Jan 2018
logo
Tyco Electronics
292206 MACOM-292206 Datasheet
613Kb / 6P
   1.5 mm AMP Mini CT Connector Series
292206-2 MACOM-292206-2 Datasheet
613Kb / 6P
   1.5 mm AMP Mini CT Connector Series
More results

Similar Description - 292252

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
292206-2 MACOM-292206-2 Datasheet
613Kb / 6P
   1.5 mm AMP Mini CT Connector Series
5-292206-2 MACOM-5-292206-2 Datasheet
192Kb / 2P
   AMP Mini CT Connector 1.5mm Pitch
1-292227-4 MACOM-1-292227-4 Datasheet
257Kb / 4P
   AMP MiNi CT Connector 1.5mm PITCH
179227-1 MACOM-179227-1 Datasheet
67Kb / 1P
   CRIMP TYPE RECEPTACLE CONTACT (AMP CT CONNECTOR 2MM PITCH)
1-353908-3 MACOM-1-353908-3 Datasheet
105Kb / 2P
   AMP MINI COMMON TERMINATED (CT) CONNECTOR 1.5mm PITCH HOUSING, CRIMP TYPE
2-292246-2 MACOM-2-292246-2 Datasheet
328Kb / 3P
   RECEPTACLE ASSEMBLY FOR AMP 1.5 PITCH MINI CT HYBRID LATTICE CONNECTOR
logo
Nais(Matsushita Electri...
CT2-20 NAIS-CT2-20 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
logo
M-System Co.,Ltd.
CTM2 MSYSTEM-CTM2 Datasheet
66Kb / 1P
   CT PROTECTOR
logo
DIWELL Electronics Co.,...
CT-G DIWELL-CT-G_V01 Datasheet
507Kb / 4P
   CT-G Series Test board
1.0.0 2022. 5. 9.
CT-N DIWELL-CT-N_V01 Datasheet
504Kb / 4P
   CT-N Series Test board
1.0.0 2022. 5. 9.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com