Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5N2901FL-M0-ET2 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # H5N2901FL-M0-ET2
Description  290V - 18A - MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H5N2901FL-M0-ET2 Datasheet(HTML) 1 Page - Renesas Technology Corp

  H5N2901FL-M0-ET2 Datasheet HTML 1Page - Renesas Technology Corp H5N2901FL-M0-ET2 Datasheet HTML 2Page - Renesas Technology Corp H5N2901FL-M0-ET2 Datasheet HTML 3Page - Renesas Technology Corp H5N2901FL-M0-ET2 Datasheet HTML 4Page - Renesas Technology Corp H5N2901FL-M0-ET2 Datasheet HTML 5Page - Renesas Technology Corp H5N2901FL-M0-ET2 Datasheet HTML 6Page - Renesas Technology Corp H5N2901FL-M0-ET2 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS0996EJ0100 Rev.1.00
Page 1 of 6
Jan 08, 2013
Preliminary Datasheet
H5N2901FL-M0
290V - 18A - MOS FET
High Speed Power Switching
Features
 Low on-resistance
RDS(on) = 0.07  typ. (at ID = 9 A, VGS = 10 V, Ta = 25C)
 Low leakage current
 High speed switching
 Built-in fast recovery diode
Outline
RENESAS Package code: PRSS0003AF-A
(Package name: TO-220FL)
1
2
3
D
S
G
1. Gate
2. Drain
3. Source
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
290
V
Gate to source voltage
VGSS
±30
V
Drain current
ID
18
A
Drain peak current
ID (pulse)
Note1
72
A
Body-drain diode reverse drain current
IDR
18
A
Body-drain diode reverse drain peak current
IDR (pulse)
Note1
72
A
Avalanche current
IAP
Note2
6
A
Avalanche energy
EAR
Note2
2.1
mJ
Channel dissipation
Pch
Note3
30
W
Channel to case thermal impedance
ch-c
4.17
C/W
Channel temperature
Tch
150
C
Storage temperature
Tstg
–55 to +150
C
Notes: 1. PW
 10 s, duty cycle  1%
2. STch = 25
C, Tch  150C
3. Value at Tc = 25
C
R07DS0996EJ0100
Rev.1.00
Jan 08, 2013


Similar Part No. - H5N2901FL-M0-ET2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N2901FL-M0 RENESAS-H5N2901FL-M0_15 Datasheet
102Kb / 7P
   290V - 18A - MOS FET High Speed Power Switching
More results

Similar Description - H5N2901FL-M0-ET2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N2901FL-M0 RENESAS-H5N2901FL-M0_15 Datasheet
102Kb / 7P
   290V - 18A - MOS FET High Speed Power Switching
H5N2512FL-M0 RENESAS-H5N2512FL-M0_15 Datasheet
101Kb / 7P
   250V - 18A - MOS FET High Speed Power Switching
H5N2512FL-M0 RENESAS-H5N2512FL-M0 Datasheet
101Kb / 7P
   250V - 18A - MOS FET High Speed Power Switching
RJK5014DPP-E0 RENESAS-RJK5014DPP-E0 Datasheet
87Kb / 7P
   500V - 19A - MOS FET High Speed Power Switching
RJK5035DPP-E0 RENESAS-RJK5035DPP-E0 Datasheet
87Kb / 7P
   500V - 10A - MOS FET High Speed Power Switching
RJL6012DPE RENESAS-RJL6012DPE_12 Datasheet
84Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
RJK4002DPP-M0 RENESAS-RJK4002DPP-M0_12 Datasheet
99Kb / 7P
   400V - 3A - MOS FET High Speed Power Switching
RJK4036DP3-A0 RENESAS-RJK4036DP3-A0 Datasheet
71Kb / 4P
   400V - 3A - MOS FET High Speed Power Switching
RJK4502DJE RENESAS-RJK4502DJE Datasheet
59Kb / 4P
   450V - 2.8A - MOS FET High Speed Power Switching
RJK4532DPH-E0 RENESAS-RJK4532DPH-E0 Datasheet
99Kb / 7P
   450V - 4A - MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com