Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJH1CV7DPK-00T0 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJH1CV7DPK-00T0
Description  1200V - 35A - IGBT Application: Inverter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH1CV7DPK-00T0 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJH1CV7DPK-00T0 Datasheet HTML 1Page - Renesas Technology Corp RJH1CV7DPK-00T0 Datasheet HTML 2Page - Renesas Technology Corp RJH1CV7DPK-00T0 Datasheet HTML 3Page - Renesas Technology Corp RJH1CV7DPK-00T0 Datasheet HTML 4Page - Renesas Technology Corp RJH1CV7DPK-00T0 Datasheet HTML 5Page - Renesas Technology Corp RJH1CV7DPK-00T0 Datasheet HTML 6Page - Renesas Technology Corp RJH1CV7DPK-00T0 Datasheet HTML 7Page - Renesas Technology Corp RJH1CV7DPK-00T0 Datasheet HTML 8Page - Renesas Technology Corp RJH1CV7DPK-00T0 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RJH1CV7DPK
Preliminary
R07DS0748EJ0300 Rev.3.00
Page 4 of 9
Feb 14, 2013
100
60
80
40
20
0
1.0
4.0
3.5
2.5
3.0
2.0
1.5
10
8
6
4
2
0
Typical Transfer Characteristics
Gate to Emitter Voltage VGE (V)
Gate to Emitter Cutoff Voltage
vs. Case Temparature (Typical)
−25
02575
125
50
100
150
VCE = 10 V
Pulse Test
Case Temparature Tc (°C)
1 mA
IC = 10 mA
Gate to Emitter Voltage VGE (V)
1
3
2
4
5
1
3
2
4
5
8
12
20
16
10
18
148
12
20
16
10
18
14
Collector to Emitter Satularion Voltage vs.
Gate to Emitter Voltage (Typical)
Collector to Emitter Satularion Voltage vs.
Gate to Emitter Voltage (Typical)
Gate to Emitter Voltage VGE (V)
Tc = 25°C
Pulse Test
Tc = 150°C
Pulse Test
IC = 70 A
35 A
IC = 70 A
35 A
0
48
12
20
16
Tc= 25°C
150°C
VCE = 10 V
Pulse Test
Collector to Emitter Saturation Voltage
vs. Case Temparature (Typical)
−25
02575
125
50
100
150
Case Temparature Tc (°C)
35 A
IC = 70 A
VGE = 15 V
Pulse Test
30
25
20
15
10
5
0
Frequency Characteristics (Typical)
Frequency f (kHz)
1
100
10
1000
Tj = 125°C
Tc = 90°C
VCE = 400 V
VGE = 15 V
Rg = 5
Ω
duty = 50%
0
Collector current wave
(Square wave)


Similar Part No. - RJH1CV7DPK-00T0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH1CV7DPK RENESAS-RJH1CV7DPK_15 Datasheet
126Kb / 10P
   1200V - 35A - IGBT Application: Inverter
More results

Similar Description - RJH1CV7DPK-00T0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH1CV7DPK RENESAS-RJH1CV7DPK_15 Datasheet
126Kb / 10P
   1200V - 35A - IGBT Application: Inverter
RJH1CV7DPQ-E0 RENESAS-RJH1CV7DPQ-E0_15 Datasheet
126Kb / 10P
   1200V - 35A - IGBT Application: Inverter
RJH1CV7DPQ-E0 RENESAS-RJH1CV7DPQ-E0 Datasheet
59Kb / 4P
   1200V - 35A - IGBT Application: Inverter
RJH1CV7DPQ-E0 RENESAS-RJH1CV7DPQ-E0_13 Datasheet
186Kb / 10P
   1200V - 35A - IGBT Application: Inverter
RJH1CM7DPQ-E0 RENESAS-RJH1CM7DPQ-E0 Datasheet
59Kb / 4P
   1200V - 25A - IGBT Application: Inverter
RJH1CV5DPQ-E0 RENESAS-RJH1CV5DPQ-E0_13 Datasheet
181Kb / 10P
   1200V - 25A - IGBT Application: Inverter
RJH1CV6DPQ-E0 RENESAS-RJH1CV6DPQ-E0_15 Datasheet
120Kb / 10P
   1200V - 30A - IGBT Application: Inverter
RJH1CV5DPQ-E0 RENESAS-RJH1CV5DPQ-E0_15 Datasheet
120Kb / 10P
   1200V - 25A - IGBT Application: Inverter
RJH1CD7DPQ-E0 RENESAS-RJH1CD7DPQ-E0 Datasheet
59Kb / 4P
   1200V - 30A - IGBT Application: Inverter
RJH1CV6DPQ-E0 RENESAS-RJH1CV6DPQ-E0 Datasheet
59Kb / 4P
   1200V - 30A - IGBT Application: Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com