Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTC0603 Datasheet(PDF) 3 Page - Tyco Electronics

Part # NTC0603
Description  Negative Temperature Coefficient Chip Thermistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

NTC0603 Datasheet(HTML) 3 Page - Tyco Electronics

  NTC0603 Datasheet HTML 1Page - Tyco Electronics NTC0603 Datasheet HTML 2Page - Tyco Electronics NTC0603 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Change of Resistance with Temperature,
ß and Tolerance
R = 1K0 ± 5%, ß = 2750 ± 5%
R = 100K ± 5%, ß = 4100 ± 5%
Temp (°C)
R Min
R Nom
R Max
R Min
R Nom
R Max
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
105
110
115
120
125
23,619
18,060
13,973
10,931
8,639
6,895
5,552
4,510
3,693
3,074
2,532
2,118
1,784
1,511
1,288
1,103
950
822
715
624
548
482
426
378
337
301
270
243
219
198
180
163
149
136
125
114
105
29,443
22,198
16,944
13,085
10,214
8,055
6,414
5,153
4,175
3,410
2,806
2,326
1,941
1,630
1,377
1,170
1,000
859
741
643
560
490
430
379
336
298
266
238
213
192
173
157
142
129
118
108
99
36,612
27,216
20,496
15,624
12,047
9,388
7,390
5,873
4,709
3,807
3,103
2,548
2,107
1,754
1,469
1,239
1,050
895
767
660
571
496
433
380
334
295
261
232
207
186
167
150
135
122
111
101
92
11,437,698
7,666,457
5,229,571
3,626,293
2,553,502
1,824,208
1,320,987
968,858
719,179
539,923
409,704
314,048
243,038
189,795
149,493
118,711
95,000
76,585
62,174
50,811
41,789
34,578
28,776
24,081
20,258
17,128
14,551
12,420
10,647
9,167
7,924
6,877
5,990
5,237
4,594
4,044
3,571
15,492,485
10,167,934
6,797,677
4,623,690
3,196,281
2,243,342
1,597,136
1,152,437
842,136
622,766
465,752
352,049
268,796
207,195
161,161
126,434
100,000
79,707
64,002
51,752
42,128
34,512
28,445
23,582
19,658
16,475
13,877
11,746
9,988
8,532
7,319
6,304
5,452
4,733
4,123
3,605
3,162
20,932,275
13,451,901
8,813,894
5,880,679
3,990,860
2,751,881
1,926,187
1,367,374
983,650
716,523
528,143
393,661
296,539
225,625
173,305
134,321
105,000
82,749
65,719
52,579
42,363
34,360
28,048
23,035
19,029
15,807
13,201
11,081
9.347
7,921
6,743
5,765
4,950
4,266
3,691
3,206
2,794
How to Order
NTC
0603
J
2K0
Common Part
0603
0805
Size
J - 5%
Tolerance
Value
NTC - Negative
Temperature Coefficient
Chip Thermistor
See table on
previous page
Literature No. 1773258
Issued: 02-08
Dimensions are shown for
reference purposes only.
Dimensions are in
millimetres unless
otherwise specified.
Specifications subject to
change.
tycoelectronics.com
passives.tycoelectronics.com
Negative Temperature
Coefficient Chip Thermistors
Type NTC Series


Similar Part No. - NTC0603

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
NTC0603 MACOM-NTC0603 Datasheet
122Kb / 3P
   Negative Temperature Coefficient Chip Thermistors
More results

Similar Description - NTC0603

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
NTC0805J10K MACOM-NTC0805J10K Datasheet
122Kb / 3P
   Negative Temperature Coefficient Chip Thermistors
logo
NIC-Components Corp.
NCT04EJ103H400TRF NIC-NCT04EJ103H400TRF Datasheet
87Kb / 3P
   NEGATIVE TEMPERATURE COEFFICIENT
logo
Microsemi Corporation
TG1-8 MICROSEMI-TG1-8 Datasheet
201Kb / 4P
   Positive - Temperature - Coefficient Silicon Thermistors
TM1.8.121J MICROSEMI-TM1.8.121J Datasheet
189Kb / 4P
   POSITIVE TEMPERATURE COEFFICIENT SILICON THERMISTORS
logo
jb Capacitors Company
JFP JBCAPACITORS-JFP Datasheet
271Kb / 1P
   Temperature coefficient is negative and variety linear over the operation temperature
logo
Shanghai Yint Electroni...
MF72 YINT-MF72 Datasheet
836Kb / 8P
   MF72 power direct heat type negative temperature coefficient thermistor
logo
Murata Manufacturing Co...
GRM0115C1E6R6BE01 MURATA-GRM0115C1E6R6BE01 Datasheet
48Kb / 1P
   Temperature coefficient
GRM0115C1E6R8BE01 MURATA-GRM0115C1E6R8BE01 Datasheet
48Kb / 1P
   Temperature coefficient
GRM0222C1CR75BD05 MURATA-GRM0222C1CR75BD05 Datasheet
49Kb / 1P
   Temperature coefficient
GRM0222C1CR80WD05 MURATA-GRM0222C1CR80WD05 Datasheet
49Kb / 1P
   Temperature coefficient
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com