Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS138P Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BSS138P
Description  60 V, 360 mA N-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BSS138P Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BSS138P Datasheet HTML 2Page - NXP Semiconductors BSS138P Datasheet HTML 3Page - NXP Semiconductors BSS138P Datasheet HTML 4Page - NXP Semiconductors BSS138P Datasheet HTML 5Page - NXP Semiconductors BSS138P Datasheet HTML 6Page - NXP Semiconductors BSS138P Datasheet HTML 7Page - NXP Semiconductors BSS138P Datasheet HTML 8Page - NXP Semiconductors BSS138P Datasheet HTML 9Page - NXP Semiconductors BSS138P Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
BSS138P
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 2 November 2010
6 of 16
NXP Semiconductors
BSS138P
60 V, 360 mA N-channel Trench MOSFET
7.
Characteristics
[1]
Pulse test: tp ≤ 300 μs; δ≤ 0.01.
Table 7.
Characteristics
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source breakdown
voltage
ID =10 μA; VGS = 0 V
60
--V
VGS(th)
gate-source threshold
voltage
ID =250 μA; VDS =VGS
0.9
1.2
1.5
V
IDSS
drain leakage current
VDS =60V; VGS =0V
Tj =25 °C
--1
μA
Tj = 150 °C
--10
μA
IGSS
gate leakage current
VGS = ±20 V; VDS = 0 V
-
-
100
nA
RDSon
drain-source on-state
resistance
[1]
VGS =5V; ID =50mA
-
1
2
Ω
VGS =10V; ID =300 mA
-
0.9
1.6
Ω
gfs
forward
transconductance
VDS =10V; ID = 200 mA [1] -
700
-
mS
Dynamic characteristics
QG(tot)
total gate charge
ID =300 mA;
VDS =30V;
VGS =4.5 V
-
0.72
0.8
nC
QGS
gate-source charge
-
0.14
-
nC
QGD
gate-drain charge
-
0.24
-
nC
Ciss
input capacitance
VGS =0V; VDS =10V;
f=1MHz
-
3850pF
Coss
output capacitance
-
7
-
pF
Crss
reverse transfer
capacitance
-4
-pF
td(on)
turn-on delay time
VDS =50V;
RL =250 Ω;
VGS =10V;
RG =6 Ω
-
26ns
tr
rise time
-3
-ns
td(off)
turn-off delay time
-
9
20
ns
tf
fall time
-
4
-
ns
Source-drain diode
VSD
source-drain voltage
IS =115 mA; VGS = 0 V
0.47
0.75
1.1
V


Similar Part No. - BSS138P

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BSS138P NEXPERIA-BSS138P Datasheet
742Kb / 16P
   60 V, 360 mA N-channel Trench MOSFET
Rev. 1 - 2 November 2010
logo
TECH PUBLIC Electronics...
BSS138P TECHPUBLIC-BSS138P Datasheet
1Mb / 5P
   N-Channel Enhancement Mode MOSFET
logo
NXP Semiconductors
BSS138PS NXP-BSS138PS Datasheet
374Kb / 16P
   60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1-2 November 2010
logo
Nexperia B.V. All right...
BSS138PS NEXPERIA-BSS138PS Datasheet
920Kb / 16P
   60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1 - 2 November 2010
logo
Guangdong Youtai Semico...
BSS138PS UMW-BSS138PS Datasheet
508Kb / 7P
   Load Switch
More results

Similar Description - BSS138P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSS138P PHILIPS-BSS138P_15 Datasheet
181Kb / 16P
   60 V, 360 mA N-channel Trench MOSFET
Rev. 1-2 November 2010
BSS138BK NXP-BSS138BK Datasheet
865Kb / 16P
   60 V, 360 mA N-channel Trench MOSFET
Rev. 1-4 August 2011
BSS138BK215 NXP-BSS138BK215 Datasheet
865Kb / 16P
   60 V, 360 mA N-channel Trench MOSFET
Rev. 1-4 August 2011
logo
Nexperia B.V. All right...
2N7002P NEXPERIA-2N7002P Datasheet
283Kb / 15P
   60 V, 360 mA N-channel Trench MOSFET
23 November 2020
BSS138BK NEXPERIA-BSS138BK Datasheet
1Mb / 16P
   60 V, 360 mA N-channel Trench MOSFET
Rev. 1 - 4 August 2011
logo
NXP Semiconductors
BSS138BK PHILIPS-BSS138BK_15 Datasheet
865Kb / 16P
   60 V, 360 mA N-channel Trench MOSFET
Rev. 1-4 August 2011
logo
Nexperia B.V. All right...
BSS138P NEXPERIA-BSS138P Datasheet
742Kb / 16P
   60 V, 360 mA N-channel Trench MOSFET
Rev. 1 - 2 November 2010
logo
NXP Semiconductors
2N7002BKT NXP-2N7002BKT Datasheet
361Kb / 16P
   60 V, 290 mA N-channel Trench MOSFET
Rev. 1-15 June 2010
2N7002 NXP-2N7002 Datasheet
159Kb / 13P
   60 V, 300 mA N-channel Trench MOSFET
Rev. 7-8 September 2011
2N7002BKW PHILIPS-2N7002BKW_15 Datasheet
164Kb / 16P
   60 V, 310 mA N-channel Trench MOSFET
Rev. 1-17 June 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com