Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4053B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # HEF4053B
Description  Triple single-pole double-throw analog switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4053B Datasheet(HTML) 5 Page - NXP Semiconductors

  HEF4053B Datasheet HTML 1Page - NXP Semiconductors HEF4053B Datasheet HTML 2Page - NXP Semiconductors HEF4053B Datasheet HTML 3Page - NXP Semiconductors HEF4053B Datasheet HTML 4Page - NXP Semiconductors HEF4053B Datasheet HTML 5Page - NXP Semiconductors HEF4053B Datasheet HTML 6Page - NXP Semiconductors HEF4053B Datasheet HTML 7Page - NXP Semiconductors HEF4053B Datasheet HTML 8Page - NXP Semiconductors HEF4053B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
HEF4053B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 10 — 17 November 2011
5 of 20
NXP Semiconductors
HEF4053B
Triple single-pole double-throw analog switch
10. Static characteristics
t/V
input transition rise and fall
rate
VDD = 5 V
-
-
3.75
s/V
VDD = 10 V
-
-
0.5
s/V
VDD = 15 V
-
-
0.08
s/V
Table 5.
Recommended operating conditions …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 7.
Operating area as a function of the supply voltages
VDD − VEE (V)
015
510
001aae646
10
5
15
VDD − VSS
(V)
0
operating area
Table 6.
Static characteristics
VSS = VEE = 0 V; VI = VSS or VDD unless otherwise specified.
Symbol Parameter
Conditions
VDD
Tamb = 40 C Tamb = 25 C
Tamb = 85 C Tamb = 125 C Unit
Min
Max
Min
Max
Min
Max
Min
Max
VIH
HIGH-level
input voltage
I
O < 1 A
5 V
3.5
-
3.5
-
3.5
-
3.5
-
V
10 V
7.0
-
7.0
-
7.0
-
7.0
-
V
15 V
11.0
-
11.0
-
11.0
-
11.0
-
V
VIL
LOW-level
input voltage
I
O < 1 A
5 V
-
1.5
-
1.5
-
1.5
-
1.5
V
10 V
-
3.0
-
3.0
-
3.0
-
3.0
V
15 V
-
4.0
-
4.0
-
4.0
-
4.0
V
II
input leakage
current
15 V
-
0.1
-
0.1
-
1.0
-
1.0 A
IS(OFF)
OFF-state
leakage
current
Z port;
all channels OFF;
see Figure 8
15 V
-
-
-
1000
-
-
-
-
nA
Y port;
per channel;
see Figure 9
15 V
-
-
-
200
-
-
-
-
nA


Similar Part No. - HEF4053B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4053B PHILIPS-HEF4053B Datasheet
118Kb / 9P
   Triple 2-channel analogue multiplexer/demultiplexer
January 1995
HEF4053B NXP-HEF4053B Datasheet
160Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
HEF4053B PHILIPS-HEF4053B Datasheet
160Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
logo
Nexperia B.V. All right...
HEF4053B NEXPERIA-HEF4053B Datasheet
289Kb / 16P
   Triple single-pole double-throw analog switch
Rev. 13 - 21 December 2021
HEF4053B-Q100 NEXPERIA-HEF4053B-Q100 Datasheet
775Kb / 19P
   Triple single-pole double-throw analog switch
More results

Similar Description - HEF4053B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4053BT652 PHILIPS-HEF4053BT652 Datasheet
160Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
logo
Nexperia B.V. All right...
74LV4053-Q100 NEXPERIA-74LV4053-Q100 Datasheet
782Kb / 25P
   Triple single-pole double-throw analog switch
HEF4053B-Q100 NEXPERIA-HEF4053B-Q100 Datasheet
775Kb / 19P
   Triple single-pole double-throw analog switch
74LV4053 NEXPERIA-74LV4053 Datasheet
335Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 8 - 15 September 2021
logo
NXP Semiconductors
HEF4053B NXP-HEF4053B Datasheet
160Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
74LV4053 NXP-74LV4053 Datasheet
162Kb / 26P
   Triple single-pole double-throw analog switch
Rev. 04-10 August 2009
HEF4053B PHILIPS-HEF4053B_15 Datasheet
201Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 11-11 September 2014
74LV4053 PHILIPS-74LV4053_15 Datasheet
243Kb / 27P
   Triple single-pole double-throw analog switch
Rev. 5-18 September 2014
logo
Nexperia B.V. All right...
HEF4053B NEXPERIA-HEF4053B Datasheet
289Kb / 16P
   Triple single-pole double-throw analog switch
Rev. 13 - 21 December 2021
logo
NXP Semiconductors
NX3L4053 PHILIPS-NX3L4053_15 Datasheet
266Kb / 22P
   Triple low-ohmic single-pole double-throw analog switch
Rev. 5-25 June 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com