Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP82C52Z Datasheet(PDF) 3 Page - Intersil Corporation

Part # CP82C52Z
Description  CMOS Serial Controller Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CP82C52Z Datasheet(HTML) 3 Page - Intersil Corporation

  CP82C52Z Datasheet HTML 1Page - Intersil Corporation CP82C52Z Datasheet HTML 2Page - Intersil Corporation CP82C52Z Datasheet HTML 3Page - Intersil Corporation CP82C52Z Datasheet HTML 4Page - Intersil Corporation CP82C52Z Datasheet HTML 5Page - Intersil Corporation CP82C52Z Datasheet HTML 6Page - Intersil Corporation CP82C52Z Datasheet HTML 7Page - Intersil Corporation CP82C52Z Datasheet HTML 8Page - Intersil Corporation CP82C52Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
FN2950.3
April 26, 2006
Pin Description
SYMBOL
PIN
NO.
TYPE
ACTIVE
LEVEL
DESCRIPTION
RD
1
I
Low
READ: The RD input causes the 82C52 to output data to the data bus (D0-D7). The data output
depends upon the state of the address inputs (A0-A1). CS0 enables the RD input.
WR
2
I
Low
WRITE: The WR input causes data from the data bus (D0-D7) to be input to the 82C52. Addressing
and chip select action is the same as for read operations.
D0-D7
3-10
I/O
High
DATA BITS 0-7: The Data Bus provides eight, three-state input/output lines for the transfer of data,
control and status information between the 82C52 and the CPU. For character formats of less than 8
bits, the corresponding D7, D6 and D5 are considered “don't cares” for data WRITE operations and
are 0 for data READ operations. These lines are normally in a high impedance state except during
read operations. D0 is the Least Significant Bit (LSB) and is the first serial data bit to be received or
transmitted.
A0, A1
11, 12
I
High
ADDRESS INPUTS: The address lines select the various internal registers during CPU bus
operations.
IX, OX
13, 14
I/O
CRYSTAL/CLOCK: Crystal connections for the internal Baud Rate Generator. IX can also be used
as an external clock input in which case OX should be left open.
SDO
15
O
High
SERIAL DATA OUTPUT: Serial data output from the 82C52 transmitter circuitry. A Mark (1) is a logic
one (high) and Space (0) is logic zero (low). SD0 is held in the Mark condition when CTS is false,
when RST is true, when the Transmitter Register is empty, or when in the Loop Mode.
GND
16
Low
GROUND: Power supply ground connection.
CTS
17
I
Low
CLEAR TO SEND: The logical state of the CTS line is reflected in the CTS bit of the Modem Status
Register. Any change of state in CTS causes INTR to be set true when INTEN and MIEN are true. A
false level on CTS will inhibit transmission of data on the SD0 output and will hold SD0 in the Mark
(high) state. If CTS goes false during transmission, the current character being transmitted will be
completed. CTS does not affect Loop Mode operation.
DSR
18
I
Low
DATA SET READY: The logical state of the DSR line is reflected in the Modem Status Register. Any
change of state of DSR will cause INTR to be set if INTEN and MIEN are true. The state of this signal
does not affect any other circuitry within the 82C52.
DTR
19
O
Low
DATA TERMINAL READY: The DTR signal can be set (low) by writing a logic 1 to the appropriate bit
in the Modem Control Register (MCR). This signal is cleared (high) by writing a logic 0 in the DTR bit
in the MCR or whenever a reset (RST = high) is applied to the 82C52.
RTS
20
O
Low
REQUEST TO SEND: The RTS signal can be set (low) by writing a logic 1 to the appropriate bit in
the MCR. This signal is cleared (high) by writing a logic 0 to the RTS bit in the MCR or whenever a
reset (RST = high) is applied to the 82C52.
CO
21
O
CLOCK OUT: This output is user programmable to provide either a buffered IX output or a buffered
Baud Rate Generator (16X) clock output. The buffered IX (Crystal or external clock source) output is
provided when the Baud Rate Select Register (BRSR) bit 7 is set to a zero. Writing a logic one to
BRSR bit 7 causes the CO output to provide a buffered version of the internal Baud Rate Generator
clock which operates at sixteen times the programmed baud rate. On reset D7 (CO select) is reset to
0.
TBRE
22
O
High
TRANSMITTER BUFFER REGISTER EMPTY: The TBRE output is set (high) whenever the
Transmitter Buffer Register (TBR) has transferred its data to the Transmit Register. Application of a
reset (RST) to the 82C52 will also set the TBRE output. TBRE is cleared (low) whenever data is
written to the TBR.
RST
23
I
High
RESET: The RST input forces the 82C52 into an “Idle” mode in which all serial data activities are
suspended. The Modem Control Register (MCR) along with its associated outputs are cleared. The
UART Status Register (USR) is cleared except for the TBRE and TC bits, which are set. The 82C52
remains in an “Idle” state until programmed to resume serial data activities. The RST input is a
Schmitt triggered input.
INTR
24
O
High
INTERRUPT REQUEST: The INTR output is enabled by the INTEN bit in the Modem Control
Register (MCR). The MIEN bit selectively enables modem status changes to provide an input to the
INTR logic. Figure 9 in Design Information shows the overall relationship of these interrupt control
signals.
82C52
82C52


Similar Part No. - CP82C52Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CP82C52Z RENESAS-CP82C52Z Datasheet
1,003Kb / 21P
   CMOS Serial Controller Interface
More results

Similar Description - CP82C52Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
82C52 RENESAS-82C52 Datasheet
1,003Kb / 21P
   CMOS Serial Controller Interface
logo
TEMIC Semiconductors
TSS463 TEMIC-TSS463 Datasheet
217Kb / 24P
   Van Controller Serial Interface
TSS461 TEMIC-TSS461 Datasheet
215Kb / 24P
   Van Controller Serial Interface
logo
National Semiconductor ...
DP83901A NSC-DP83901A Datasheet
705Kb / 62P
   Serial Network Interface Controller
DP83910A NSC-DP83910A Datasheet
221Kb / 12P
   CMOS SNI Serial Network Interface
logo
Zilog, Inc.
Z85C3010VEG ZILOG-Z85C3010VEG Datasheet
5Mb / 81P
   CMOS SCC Serial Communications Controller
Z85C3010VSG ZILOG-Z85C3010VSG Datasheet
547Kb / 83P
   CMOS SCC Serial Communications Controller
Z85C3008PEG ZILOG-Z85C3008PEG Datasheet
5Mb / 81P
   CMOS SCC Serial Communications Controller
Z85C3008VSG ZILOG-Z85C3008VSG Datasheet
5Mb / 81P
   CMOS SCC Serial Communications Controller
Z85C3008PSG ZILOG-Z85C3008PSG Datasheet
5Mb / 81P
   CMOS SCC Serial Communications Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com