Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK03R4DPA Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJK03R4DPA
Description  Built in SBD Dual N-channel Power MOS FET High Speed Power Switching
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK03R4DPA Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJK03R4DPA Datasheet HTML 1Page - Renesas Technology Corp RJK03R4DPA Datasheet HTML 2Page - Renesas Technology Corp RJK03R4DPA Datasheet HTML 3Page - Renesas Technology Corp RJK03R4DPA Datasheet HTML 4Page - Renesas Technology Corp RJK03R4DPA Datasheet HTML 5Page - Renesas Technology Corp RJK03R4DPA Datasheet HTML 6Page - Renesas Technology Corp RJK03R4DPA Datasheet HTML 7Page - Renesas Technology Corp RJK03R4DPA Datasheet HTML 8Page - Renesas Technology Corp RJK03R4DPA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RJK03R4DPA
Preliminary
R07DS0888EJ0110 Rev.1.10
Page 2 of 10
Oct 29, 2012
Electrical Characteristics
• MOS1
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
30
V
ID = 10 mA, VGS = 0
Gate to source leak current
IGSS
±0.1
A
VGS = ±20 V, VDS = 0
Zero gate voltage drain current
IDSS
1
A
VDS = 30 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.2
2.5
V
VDS = 10 V, I D = 1 mA
RDS(on)
5.8
7.0
m
ID = 10 A, VGS = 10 V
Note4
Static drain to source on state
resistance
RDS(on)
8.4
10.9
m
ID = 10 A, VGS = 4.5 V
Note4
Forward transfer admittance
|yfs|
35
S
ID = 10 A, VDS = 5 V
Note4
Input capacitance
Ciss
1180
1650
pF
Output capacitance
Coss
252
pF
Reverse transfer capacitance
Crss
90
pF
VDS = 10 V
VGS = 0
f = 1MHz
Gate Resistance
Rg
1.0
2.2
Total gate charge
Qg
7.7
nC
Gate to source charge
Qgs
3.3
nC
Gate to drain charge
Qgd
2.0
nC
VDD = 10 V
VGS = 4.5 V
ID = 20 A
Turn-on delay time
td(on)
3.8
ns
Rise time
tr
3.4
ns
Turn-off delay time
td(off)
13.2
ns
Fall time
tf
3.8
ns
VGS =10 V, ID = 10 A
VDD  10 V
RL = 1.0 
Rg = 4.7 
Body–drain diode forward voltage
VDF
0.83
1.08
V
IF = 20 A, VGS = 0
Note4
Body–drain diode reverse
recovery time
trr
9.0
ns
IF =20 A, VGS = 0
diF/ dt = 500 A/s
Notes: 4. Pulse test


Similar Part No. - RJK03R4DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0301DPB RENESAS-RJK0301DPB Datasheet
83Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK0301DPB-00-J0 RENESAS-RJK0301DPB-00-J0 Datasheet
83Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK0301DPB-02 RENESAS-RJK0301DPB-02 Datasheet
135Kb / 7P
   30V, 60A, 2.8mΩ max. Silicon N Channel Power MOS FET Power Switching
Jan 07, 2015
RJK0301DPB-02 RENESAS-RJK0301DPB-02_15 Datasheet
136Kb / 7P
   30V, 60A, 2.8m廓 max. Silicon N Channel Power MOS FET Power Switching
RJK0302DPB RENESAS-RJK0302DPB Datasheet
117Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - RJK03R4DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03P6DPA RENESAS-RJK03P6DPA Datasheet
241Kb / 11P
   Built in SBD Dual N-channel Power MOS FET High Speed Power Switching
RJK03P0DPA RENESAS-RJK03P0DPA Datasheet
400Kb / 11P
   Built in SBD Dual N-channel Power MOS FET High Speed Power Switching
RJK03P9DPA RENESAS-RJK03P9DPA Datasheet
335Kb / 11P
   Built in SBD Dual N-channel Power MOS FET High Speed Power Switching
RJK03E6DPA RENESAS-RJK03E6DPA_13 Datasheet
141Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03E5DPA RENESAS-RJK03E5DPA_13 Datasheet
141Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0204DPA RENESAS-RJK0204DPA_13 Datasheet
125Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0208DPA RENESAS-RJK0208DPA_13 Datasheet
125Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0236DPA RENESAS-RJK0236DPA Datasheet
161Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03C5DPA RENESAS-RJK03C5DPA_13 Datasheet
126Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03E4DPA RENESAS-RJK03E4DPA_13 Datasheet
142Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com