Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX79-B75 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BZX79-B75
Description  Voltage regulator diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZX79-B75 Datasheet(HTML) 5 Page - NXP Semiconductors

  BZX79-B75 Datasheet HTML 1Page - NXP Semiconductors BZX79-B75 Datasheet HTML 2Page - NXP Semiconductors BZX79-B75 Datasheet HTML 3Page - NXP Semiconductors BZX79-B75 Datasheet HTML 4Page - NXP Semiconductors BZX79-B75 Datasheet HTML 5Page - NXP Semiconductors BZX79-B75 Datasheet HTML 6Page - NXP Semiconductors BZX79-B75 Datasheet HTML 7Page - NXP Semiconductors BZX79-B75 Datasheet HTML 8Page - NXP Semiconductors BZX79-B75 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Table 2
Per type, BZX79-B/C27 to BZX79-B/C75
Tj = 25 °C unless otherwise specified.
BZX79-
Bxxx
Cxxx
WORKING VOLTAGE
VZ (V)
at IZtest = 2 mA
DIFFERENTIAL RESISTANCE
rdif (Ω)
TEMP. COEFF.
SZ (mV/K)
at IZtest = 2 mA
(see Figs 5 and 6)
DIODE CAP.
Cd (pF)
at f = 1 MHz;
VR = 0 V
NON-REPETITIVE PEAK
REVERSE CURRENT
IZSM (A)
at tp = 100 μs; Tamb = 25 °C
Tol.
±2% (B)
Tol. approx.
±5% (C)
at IZtest = 0.5 mA at IZtest = 2 mA
MIN.
MAX.
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
MIN.
TYP.
MAX.
MAX.
MAX.
27
26.50
27.50
25.1
28.9
65
300
25
80
18.0
22.7
25.3
50
1.0
30
29.40
30.60
28.0
32.0
70
300
30
80
20.6
25.7
29.4
50
1.0
33
32.30
33.70
31.0
35.0
75
325
35
80
23.3
28.7
33.4
45
0.9
36
35.30
36.70
34.0
38.0
80
350
35
90
26.0
31.8
37.4
45
0.8
39
38.20
39.80
37.0
41.0
80
350
40
130
28.7
34.8
41.2
45
0.7
43
42.10
43.90
40.0
46.0
85
375
45
150
31.4
38.8
46.6
40
0.6
47
46.10
47.90
44.0
50.0
85
375
50
170
35.0
42.9
51.8
40
0.5
51
50.00
52.00
48.0
54.0
90
400
60
180
38.6
46.9
57.2
40
0.4
56
54.90
57.10
52.0
60.0
100
425
70
200
42.2
52.0
63.8
40
0.3
62
60.80
63.20
58.0
66.0
120
450
80
215
58.8
64.4
71.6
35
0.3
68
66.60
69.40
64.0
72.0
150
475
90
240
65.6
71.7
79.8
35
0.25
75
73.50
76.50
70.0
79.0
170
500
95
255
73.4
80.2
88.6
35
0.2


Similar Part No. - BZX79-B75

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX79-B75 PHILIPS-BZX79-B75 Datasheet
61Kb / 12P
   Voltage regulator diodes
2002 Feb 27
logo
GOOD-ARK Electronics
BZX79-B75 GOOD-ARK-BZX79-B75 Datasheet
320Kb / 7P
   Zener Diodes
logo
Silicon Standard Corp.
BZX79-B75 SSC-BZX79-B75 Datasheet
455Kb / 7P
   ZENER DIODES
logo
NXP Semiconductors
BZX79-B75 NXP-BZX79-B75 Datasheet
581Kb / 10P
   Voltage regulator diodes
2002 Feb 27
logo
Nexperia B.V. All right...
BZX79-B75 NEXPERIA-BZX79-B75 Datasheet
871Kb / 11P
   Voltage regulator diodes
2002 Feb 27
More results

Similar Description - BZX79-B75

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com