Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK60S3DPE Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJK60S3DPE
Description  600V - 12A - SJ MOS FET High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK60S3DPE Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJK60S3DPE Datasheet HTML 1Page - Renesas Technology Corp RJK60S3DPE Datasheet HTML 2Page - Renesas Technology Corp RJK60S3DPE Datasheet HTML 3Page - Renesas Technology Corp RJK60S3DPE Datasheet HTML 4Page - Renesas Technology Corp RJK60S3DPE Datasheet HTML 5Page - Renesas Technology Corp RJK60S3DPE Datasheet HTML 6Page - Renesas Technology Corp RJK60S3DPE Datasheet HTML 7Page - Renesas Technology Corp RJK60S3DPE Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RJK60S3DPE
Preliminary
R07DS0732EJ0200 Rev.2.00
Page 5 of 7
Oct 12, 2012
10
μ
100
μ
1 m
10 m
100 m
1
100
10
PDM
PW
T
D =
PW
T
ch – c(t) = s (t) •
ch – c
ch – c = 1.5
°C/W
θ
γ
θ
θ
D = 1
0.5
0.2
0.1
0.05
0.02
Pulse Width
PW (s)
Normalized Transient Thermal Impedance vs. Pulse Width
10
1
0.01
0.1
1 shot pulse
0.01
Case Temperature
Tc (
°C)
Drain to Source Breakdown Voltage
vs. Case Temperature (Typical)
400
600
500
700
800
−25
0
50
25
75
100 125 150
ID = 10 mA
VGS = 0
0
2
1
3
4
5
6
−25
0
50
25
75
100 125 150
Case Temperature
Tc (
°C)
Gate to Source Cutoff Voltage
vs. Case Temperature (Typical)
ID = 10 mA
0.1 mA
1 mA
VDS = 10 V


Similar Part No. - RJK60S3DPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK60S3DPD RENESAS-RJK60S3DPD Datasheet
94Kb / 8P
   600V - 12A - SJ MOS FET High Speed Power Switching
RJK60S3DPD-00J2 RENESAS-RJK60S3DPD-00J2 Datasheet
94Kb / 8P
   600V - 12A - SJ MOS FET High Speed Power Switching
RJK60S3DPP-E0 RENESAS-RJK60S3DPP-E0 Datasheet
85Kb / 7P
   600V - 12A - SJ MOS FET High Speed Power Switching
RJK60S3DPP-E0-T2 RENESAS-RJK60S3DPP-E0-T2 Datasheet
85Kb / 7P
   600V - 12A - SJ MOS FET High Speed Power Switching
More results

Similar Description - RJK60S3DPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK60S3DPP-E0 RENESAS-RJK60S3DPP-E0 Datasheet
85Kb / 7P
   600V - 12A - SJ MOS FET High Speed Power Switching
RJK60S3DPD RENESAS-RJK60S3DPD Datasheet
94Kb / 8P
   600V - 12A - SJ MOS FET High Speed Power Switching
RJK60S2DPP-E0 RENESAS-RJK60S2DPP-E0 Datasheet
60Kb / 4P
   600V - 8A - SJ MOS FET High Speed Power Switching
RJK60S5DPE RENESAS-RJK60S5DPE Datasheet
89Kb / 7P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S5DPP-E0 RENESAS-RJK60S5DPP-E0 Datasheet
91Kb / 7P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S5DPQ-E0 RENESAS-RJK60S5DPQ-E0_13 Datasheet
110Kb / 8P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S1DPD RENESAS-RJK60S1DPD Datasheet
95Kb / 7P
   600V - 8A - SJ MOS FET High Speed Power Switching
RJK60S7DPK-M0 RENESAS-RJK60S7DPK-M0 Datasheet
99Kb / 8P
   600V -30A - SJ MOS FET High Speed Power Switching
RJK60S7DPP-E0 RENESAS-RJK60S7DPP-E0 Datasheet
88Kb / 7P
   600V -30A - SJ MOS FET High Speed Power Switching
RJK60S1DPP-E0 RENESAS-RJK60S1DPP-E0 Datasheet
105Kb / 7P
   600V - 8A - SJ MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com