Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIN202ECBZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIN202ECBZ-T
Description  짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIN202ECBZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  HIN202ECBZ-T Datasheet HTML 1Page - Intersil Corporation HIN202ECBZ-T Datasheet HTML 2Page - Intersil Corporation HIN202ECBZ-T Datasheet HTML 3Page - Intersil Corporation HIN202ECBZ-T Datasheet HTML 4Page - Intersil Corporation HIN202ECBZ-T Datasheet HTML 5Page - Intersil Corporation HIN202ECBZ-T Datasheet HTML 6Page - Intersil Corporation HIN202ECBZ-T Datasheet HTML 7Page - Intersil Corporation HIN202ECBZ-T Datasheet HTML 8Page - Intersil Corporation HIN202ECBZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
®
FN4315.16
HIN202E, HIN206E, HIN207E, HIN208E,
HIN211E, HIN213E, HIN232E
±15kV, ESD-Protected, +5V Powered,
RS-232 Transmitters/Receivers
The HIN202E, HIN206E, HIN207E, HIN208E, HIN211E,
HIN213E, HIN232E family of RS-232 transmitters/receivers
interface circuits meet all ElA high-speed RS-232E and V.28
specifications, and are particularly suited for those
applications where
±12V is not available. A redesigned
transmitter circuit improves data rate and slew rate, which
makes this suitable for ISDN and high speed modems. The
transmitter outputs and receiver inputs are protected to
±15kV ESD (Electrostatic Discharge). They require a single
+5V power supply and feature onboard charge pump voltage
converters which generate +10V and -10V supplies from the
5V supply. The family of devices offers a wide variety of
high-speed RS-232 transmitter/receiver combinations to
accommodate various applications (see Selection Table).
The HIN206E, HIN211E and HIN213E feature a low power
shutdown mode to conserve energy in battery powered
applications. In addition, the HIN213E provides two active
receivers in shutdown mode allowing for easy “wakeup”
capability.
The drivers feature true TTL/CMOS input compatibility, slew
rate-limited output, and 300
Ω power-off source impedance.
The receivers can handle up to
±30V input, and have a 3kΩ
to 7k
Ω input impedance. The receivers also feature
hysteresis to greatly improve noise rejection.
Features
• Pb-Free Plus Anneal Available (RoHS Compliant)
• High Speed ISDN Compatible . . . . . . . . . . . . . 230kbits/s
• ESD Protection for RS-232 I/O Pins to
±15kV (IEC61000)
• Meets All RS-232E and V.28 Specifications
• Requires Only 0.1
µF or Greater External Capacitors
• Two Receivers Active in Shutdown Mode (HIN213E)
• Requires Only Single +5V Power Supply
• Onboard Voltage Doubler/Inverter
• Low Power Consumption (Typ) . . . . . . . . . . . . . . . . . 5mA
• Low Power Shutdown Function (Typ) . . . . . . . . . . . . .1
µA
• Three-State TTL/CMOS Receiver Outputs
• Multiple Drivers
-
±10V Output Swing for +5V Input
-300
Ω Power-Off Source Impedance
- Output Current Limiting
- TTL/CMOS Compatible
• Multiple Receivers
-
±30V Input Voltage Range
-3k
Ω to 7kΩ Input Impedance
- 0.5V Hysteresis to Improve Noise Rejection
Applications
• Any System Requiring High-Speed RS-232
Communications Port
- Computer - Portable, Mainframe, Laptop
- Peripheral - Printers and Terminals
- Instrumentation, UPS
- Modems, ISDN Terminal Adaptors
Selection Table
PART
NUMBER
POWER SUPPLY
VOLTAGE
NUMBER OF
RS-232
DRIVERS
NUMBER OF
RS-232
RECEIVERS
NUMBER OF
0.1
µF
EXTERNAL
CAPACITORS
LOW POWER
SHUTDOWN/TTL
THREE-STATE
NUMBER OF
RECEIVERS
ACTIVE IN
SHUTDOWN
HIN202E
+5V
2
2
4 Capacitors
No/No
0
HIN206E
+5V
4
3
4 Capacitors
Yes/Yes
0
HIN207E
+5V
5
3
4 Capacitors
No/No
0
HIN208E
+5V
4
4
4 Capacitors
No/No
0
HIN211E
+5V
4
5
4 Capacitors
Yes/Yes
0
HIN213E
+5V
4
5
4 Capacitors
Yes/Yes
2
HIN232E
+5V
2
2
4 Capacitors
No/No
0
Data Sheet
November 4, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or
1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003-2005. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HIN202ECBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIN202ECBZ-T RENESAS-HIN202ECBZ-T Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
More results

Similar Description - HIN202ECBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
5962-0620701Q3A INTERSIL-5962-0620701Q3A Datasheet
195Kb / 9P
   짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
5962-0620705Q3A INTERSIL-5962-0620705Q3A Datasheet
194Kb / 9P
   짹15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232A RENESAS-HIN232A Datasheet
494Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com