Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6601BECBZA Datasheet(PDF) 7 Page - Intersil Corporation

Part # HIP6601BECBZA
Description  Synchronous Rectified Buck MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6601BECBZA Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HIP6601BECBZA Datasheet HTML 3Page - Intersil Corporation HIP6601BECBZA Datasheet HTML 4Page - Intersil Corporation HIP6601BECBZA Datasheet HTML 5Page - Intersil Corporation HIP6601BECBZA Datasheet HTML 6Page - Intersil Corporation HIP6601BECBZA Datasheet HTML 7Page - Intersil Corporation HIP6601BECBZA Datasheet HTML 8Page - Intersil Corporation HIP6601BECBZA Datasheet HTML 9Page - Intersil Corporation HIP6601BECBZA Datasheet HTML 10Page - Intersil Corporation HIP6601BECBZA Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN9072.8
May 1, 2012
A falling transition on PWM indicates the turn-off of the upper
MOSFET and the turn-on of the lower MOSFET. A short
propagation delay [tPDLUGATE] is encountered before the upper
gate begins to fall [tFUGATE]. Again, the adaptive shoot-through
circuitry determines the lower gate delay time, tPDHLGATE. The
PHASE voltage is monitored and the lower gate is allowed to rise
after PHASE drops below 0.5V. The lower gate then rises
[tRLGATE], turning on the lower MOSFET.
Three-State PWM Input
A unique feature of the HIP660X drivers is the addition of a
shutdown window to the PWM input. If the PWM signal enters
and remains within the shutdown window for a set holdoff time,
the output drivers are disabled and both MOSFET gates are pulled
and held low. The shutdown state is removed when the PWM
signal moves outside the shutdown window. Otherwise, the PWM
rising and falling thresholds outlined in the Electrical
Specifications determine when the lower and upper gates are
enabled.
Adaptive Shoot-Through Protection
Both drivers incorporate adaptive shoot-through protection to
prevent upper and lower MOSFETs from conducting
simultaneously and shorting the input supply. This is accomplished
by ensuring the falling gate has turned off one MOSFET before the
other is allowed to rise.
During turn-off of the lower MOSFET, the LGATE voltage is
monitored until it reaches a 2.2V threshold, at which time the
UGATE is released to rise. Adaptive shoot-through circuitry
monitors the PHASE voltage during UGATE turn-off. Once
PHASE has dropped below a threshold of 0.5V, the LGATE is
allowed to rise. PHASE continues to be monitored during the
lower gate rise time. If PHASE has not dropped below 0.5V within
250ns, LGATE is taken high to keep the bootstrap capacitor
charged. If the PHASE voltage exceeds the 0.5V threshold during
this period and remains high for longer than 2
μs, the LGATE
transitions low. Both upper and lower gates are then held low until
the next rising edge of the PWM signal.
Power-On Reset (POR) Function
During initial start-up, the VCC voltage rise is monitored and gate
drives are held low until a typical VCC rising threshold of 9.95V is
reached. Once the rising VCC threshold is exceeded, the PWM
input signal takes control of the gate drives. If VCC drops below a
typical VCC falling threshold of 7.6V during operation, then both
gate drives are again held low. This condition persists until the
VCC voltage exceeds the VCC rising threshold.
Internal Bootstrap Device
The HIP6601B, HIP6603B, and HIP6604B drivers all feature an
internal bootstrap device. Simply adding an external capacitor
across the BOOT and PHASE pins completes the bootstrap circuit.
The bootstrap capacitor must have a maximum voltage rating
above VCC + 5V. The bootstrap capacitor can be chosen from the
following equation:
Where QGATE is the amount of gate charge required to fully
charge the gate of the upper MOSFET. The
ΔV
BOOT term is
defined as the allowable droop in the rail of the upper drive.
As an example, suppose a HUF76139 is chosen as the upper
MOSFET. The gate charge, QGATE, from the data sheet is 65nC
for a 10V upper gate drive. We will assume a 200mV droop in
drive voltage over the PWM cycle. We find that a bootstrap
capacitance of at least 0.325
μF is required. The next larger
standard value capacitance is 0.33
μF.
In applications which require down conversion from +12V or
higher and PVCC is connected to a +12V source, a boot resistor in
series with the boot capacitor is required. The increased power
density of these designs tend to lead to increased ringing on the
BOOT and PHASE nodes, due to faster switching of larger
currents across given circuit parasitic elements. The addition of the
boot resistor allows for tuning of the circuit until the peak ringing
on BOOT is below 29V from BOOT to GND and 17V from BOOT
to VCC. A boot resistor value of 5
Ω typically meets this criteria.
In some applications, a well tuned boot resistor reduces the ringing
on the BOOT pin, but the PHASE to GND peak ringing exceeds
17V. A gate resistor placed in the UGATE trace between the
controller and upper MOSFET gate is recommended to reduce the
ringing on the PHASE node by slowing down the upper MOSFET
turn-on. A gate resistor value between 2
Ω to 10Ω typically reduces
the PHASE to GND peak ringing below 17V.
Gate Drive Voltage Versatility
The HIP6601B and HIP6603B provide the user total flexibility in
choosing the gate drive voltage. The HIP6601B lower gate drive is
fixed to VCC [+12V], but the upper drive rail can range from 12V
down to 5V depending on what voltage is applied to PVCC. The
HIP6603B ties the upper and lower drive rails together. Simply
applying a voltage from 5V up to 12V on PVCC will set both
driver rail voltages.
Power Dissipation
Package power dissipation is mainly a function of the switching
frequency and total gate charge of the selected MOSFETs.
Calculating the power dissipation in the driver for a desired
application is critical to ensuring safe operation. Exceeding the
maximum allowable power dissipation level will push the IC
beyond the maximum recommended operating junction
temperature of +125°C. The maximum allowable IC power
dissipation for the SO8 package is approximately 800mW. When
designing the driver into an application, it is recommended that the
following calculation be performed to ensure safe operation at the
C
BOOT
Q
GATE
ΔV
BOOT
------------------------
(EQ. 1)
HIP6601B, HIP6603B, HIP6604B


Similar Part No. - HIP6601BECBZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601BECBZA INTERSIL-HIP6601BECBZA Datasheet
256Kb / 12P
   Drives Two N-Channel MOSFETs
HIP6601BECBZA INTERSIL-HIP6601BECBZA Datasheet
258Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
May 1, 2012
logo
Renesas Technology Corp
HIP6601BECBZA RENESAS-HIP6601BECBZA Datasheet
682Kb / 14P
   Synchronous Rectified BuckMOSFET Drivers
More results

Similar Description - HIP6601BECBZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601A INTERSIL-HIP6601A Datasheet
516Kb / 11P
   Synchronous Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9611A RICHTEK-RT9611A Datasheet
228Kb / 15P
   Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618 Datasheet
434Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
HIP6601 RENESAS-HIP6601 Datasheet
241Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
August 2004
logo
Richtek Technology Corp...
RT9603 RICHTEK-RT9603 Datasheet
116Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
RT9603 RICHTEK-RT9603_07 Datasheet
128Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com