Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6601BECBZA Datasheet(PDF) 9 Page - Intersil Corporation

Part # HIP6601BECBZA
Description  Synchronous Rectified Buck MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6601BECBZA Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HIP6601BECBZA Datasheet HTML 4Page - Intersil Corporation HIP6601BECBZA Datasheet HTML 5Page - Intersil Corporation HIP6601BECBZA Datasheet HTML 6Page - Intersil Corporation HIP6601BECBZA Datasheet HTML 7Page - Intersil Corporation HIP6601BECBZA Datasheet HTML 8Page - Intersil Corporation HIP6601BECBZA Datasheet HTML 9Page - Intersil Corporation HIP6601BECBZA Datasheet HTML 10Page - Intersil Corporation HIP6601BECBZA Datasheet HTML 11Page - Intersil Corporation HIP6601BECBZA Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN9072.8
May 1, 2012
Typical Performance Curves
FIGURE 3. POWER DISSIPATION vs LOADING
FIGURE 4. POWER DISSIPATION vs FREQUENCY (HIP6603B)
FIGURE 5. 3nF LOADING PROFILE (HIP6603B)
FIGURE 6. VARIABLE LOADING PROFILE (HIP6603B)
FIGURE 7. POWER DISSIPATION vs FREQUENCY (HIP6601B)
FIGURE 8. POWER DISSIPATION vs LOWER GATE
CAPACITANCE FOR FIXED VALUES OF UPPER
GATE CAPACITANCE
1000
800
600
400
200
1.02.0
3.04.0
5.0
GATE CAPACITANCE (CU = CL) (nF)
0
VCC = PVCC = 12V
FREQUENCY
= 1MHz
FREQUENCY = 500kHz
FREQUENCY = 200kHz
400
300
200
100
0
0
500
1000
1500
2000
FREQUENCY (kHz)
VCC = 12V, PVCC = 5V
CU = CL = 2nF
CU = CL = 1nF
CU = CL = 5nF
CU = CL = 4nF
CU = CL = 3nF
VCC = 12V, PVCC = 5V
CU = CL = 3nF
CU = 3nF
CU = 0nF
CL = 0nF
CL = 3nF
400
300
200
100
0
0
500
1000
1500
2000
FREQUENCY (kHz)
FREQUENCY = 500kHz
FREQUENCY = 1MHz
VCC = 12V,
FREQUENCY = 200kHz
PVCC = 5V
FREQUENCY = 500kHz
400
300
200
100
0
1.0
2.0
3.0
4.0
5.0
GATE CAPACITANCE = (CU = CL) (nF)
VCC = 12V, PVCC = 5V
FREQUENCY = 1MHz
FREQUENCY = 500kHz
FREQUENCY = 200kHz
1000
600
400
200
0
1.0
2.0
3.0
4.0
5.0
800
GATE CAPACITANCE (CU = CL) (nF)
500
400
300
200
1.0
2.0
3.0
4.0
5.0
LOWER GATE CAPACITANCE (CL) (nF)
100
VCC = 12V, PVCC = 5V
FREQUENCY = 500kHz
CU = 5nF
CU = 3nF
CU = 1nF
HIP6601B, HIP6603B, HIP6604B


Similar Part No. - HIP6601BECBZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601BECBZA INTERSIL-HIP6601BECBZA Datasheet
256Kb / 12P
   Drives Two N-Channel MOSFETs
HIP6601BECBZA INTERSIL-HIP6601BECBZA Datasheet
258Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
May 1, 2012
logo
Renesas Technology Corp
HIP6601BECBZA RENESAS-HIP6601BECBZA Datasheet
682Kb / 14P
   Synchronous Rectified BuckMOSFET Drivers
More results

Similar Description - HIP6601BECBZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601A INTERSIL-HIP6601A Datasheet
516Kb / 11P
   Synchronous Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9611A RICHTEK-RT9611A Datasheet
228Kb / 15P
   Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618 Datasheet
434Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
HIP6601 RENESAS-HIP6601 Datasheet
241Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
August 2004
logo
Richtek Technology Corp...
RT9603 RICHTEK-RT9603 Datasheet
116Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
RT9603 RICHTEK-RT9603_07 Datasheet
128Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com