Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM1-65883 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HM1-65883
Description  8K x 8 Asynchronous CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HM1-65883 Datasheet(HTML) 2 Page - Intersil Corporation

  HM1-65883 Datasheet HTML 1Page - Intersil Corporation HM1-65883 Datasheet HTML 2Page - Intersil Corporation HM1-65883 Datasheet HTML 3Page - Intersil Corporation HM1-65883 Datasheet HTML 4Page - Intersil Corporation HM1-65883 Datasheet HTML 5Page - Intersil Corporation HM1-65883 Datasheet HTML 6Page - Intersil Corporation HM1-65883 Datasheet HTML 7Page - Intersil Corporation HM1-65883 Datasheet HTML 8Page - Intersil Corporation HM1-65883 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
221
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7.0V
Input or Output Voltage Applied for all Grades. . . . . . . GND -0.3V to
VCC +0.3V
Typical Derating Factor . . . . . . . . . . . 5mA/MHz Increase in ICCOP
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Thermal Resistance (Typical)
θJA
θJC
CERDIP Package . . . . . . . . . . . . . . . .
45oC/W
8oC/W
CLCC Package . . . . . . . . . . . . . . . . . .
55oC/W
10oC/W
Maximum Storage Temperature Range . . . . . . . . .-65oC to +150oC
Maximum Junction Temperature. . . . . . . . . . . . . . . . . . . . . . +175oC
Maximum Lead Temperature (Soldering 10s). . . . . . . . . . . . +300oC
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 101,000 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Operating Temperature Range. . . . . . . . . . . . . . . . -55oC to +125oC
Input Low Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.8V
Input High Voltage. . . . . . . . . . . . . . . . . . . . . . . +2.2V to VCC +0.3V
Data Retention Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 2.0V
Input Rise and Fall Time . . . . . . . . . . . . . . . . . . . . . . . . . . 40ns Max.
TABLE 1. HM-65642/883 DC ELECTRICAL PERFORMANCE SPECIFICATIONS
Device Guaranteed and 100% Tested
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
High Level Output
Voltage
VOH 1
VCC = 4.5V, IO = -1.0mA
1, 2, 3
-55oC
≤ TA
+125oC
2.4
-
V
Low Level Output
Voltage
VOL
VCC = 4.5V, IO = 4.0mA
1, 2, 3
-55oC
≤ TA
+125oC
-0.4
V
High Impedance
Output Leakage
Current
IIOZ
HM-65642B/883, HM-65642/883
VCC = 5.5V, G = 2.2V,
VI/O = GND or VCC
1, 2, 3
-55oC
≤ TA
+125oC
-1.0
+1.0
µA
HM-65642C/883
VCC = 5.5V, G = 2.2V,
VI/O = GND or VCC
1, 2, 3
-55oC
≤ TA
+125oC
-2.0
+2.0
µA
Input Leakage
Current
II
HM-65642B/883, HM-65642/883
VCC = 5.5V, VI = GND or VCC
1, 2, 3
-55oC
≤ TA
+125oC
-1.0
+1.0
µA
HM-65642C/883
VCC = 5.5V, VI = GND or VCC
1, 2, 3
-55oC
≤ TA
+125oC
-2.0
+2.0
µA
Standby Supply
Current
ICCSB1
HM-65642B/883
VCC = 5.5V, E1 = VCC -0.3V or
E2 = GND +0.3V
1, 2, 3
-55oC
≤ TA
+125oC
-
100
µA
HM-65642/883
VCC = 5.5V, E1 = VCC -0.3V or
E2 = GND +0.3V
1, 2, 3
-55oC
≤ TA
+125oC
-
250
µA
HM-65642C/883
VCC = 5.5V, E1 = VCC -0.3V or
E2 = GND +0.3V
1, 2, 3
-55oC
≤ TA
+125oC
-
400
µA
Standby Supply
Current
ICCSB
VCC = 5.5V, IO = 0mA, E1 = 2.2V or
E2 = 0.8V
1, 2, 3
-55oC
≤ TA
+125oC
-5
mA
Enable Supply
Current
ICCEN
VCC = 5.5V, IO = 0mA, E1 =0.8V,
E2 = 2.2V
1, 2, 3
-55oC
≤ TA
+125oC
-5
mA
Operating Supply
Current
ICCOP
VCC = 5.5V, G = 5.5V, (Note 2),
f = 1MHz, E1 = 0.8V, E2 = 2.2V
1, 2, 3
-55oC
≤ TA
+125oC
-20
mA
HM-65642/883


Similar Part No. - HM1-65883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM1-6504/883 INTERSIL-HM1-6504/883 Datasheet
167Kb / 10P
   4096 x 1 CMOS RAM
HM1-6504883 INTERSIL-HM1-6504883 Datasheet
167Kb / 10P
   4096 x 1 CMOS RAM
HM1-6504B/883 INTERSIL-HM1-6504B/883 Datasheet
167Kb / 10P
   4096 x 1 CMOS RAM
HM1-6504B883 INTERSIL-HM1-6504B883 Datasheet
167Kb / 10P
   4096 x 1 CMOS RAM
HM1-6508/883 INTERSIL-HM1-6508/883 Datasheet
234Kb / 9P
   1024 x 1 CMOS RAM
More results

Similar Description - HM1-65883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM1-65642B-883 INTERSIL-HM1-65642B-883 Datasheet
273Kb / 11P
   8K x 8 Asynchronous CMOS Static RAM
logo
Renesas Technology Corp
HM-65642 RENESAS-HM-65642 Datasheet
430Kb / 8P
   8K x 8 Asynchronous CMOS Static RAM
May 2002
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
logo
Intersil Corporation
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
   2K x 8 Asynchronous CMOS Static RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164ASH SHARP-LH5164ASH Datasheet
82Kb / 10P
   CMOS 64K (8K x 8) Static RAM
LH5164AVH SHARP-LH5164AVH Datasheet
81Kb / 10P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com