Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44728 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44728
Description  7/16 DIN Male Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/4??Superflexible, PE-1/4SFHC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44728 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44728 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44728 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44728 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Connector
Type
7/16 DIN Male
Mating Cycles
500
Contact Material and Plating
Spring Copper, Silver
Contact Plating Specification
200 [5] µ in. [µm] minimum
Outer Conductor Material and Plating
Brass, Tri-Metal
Outer Conductor Plating Specification
78 [2] µ in. [µm] minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
200 [5] µ in. [µm] minimum
Hex Size, mm
32
Torque, ft-lbs [Nm]
18.417 [24.97]
Body Material and Plating
Brass, Tri-Metal
Body Plating Specification
78 [2] µ in. [µm] minimum
Dielectric Type
TPX
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
7/16 DIN Male Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/4” Superflexible, PE-1/4SFHC from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Male Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/4” Superflexible,
PE-1/4SFHC PE44728
URL: http://www.pasternack.com/7-16-male-standard-1-4-inch-super-flexible-pe-14sfhc-connector-pe44728-p.aspx
7/16 DIN Male Low PIM Connector Clamp/Non-Solder
Contact Attachment For 1/4” Superflexible, PE-1/4SFHC
PE44728
PE44728 REV 01


Similar Part No. - PE44728

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4472 PASTERNACK-PE4472 Datasheet
280Kb / 2P
   75 Ohm SMB Plug Connector Crimp/ Solder Attachment For RG59, RG62
PE4472 PASTERNACK-PE4472 Datasheet
317Kb / 3P
   75 Ohm SMB Plug Connector Crimp/Solder Attachment
PE44720 PASTERNACK-PE44720 Datasheet
945Kb / 3P
   BNC Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal, 1.24 Sq. Flange Watt Meter Connector
PE44721 PASTERNACK-PE44721 Datasheet
944Kb / 3P
   N Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal, 1.24 Sq. Flange Watt Meter Connector
PE44722 PASTERNACK-PE44722 Datasheet
949Kb / 3P
   N Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal, 1.0 Sq. Flange Watt Meter Connector
More results

Similar Description - PE44728

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44726 PASTERNACK-PE44726 Datasheet
253Kb / 3P
   N Male Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/4??Superflexible, PE-1/4SFHC
PE44727 PASTERNACK-PE44727 Datasheet
252Kb / 3P
   N Female Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/4??Superflexible, PE-1/4SFHC
PE44732 PASTERNACK-PE44732 Datasheet
258Kb / 3P
   7/16 DIN Male Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Superflexible, PE-1/2SFHC
PE44734 PASTERNACK-PE44734 Datasheet
256Kb / 3P
   7/16 DIN Female Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Superflexible, PE-1/2SFHC
PE44729 PASTERNACK-PE44729 Datasheet
255Kb / 3P
   N Male Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Superflexible, PE-1/2SFHC
PE44738 PASTERNACK-PE44738 Datasheet
257Kb / 3P
   7/16 DIN Male Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Flexible, PE-1/2FAC
PE44740 PASTERNACK-PE44740 Datasheet
256Kb / 3P
   7/16 DIN Female Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Flexible, PE-1/2FAC
PE44731 PASTERNACK-PE44731 Datasheet
254Kb / 3P
   N Female Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Superflexible, PE-1/2SFHC
PE44735 PASTERNACK-PE44735 Datasheet
254Kb / 3P
   N Male Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Flexible, PE-1/2FAC
PE45298 PASTERNACK-PE45298 Datasheet
393Kb / 4P
   4.3-10 Male Low PIM Connector Solder Attachment for PE-1/4SFHC, IP67 Rated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com