Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7660CPA Datasheet(PDF) 10 Page - Intersil Corporation

Part # 7660CPA
Description  CMOS Voltage Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

7660CPA Datasheet(HTML) 10 Page - Intersil Corporation

Back Button 7660CPA Datasheet HTML 3Page - Intersil Corporation 7660CPA Datasheet HTML 4Page - Intersil Corporation 7660CPA Datasheet HTML 5Page - Intersil Corporation 7660CPA Datasheet HTML 6Page - Intersil Corporation 7660CPA Datasheet HTML 7Page - Intersil Corporation 7660CPA Datasheet HTML 8Page - Intersil Corporation 7660CPA Datasheet HTML 9Page - Intersil Corporation 7660CPA Datasheet HTML 10Page - Intersil Corporation 7660CPA Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
FN3072.7
October 10, 2005
Positive Voltage Doubling
The ICL7660 and ICL7660A may be employed to achieve
positive voltage doubling using the circuit shown in Figure
19. In this application, the pump inverter switches of the
ICL7660 and ICL7660A are used to charge C1 to a voltage
level of V+ -VF (where V+ is the supply voltage and VF is the
forward voltage drop of diode D1). On the transfer cycle, the
voltage on C1 plus the supply voltage (V+) is applied through
diode D2 to capacitor C2. The voltage thus created on C2
becomes (2V+) - (2VF) or twice the supply voltage minus the
combined forward voltage drops of diodes D1 and D2.
The source impedance of the output (VOUT) will depend on
the output current, but for V+ = 5V and an output current of
10mA it will be approximately 60
Ω.
Combined Negative Voltage Conversion
and Positive Supply Doubling
Figure 20 combines the functions shown in Figures 13 and
Figure 19 to provide negative voltage conversion and
positive voltage doubling simultaneously. This approach
would be, for example, suitable for generating +9V and -5V
from an existing +5V supply. In this instance capacitors C1
and C3 perform the pump and reservoir functions
respectively for the generation of the negative voltage, while
capacitors C2 and C4 are pump and reservoir respectively
for the doubled positive voltage. There is a penalty in this
configuration which combines both functions, however, in
that the source impedances of the generated supplies will be
somewhat higher due to the finite impedance of the common
charge pump driver at pin 2 of the device.
Voltage Splitting
The bidirectional characteristics can also be used to split a
higher supply in half, as shown in Figure 21. The combined
load will be evenly shared between the two sides. Because
the switches share the load in parallel, the output impedance
is much lower than in the standard circuits, and higher
currents can be drawn from the device. By using this circuit,
and then the circuit of Figure 16, +15V can be converted (via
+7.5, and -7.5) to a nominal -15V, although with rather high
series output resistance (
~250Ω).
Regulated Negative Voltage Supply
In some cases, the output impedance of the ICL7660 and
ICL7660A can be a problem, particularly if the load current
varies substantially. The circuit of Figure 22 can be used to
overcome this by controlling the input voltage, via an ICL7611
low-power CMOS op amp, in such a way as to maintain a
nearly constant output voltage. Direct feedback is inadvisable,
since the ICL7660s and ICL7660As output does not respond
instantaneously to change in input, but only after the switching
delay. The circuit shown supplies enough delay to
accommodate the ICL7660 and ICL7660A, while maintaining
adequate feedback. An increase in pump and storage
capacitors is desirable, and the values shown provides an
output impedance of less than 5
Ω to a load of 10mA.
1
2
3
4
8
7
6
5
+
-
VOUT
V+
+
-
C2
C1
COSC
ICL7660
ICL7660A
FIGURE 18. LOWERING OSCILLATOR FREQUENCY
1
2
3
4
8
7
6
5
V
+
D2
C1
C2
VOUT =
(2V+) - (2VF)
+
-
+
-
D1
ICL7660
ICL7660A
FIGURE 19. POSITIVE VOLT DOUBLER
1
2
3
4
8
7
6
5
V
+
D1
D2
C4
VOUT = (2V+) -
(VFD1) - (VFD2)
+
-
C2
+
-
C3
+
-
VOUT =
- (nVIN - VFDX)
C1
+
-
ICL7660
ICL7660A
FIGURE 20. COMBINED NEGATIVE VOLTAGE CONVERTER
AND POSITIVE DOUBLER
1
2
3
4
8
7
6
5
+
-
+
-
50
µF
50
µF
+
-
50
µF
RL1
VOUT =
V+ - V-
2
V+
V
-
RL2
ICL7660
ICL7660A
FIGURE 21. SPLITTING A SUPPLY IN HALF
ICL7660, ICL7660A


Similar Part No. - 7660CPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
7660C TI-7660C Datasheet
335Kb / 19P
[Old version datasheet]   CMOS VOLTAGE CONVERTER
More results

Similar Description - 7660CPA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7660AIBAZA INTERSIL-ICL7660AIBAZA Datasheet
280Kb / 11P
   CMOS Voltage Converters
ICL7660ACBAZA INTERSIL-ICL7660ACBAZA Datasheet
280Kb / 11P
   CMOS Voltage Converters
logo
Renesas Technology Corp
ICL7660 RENESAS-ICL7660 Datasheet
514Kb / 11P
   CMOS Voltage Converters
logo
Maxim Integrated Produc...
ICL7662 MAXIM-ICL7662 Datasheet
330Kb / 8P
   CMOS Voltage Converters
19-1292; Rev 2; 7/96
logo
Intersil Corporation
ICL7660CBA INTERSIL-ICL7660CBA Datasheet
277Kb / 11P
   CMOS Voltage Converters
October 10, 2005
logo
Tiger Electronic Co.,Lt...
ICL7660 TGS-ICL7660 Datasheet
200Kb / 10P
   CMOS Voltage Converters
logo
Maxim Integrated Produc...
SI7661CSA MAXIM-SI7661CSA Datasheet
969Kb / 8P
   CMOS Voltage Converters
Rev 2; 7/96
logo
Intersil Corporation
ICL7660CBA INTERSIL-ICL7660CBA Datasheet
280Kb / 11P
   CMOS Voltage Converters
logo
Analog Devices
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
ADM660 AD-ADM660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com