Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA79M12 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # KA79M12
Description  3-Terminal 0.5A Negative Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA79M12 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KA79M12 Datasheet HTML 1Page - Fairchild Semiconductor KA79M12 Datasheet HTML 2Page - Fairchild Semiconductor KA79M12 Datasheet HTML 3Page - Fairchild Semiconductor KA79M12 Datasheet HTML 4Page - Fairchild Semiconductor KA79M12 Datasheet HTML 5Page - Fairchild Semiconductor KA79M12 Datasheet HTML 6Page - Fairchild Semiconductor KA79M12 Datasheet HTML 7Page - Fairchild Semiconductor KA79M12 Datasheet HTML 8Page - Fairchild Semiconductor KA79M12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
KA79MXX
3
Electrical Characteristics (KA79M06)
(Refer to test circuit, 0
°C ≤TJ ≤ +125 °C, lO =350mA, VI = -11V,unless otherwise specified)
Note:
1. Load and line regulation are specified at constant junction temperature. Change in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VO
TJ= +25
°C
- 5.75
- 6.0
- 6.25
V
IO = 5mA to 350mA
VI = -8.0V to -25V
- 5.7
- 6.0
- 6.3
Line Regulation (Note1)
∆VO
TJ =+25
°C
VI = -8Vto -25V
-
7.0
60
mV
VI = -9V to -19V
-
2.0
40
Load Regulation (Note1)
∆VO
TJ= +25
°CIO = 5.0mA to 500mA
-
30
120
mV
Quiescent Current
IQ
TJ= +25
°C-
3
6
mA
Quiescent Current Change
∆IQ
IO = 5mA to 350mA
-
-
0.4
mA
VI = -8V to -25V
-
-
0.4
Output Voltage Drift
∆VO/∆TIO = 5mA
-
0.4
-
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100KHz,TA = +25
°C-
50
-
µV
Ripple Rejection
RR
f = 120Hz,VI = -9V to -19V
54
60
-
dB
Dropout Voltage
VD
IO = 500mA, TJ = +25
°C-
1.1
-
V
Short Circuit Current
ISC
VI = -35V, TJ = +25
°C
-
140
-
mA
Peak Current
IPK
TJ= +25
°C
-
650
-
mA


Similar Part No. - KA79M12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA79M12 FAIRCHILD-KA79M12 Datasheet
127Kb / 12P
   3-Terminal 0.5A Negative Voltage Regulator
KA79M12R FAIRCHILD-KA79M12R Datasheet
127Kb / 12P
   3-Terminal 0.5A Negative Voltage Regulator
KA79M12RTF FAIRCHILD-KA79M12RTF Datasheet
130Kb / 8P
   3-Terminal 0.5A Negative Voltage Regulator
KA79M12RTM FAIRCHILD-KA79M12RTM Datasheet
130Kb / 8P
   3-Terminal 0.5A Negative Voltage Regulator
More results

Similar Description - KA79M12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM79M05 FAIRCHILD-LM79M05_12 Datasheet
144Kb / 6P
   3-Terminal 0.5A Negative Voltage Regulator
logo
Unisonic Technologies
79DXX UTC-79DXX_07 Datasheet
188Kb / 7P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
79DXX UTC-79DXX_V01 Datasheet
319Kb / 7P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79M05RTF FAIRCHILD-KA79M05RTF Datasheet
130Kb / 8P
   3-Terminal 0.5A Negative Voltage Regulator
logo
Unisonic Technologies
79DXX UTC-79DXX_15 Datasheet
198Kb / 6P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC79MXX FAIRCHILD-MC79MXX Datasheet
69Kb / 14P
   3-Terminal 0.5A Negative Voltage Regulator
logo
KODENSHI_AUK CORP.
SN79M05D KODENSHI-SN79M05D Datasheet
534Kb / 15P
   3 Terminal 0.5A Negative Voltage Regulator
logo
E-Tech Electronics LTD
79DXX ETL-79DXX Datasheet
198Kb / 6P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM79MXX FAIRCHILD-LM79MXX Datasheet
231Kb / 5P
   3-Terminal 0.5A Negative Voltage Regulator
KA79MXX FAIRCHILD-KA79MXX_11 Datasheet
127Kb / 12P
   3-Terminal 0.5A Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com