Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLM3C-WKW-CWBYA153 Datasheet(PDF) 10 Page - Cree, Inc

Part # CLM3C-WKW-CWBYA153
Description  PLCC2 1 in 1 SMD LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM3C-WKW-CWBYA153 Datasheet(HTML) 10 Page - Cree, Inc

Back Button CLM3C-WKW-CWBYA153 Datasheet HTML 3Page - Cree, Inc CLM3C-WKW-CWBYA153 Datasheet HTML 4Page - Cree, Inc CLM3C-WKW-CWBYA153 Datasheet HTML 5Page - Cree, Inc CLM3C-WKW-CWBYA153 Datasheet HTML 6Page - Cree, Inc CLM3C-WKW-CWBYA153 Datasheet HTML 7Page - Cree, Inc CLM3C-WKW-CWBYA153 Datasheet HTML 8Page - Cree, Inc CLM3C-WKW-CWBYA153 Datasheet HTML 9Page - Cree, Inc CLM3C-WKW-CWBYA153 Datasheet HTML 10Page - Cree, Inc CLM3C-WKW-CWBYA153 Datasheet HTML 11Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
10
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
10
Cree PLCC2 1 in 1 SMD LED
CLM3C-WKW/MKW
KIT NUMBER SYSTEM
Cree LED lamps are tested and sorted into performance bins. A bin is specified by ranges of color, forward voltage, and
brightness. Sorted LEDs are packaged for shipping in various convenient options. Please refer to the “Cree LED Lamp
Packaging Standard” document for more information about shipping and packaging options.
Cree LEDs are sold by order codes in combinations of bins called kits. Order codes are configured in the following man-
ner:


Similar Part No. - CLM3C-WKW-CWBYA153

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM3C-AKW CREE-CLM3C-AKW Datasheet
745Kb / 8P
   Cree PLCC2 1-in-1 SMD LED
CLM3C-AKW-CTbVa253 CREE-CLM3C-AKW-CTbVa253 Datasheet
745Kb / 8P
   Cree PLCC2 1-in-1 SMD LED
CLM3C-AKW-CUbVa353 CREE-CLM3C-AKW-CUbVa353 Datasheet
745Kb / 8P
   Cree PLCC2 1-in-1 SMD LED
CLM3C-RKW CREE-CLM3C-RKW Datasheet
745Kb / 8P
   Cree PLCC2 1-in-1 SMD LED
CLM3C-RKW-CUaVbAA3 CREE-CLM3C-RKW-CUaVbAA3 Datasheet
745Kb / 8P
   Cree PLCC2 1-in-1 SMD LED
More results

Similar Description - CLM3C-WKW-CWBYA153

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM3C MARKTECH-CLM3C Datasheet
787Kb / 11P
   PLCC2 1 in 1 SMD LED
logo
Cree, Inc
CLM1B-RKW CREE-CLM1B-RKW Datasheet
265Kb / 6P
   PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM1B-BKW-GKW MARKTECH-CLM1B-BKW-GKW Datasheet
421Kb / 8P
   PLCC2 1-in-1 SMD LED
CLM3A MARKTECH-CLM3A_15 Datasheet
376Kb / 10P
   PLCC2 1-in-1 SMD LED
logo
Cree, Inc
CLM1B-BKW CREE-CLM1B-BKW Datasheet
261Kb / 6P
   PLCC2 1-in-1 SMD LED
CLM1S-WKW CREE-CLM1S-WKW Datasheet
527Kb / 9P
   PLCC2 1-in-1 SMD LED
logo
Marktech Corporate
CLM1B-BKW-GKW MARKTECH-CLM1B-BKW-GKW_15 Datasheet
421Kb / 8P
   PLCC2 1-in-1 SMD LED
CLM1B-RKW-AKW MARKTECH-CLM1B-RKW-AKW_15 Datasheet
424Kb / 8P
   PLCC2 1 in 1 SMD LED
CLM3C MARKTECH-CLM3C_15 Datasheet
787Kb / 11P
   PLCC2 1 in 1 SMD LED
CLM1B-RKW-AKW MARKTECH-CLM1B-RKW-AKW Datasheet
424Kb / 8P
   PLCC2 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com