Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7660AIBAZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # 7660AIBAZ
Description  CMOS Voltage Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

7660AIBAZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button 7660AIBAZ Datasheet HTML 2Page - Intersil Corporation 7660AIBAZ Datasheet HTML 3Page - Intersil Corporation 7660AIBAZ Datasheet HTML 4Page - Intersil Corporation 7660AIBAZ Datasheet HTML 5Page - Intersil Corporation 7660AIBAZ Datasheet HTML 6Page - Intersil Corporation 7660AIBAZ Datasheet HTML 7Page - Intersil Corporation 7660AIBAZ Datasheet HTML 8Page - Intersil Corporation 7660AIBAZ Datasheet HTML 9Page - Intersil Corporation 7660AIBAZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN3072.7
October 10, 2005
Detailed Description
The ICL7660 and ICL7660A contain all the necessary
circuitry to complete a negative voltage converter, with the
exception of 2 external capacitors which may be inexpensive
10
µF polarized electrolytic types. The mode of operation of
the device may be best understood by considering Figure
12, which shows an idealized negative voltage converter.
Capacitor C1 is charged to a voltage, V+, for the half cycle
when switches S1 and S3 are closed. (Note: Switches S2
and S4 are open during this half cycle.) During the second
half cycle of operation, switches S2 and S4 are closed, with
S1 and S3 open, thereby shifting capacitor C1 negatively by
V+ volts. Charge is then transferred from C1 to C2 such that
the voltage on C2 is exactly V+, assuming ideal switches and
no load on C2. The ICL7660 approaches this ideal situation
more closely than existing non-mechanical circuits.
In the ICL7660 and ICL7660A, the 4 switches of Figure 12
are MOS power switches; S1 is a P-Channel device and S2,
S3 and S4 are N-Channel devices. The main difficulty with
this approach is that in integrating the switches, the
substrates of S3 and S4 must always remain reverse biased
with respect to their sources, but not so much as to degrade
their “ON” resistances. In addition, at circuit start-up, and
under output short circuit conditions (VOUT = V+), the output
voltage must be sensed and the substrate bias adjusted
accordingly. Failure to accomplish this would result in high
power losses and probable device latchup.
This problem is eliminated in the ICL7660 and ICL7660A by a
logic network which senses the output voltage (VOUT) together
with the level translators, and switches the substrates of S3 and
S4 to the correct level to maintain necessary reverse bias.
FIGURE 9. OUTPUT VOLTAGE AS A FUNCTION OF OUTPUT
CURRENT
FIGURE 10. SUPPLY CURRENT AND POWER CONVERSION
EFFICIENCY AS A FUNCTION OF LOAD
CURRENT
NOTE:
6. These curves include in the supply current that current fed directly into the load RL from the V+ (See Figure 11). Thus, approximately half the
supply current goes directly to the positive side of the load, and the other half, through the ICL7660/ICL7660A, to the negative side of the load.
Ideally, VOUT 2VIN, IS 2IL, so VIN x IS VOUT x IL.
NOTE: For large values of COSC (>1000pF) the values of C1 and C2 should be increased to 100µF.
FIGURE 11. ICL7660, ICL7660A TEST CIRCUIT
Typical Performance Curves (Test Circuit of Figure 11) (Continued)
TA = 25°C
V+ = 2V
+2
+1
0
-1
-2
SLOPE 150
0
1
23
45
6
7
8
LOAD CURRENT IL (mA)
100
90
80
70
60
50
40
30
20
10
0
PEFF
I+
LOAD CURRENT IL (mA)
0
1.5
3.0
4.5
6.0
7.5
9.0
20.0
18.0
16.0
14.0
12.0
10.0
8.0
6.0
4.0
2.0
0
TA = 25°C
V+ = 2V
1
2
3
4
8
7
6
5
+
-
C1
10
µF
IS V+
(+5V)
IL
RL
-VOUT
C2
10
µF
ICL7660
COSC
+
-
(NOTE)
ICL7660A
ICL7660, ICL7660A


Similar Part No. - 7660AIBAZ

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7660 GILWAY-7660 Datasheet
33Kb / 1P
   T-1 Subminiature Lamps
logo
Sonardyne sound in dept...
7660 SONARDYNE-7660 Datasheet
73Kb / 2P
   SIPS Hi-Shock Remote Transducer
logo
IET Labs Inc.
7660 IET-7660 Datasheet
527Kb / 3P
   Precision LCR Meter
February 2023
logo
3M Electronics
7660-5002BL 3M-7660-5002BL Datasheet
40Kb / 2P
   Standard socket/header V low profile header right angle type
7660-5002PL 3M-7660-5002PL Datasheet
40Kb / 2P
   Standard socket/header V low profile header right angle type
More results

Similar Description - 7660AIBAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7660AIBAZA INTERSIL-ICL7660AIBAZA Datasheet
280Kb / 11P
   CMOS Voltage Converters
ICL7660ACBAZA INTERSIL-ICL7660ACBAZA Datasheet
280Kb / 11P
   CMOS Voltage Converters
logo
Renesas Technology Corp
ICL7660 RENESAS-ICL7660 Datasheet
514Kb / 11P
   CMOS Voltage Converters
logo
Maxim Integrated Produc...
ICL7662 MAXIM-ICL7662 Datasheet
330Kb / 8P
   CMOS Voltage Converters
19-1292; Rev 2; 7/96
logo
Intersil Corporation
ICL7660CBA INTERSIL-ICL7660CBA Datasheet
277Kb / 11P
   CMOS Voltage Converters
October 10, 2005
logo
Tiger Electronic Co.,Lt...
ICL7660 TGS-ICL7660 Datasheet
200Kb / 10P
   CMOS Voltage Converters
logo
Maxim Integrated Produc...
SI7661CSA MAXIM-SI7661CSA Datasheet
969Kb / 8P
   CMOS Voltage Converters
Rev 2; 7/96
logo
Intersil Corporation
ICL7660CBA INTERSIL-ICL7660CBA Datasheet
280Kb / 11P
   CMOS Voltage Converters
logo
Analog Devices
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
ADM660 AD-ADM660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com