Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIN208EIAZ-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # HIN208EIAZ-T
Description  짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIN208EIAZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HIN208EIAZ-T Datasheet HTML 7Page - Intersil Corporation HIN208EIAZ-T Datasheet HTML 8Page - Intersil Corporation HIN208EIAZ-T Datasheet HTML 9Page - Intersil Corporation HIN208EIAZ-T Datasheet HTML 10Page - Intersil Corporation HIN208EIAZ-T Datasheet HTML 11Page - Intersil Corporation HIN208EIAZ-T Datasheet HTML 12Page - Intersil Corporation HIN208EIAZ-T Datasheet HTML 13Page - Intersil Corporation HIN208EIAZ-T Datasheet HTML 14Page - Intersil Corporation HIN208EIAZ-T Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
FN4315.16
November 4, 2005
HIN213E Operation in Shutdown
The HIN213E features two receivers, R4 and R5, which
remain active in shutdown mode. During normal operation
the receivers propagation delay is typically 0.5
µs. This
propagation delay may increase slightly during shutdown.
When entering shut down mode, receivers R4 and R5 are
not valid for 80
µs after SD = VIL. When exiting shutdown
mode, all receiver outputs will be invalid until the charge
pump circuitry reaches normal operating voltage. This is
typically less than 2ms when using 0.1
µF capacitors.
Application Information
The HIN2XXE may be used for all RS-232 data terminal and
communication links. It is particularly useful in applications
where
±12V power supplies are not available for
conventional RS-232 interface circuits. The applications
presented represent typical interface configurations.
A simple duplex RS-232 port with CTS/RTS handshaking is
illustrated in Figure 7. Fixed output signals such as DTR
(data terminal ready) and DSRS (data signaling rate select)
is generated by driving them through a 5k
Ω resistor
connected to V+.
In applications requiring four RS-232 inputs and outputs
(Figure 8), note that each circuit requires two charge pump
capacitors (C1 and C2) but can share common reservoir
capacitors (C3 and C4). The benefit of sharing common
reservoir capacitors is the elimination of two capacitors and
the reduction of the charge pump source impedance which
effectively increases the output swing of the transmitters.
ROUT
GND < VROUT < VCC
5k
RXIN
-30V < RXIN < +30V
GND
VCC
FIGURE 5. RECEIVER
TIN
VOL
VOL
tPLH
tPHL
AVERAGE PROPAGATION DELAY =
tPHL + tPLH
2
OR
RIN
TOUT
OR
ROUT
FIGURE 6. PROPAGATION DELAY DEFINITION
-
+
-
+
-
+
CTR (20) DATA
TERMINAL READY
DSRS (24) DATA
SIGNALING RATE
RS-232
INPUTS AND OUTPUTS
TD (2) TRANSMIT DATA
RTS (4) REQUEST TO SEND
RD (3) RECEIVE DATA
CTS (5) CLEAR TO SEND
SIGNAL GROUND (7)
15
8
13
7
14
16
-
+
6
R2
R1
T2
T1
9
12
10
11
4
5
3
1
HIN232E
C1
0.1
µF
C2
0.1
µF
TD
RTS
RD
CTS
SELECT
+5V
INPUTS
OUTPUTS
TTL/CMOS
FIGURE 7. SIMPLE DUPLEX RS-232 PORT WITH CTS/RTS
HANDSHAKING
HIN202E, HIN206E, HIN207E, HIN208E, HIN211E, HIN213E, HIN232E


Similar Part No. - HIN208EIAZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIN208EIAZ-T RENESAS-HIN208EIAZ-T Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
More results

Similar Description - HIN208EIAZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
5962-0620701Q3A INTERSIL-5962-0620701Q3A Datasheet
195Kb / 9P
   짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
5962-0620705Q3A INTERSIL-5962-0620705Q3A Datasheet
194Kb / 9P
   짹15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232A RENESAS-HIN232A Datasheet
494Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com