Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIN208EIB Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIN208EIB
Description  짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIN208EIB Datasheet(HTML) 2 Page - Intersil Corporation

  HIN208EIB Datasheet HTML 1Page - Intersil Corporation HIN208EIB Datasheet HTML 2Page - Intersil Corporation HIN208EIB Datasheet HTML 3Page - Intersil Corporation HIN208EIB Datasheet HTML 4Page - Intersil Corporation HIN208EIB Datasheet HTML 5Page - Intersil Corporation HIN208EIB Datasheet HTML 6Page - Intersil Corporation HIN208EIB Datasheet HTML 7Page - Intersil Corporation HIN208EIB Datasheet HTML 8Page - Intersil Corporation HIN208EIB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
FN4315.16
November 4, 2005
Ordering Information
PART NO.
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
HIN202ECB
HIN202ECB
0 to 70 16 Ld SOIC (W) M16.3
HIN202ECB-T
HIN202ECB
16 Ld SOIC (W) Tape and
Reel
M16.3
HIN202ECBZ
(Note)
202ECBZ
0 to 70 16 Ld SOIC (W)
(Pb-free)
M16.3
HIN202ECBZ-T
(Note)
202ECBZ
16 Ld SOIC (W) Tape and
Reel (Pb-free)
M16.3
HIN202ECBN
HIN202ECBN
0 to 70 16 Ld SOIC (N) M16.15
HIN202ECBN-T
HIN202ECBN 16 Ld SOIC (N) Tape and
Reel
M16.15
HIN202ECBN
Z
(Note)
202ECBN
Z
0 to 70 16 Ld SOIC (N)
(Pb-free)
M16.15
HIN202ECBN
Z-T
(Note)
202ECBN
Z
16 Ld SOIC (N) Tape and
Reel (Pb-free)
M16.15
HIN202ECP
HIN202ECP
0 to 70 16 Ld PDIP
E16.3
HIN202ECPZ
(Note)
202ECPZ
0 to 70 16 Ld PDIP*
(Pb-free)
E16.3
HIN202EIB
HIN202EIB
-40 to 85 16 Ld SOIC (W) M16.3
HIN202EIB-T
HIN202EIB
16 Ld SOIC (W) Tape and
Reel
M16.3
HIN202EIBZ
(Note)
202EIBZ
-40 to 85 16 Ld SOIC (W)
(Pb-free)
M16.3
HIN202EIBZ-T
(Note)
202EIBZ
16 Ld SOIC (W) Tape and
Reel (Pb-free)
M16.3
HIN202EIBN
HIN202EIBN
-40 to 85 16 Ld SOIC (N) M16.15
HIN202EIBN-T
HIN202EIBN 16 Ld SOIC (N) Tape and
Reel
M16.15
HIN202EIBN
Z
(Note)
202EIBN
Z
-40 to 85 16 Ld SOIC (N)
(Pb-free)
M16.15
HIN202EIBN
Z-T
(Note)
202EIBN
Z
16 Ld SOIC (N) Tape and
Reel (Pb-free)
M16.15
HIN206ECB
HIN206ECB
0 to 70 24 Ld SOIC
M24.3
HIN206ECB-T
HIN206ECB
24 Ld SOIC Tape and
Reel
M24.3
HIN206ECBZ
(Note)
HIN206ECBZ
0 to 70 24 Ld SOIC
(Pb-free)
M24.3
HIN206ECBZ-T
(Note)
HIN206ECBZ 24 Ld SOIC Tape and
Reel (Pb-free)
M24.3
HIN206EIA
HIN206EIA
-40 to 85 24 Ld SSOP
M24.209
HIN206EIAZ
(Note)
HIN206EIAZ
-40 to 85 24 Ld SSOP
(Pb-free)
M24.209
HIN206EIAZ-T
(Note)
HIN206EIAZ
24 Ld SSOP Tape and
Reel (Pb-free)
M24.209
HIN206EIAZA
(Note)
HIN206EIAZ
-40 to 85 24 Ld SSOP
(Pb-free)
M24.209
HIN206EIAZA-T
(Note)
HIN206EIAZ
24 Ld SSOP Tape and
Reel (Pb-free)
M24.209
HIN207ECA-T
HIN207ECA
24 Ld SSOP Tape and
Reel
M24.209
HIN207ECAZ
(Note)
HIN207ECAZ
0 to 70 24 Ld SSOP
(Pb-free)
M24.209
HIN207ECAZ-T
(Note)
HIN207ECAZ 24 Ld SSOP Tape and
Reel (Pb-free)
M24.209
HIN207ECB
HIN207ECB
0 to 70 24 Ld SOIC
M24.3
HIN207ECB-T
HIN207ECB
24 Ld SOIC Tape and
Reel
M24.3
HIN207ECBZ
(Note)
HIN207ECBZ
0 to 70 24 Ld SOIC
(Pb-free)
M24.3
HIN207ECBZ-T
(Note)
HIN207ECBZ 24 Ld SOIC Tape and
Reel (
Pb-free)
M24.3
HIN207EIA
HIN207EIA
-40 to 85 24 Ld SSOP
M24.209
HIN207EIAZ
(Note)
HIN207EIAZ
-40 to 85 24 Ld SSOP
(Pb-free)
M24.209
HIN207EIAZ-T
(Note)
HIN207EIAZ
24 Ld SSOP Tape and
Reel (Pb-free)
M24.209
HIN207EIB
HIN207EIB
-40 to 85 24 Ld SOIC
M24.3
HIN207EIB-T
HIN207EIB
24 Ld SOIC Tape and
Reel
M24.3
HIN207EIBZ
(Note)
HIN207EIBZ
-40 to 85 24 Ld SOIC
(Pb-free)
M24.3
HIN207EIBZ-T
(Note)
HIN207EIBZ
24 Ld SOIC Tape and
Reel (Pb-free)
M24.3
HIN208ECA
HIN208ECA
0 to 70 24 Ld SSOP
M24.209
HIN208ECA-T
HIN208ECA
24 Ld SSOP Tape and
Reel
M24.209
HIN208ECAZ
(Note)
HIN208ECAZ
0 to 70 24 Ld SSOP
(Pb-free)
M24.209
HIN208ECAZ-T
(Note)
HIN208ECAZ 24 Ld SSOP Tape and
Reel (Pb-free)
M24.209
HIN208ECAZA-T
(Note)
HIN208ECAZ 24 Ld SSOP Tape and
Reel (Pb-free)
M24.209
HIN208ECB
HIN208ECB
0 to 70 24 Ld SOIC
M24.3
HIN208ECB-T
HIN208ECB
24 Ld SOIC Tape and
Reel
M24.3
HIN208ECBZ
(Note)
HIN208ECBZ
0 to 70 24 Ld SOIC
(Pb-free)
M24.3
HIN208ECBZ-T
(Note)
HIN208ECBZ 24 Ld SOIC Tape and
Reel (Pb-free)
M24.3
HIN208EIA
HIN208EIA
-40 to 85 24 Ld SSOP
M24.209
HIN208EIA-T
HIN208EIA
24 Ld SSOP Tape and
Reel
M24.209
Ordering Information (Continued)
PART NO.
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
HIN202E, HIN206E, HIN207E, HIN208E, HIN211E, HIN213E, HIN232E


Similar Part No. - HIN208EIB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIN208EIBZ RENESAS-HIN208EIBZ Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
More results

Similar Description - HIN208EIB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
5962-0620701Q3A INTERSIL-5962-0620701Q3A Datasheet
195Kb / 9P
   짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
5962-0620705Q3A INTERSIL-5962-0620705Q3A Datasheet
194Kb / 9P
   짹15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232A RENESAS-HIN232A Datasheet
494Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com