Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VBM-360 Datasheet(PDF) 2 Page - CUI INC

Part # VBM-360
Description  AC-DC POWER SUPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VBM-360 Datasheet(HTML) 2 Page - CUI INC

  VBM-360 Datasheet HTML 1Page - CUI INC VBM-360 Datasheet HTML 2Page - CUI INC VBM-360 Datasheet HTML 3Page - CUI INC VBM-360 Datasheet HTML 4Page - CUI INC VBM-360 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date
07/15/2013
page
2 of 5
CUI Inc
│ SERIES: VBM-360 │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
264
Vac
frequency
47
63
Hz
inrush current
at 240 Vac
50
A
leakage current
at 264 Vac
3.5
mA
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
high line to low line, full load
±0.5
%
load regulation
60% ±40% rated load
±1
%
voltage accuracy
set at 60% rated load and 25°C
±1
%
hold-up time
12
ms
adjustability
built in trim pot
±5
%
switching frequency
55
60
kHz
temperature coefficient
±0.05
%/°C
standby output
5 Vdc / 0.5A
fan drive output
12 Vdc / 0.3A for external fan
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
recycle ac input to restart
short circuit protection
hiccup mode, recovers automatically
over temperature protection
auto recovery
over current protection
continuous
120
150
%
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output
3,000
Vac
safety approvals
IEC 60950-1, EN 60950-1, UL 60950-1
EMI/EMC
EN 55022 Class B, FCC Part 15 Class B, EN 61000-6-(1,3), EN 61000-3-(2,3), EN 55024, EN 61204-3
RoHS compliant
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
refer to derating curves for more details
-20
85
°C
storage temperature
-40
85
°C
operating humidity
non-condensing
93
%


Similar Part No. - VBM-360

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBM-360-12 CUI-VBM-360-12 Datasheet
461Kb / 5P
   AC-DC POWER SUPPLY
12/22/2020
VBM-360-24 CUI-VBM-360-24 Datasheet
461Kb / 5P
   AC-DC POWER SUPPLY
12/22/2020
VBM-360-48 CUI-VBM-360-48 Datasheet
461Kb / 5P
   AC-DC POWER SUPPLY
12/22/2020
VBM-360 CUI-VBM-360_V01 Datasheet
461Kb / 5P
   AC-DC POWER SUPPLY
12/22/2020
More results

Similar Description - VBM-360

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com