Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF891 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF891
Description  RF POWER TRANSISTORS NPN SILICON
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF891 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF891 Datasheet HTML 1Page - Motorola, Inc MRF891 Datasheet HTML 2Page - Motorola, Inc MRF891 Datasheet HTML 3Page - Motorola, Inc MRF891 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2–13
MRF891 MRF891S
MOTOROLA RF DEVICE DATA
Figure 2. Output Power versus Input Power
Figure 3. Output Power versus Supply Voltage
Figure 4. Output Power versus Frequency
Figure 5. Typical Broadband Circuit Performance
Figure 6. Series Equivalent Input Impedance
Figure 7. Series Equivalent Output Impedance
8
0
Pin, INPUT POWER (WATTS)
7
0.1
VCC = 24 Vdc
6
5
44
3
22
1
0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
900 MHz
960 MHz
850 MHz
8
Pin, INPUT POWER (WATTS)
6
4
2
8
VCC, SUPPLY VOLTAGE (VOLTS)
18
6
20
22
24
26
28
Pin = 1 W
f = 900 MHz
8
7
6
5
4
3
2
1
0
8
f, FREQUENCY (MHz)
850
875
900
925
950
Pin = 1 W
0.6 W
VCC = 24 Vdc
8
7
6
5
4
3
2
1
0
f, FREQUENCY (MHz)
850
875
900
925
950
Pin = 0.6 W
VCC = 24 Vdc
60%
50%
2.0:1
1.6:1
1.2:1
Pout
ηc
INPUT VSWR
0.2 W
0.6 W
0.2 W
f = 850 MHz
ZOL*
Zin
900
f = 850 MHz
960
900
960
Zo = 10 Ω
ZOL* = Conjugate of the optimum load
impedance into which the deviceoutput
operates at a given output power ,
voltage and frequency.
VCC = 24 Vdc, Pout = 5.0 W, Eff > 50%
f
MHz
ZOL*
Ohms
850
900
960
8.34 – j13.2
9.1 – j13.8
10.4 – j14.6
VCC = 24 Vdc, Pout = 5.0 W, Eff > 50%
f
MHz
Zin
Ohms
850
900
960
1.1 + j3.0
1.0 + j3.25
1.18 + j3.5


Similar Part No. - MRF891

ManufacturerPart #DatasheetDescription
logo
eleflow technologies co...
MRF891 ELEFLOW-MRF891 Datasheet
72Kb / 1P
   NPN silicon RF power transistor
More results

Similar Description - MRF891

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1946 MOTOROLA-MRF1946 Datasheet
141Kb / 6P
   RF POWER TRANSISTORS NPN SILICON
MRF422 MOTOROLA-MRF422 Datasheet
97Kb / 4P
   RF POWER TRANSISTORS NPN SILICON
logo
New Jersey Semi-Conduct...
2N6082 NJSEMI-2N6082 Datasheet
83Kb / 1P
   NPN SILICON RF POWER TRANSISTORS
logo
Motorola, Inc
MRF401 MOTOROLA-MRF401 Datasheet
497Kb / 3P
   NPN SILICON RF POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N6083 NJSEMI-2N6083 Datasheet
130Kb / 1P
   NPN SILICON RF POWER TRANSISTORS
logo
Motorola, Inc
MRF314 MOTOROLA-MRF314 Datasheet
113Kb / 6P
   RF POWER TRANSISTORS NPN SILICON
logo
Tyco Electronics
MRF314 MACOM-MRF314 Datasheet
200Kb / 5P
   RF POWER TRANSISTORS NPN SILICON
logo
New Jersey Semi-Conduct...
MRF652 NJSEMI-MRF652 Datasheet
81Kb / 1P
   NPN Silicon RF Power Transistors
logo
Motorola, Inc
MRF421 MOTOROLA-MRF421 Datasheet
102Kb / 4P
   RF POWER TRANSISTORS NPN SILICON
MRF240 MOTOROLA-MRF240 Datasheet
129Kb / 6P
   RF POWER TRANSISTORS NPN SILICON
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com