Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VM800C35A-D Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # VM800C35A-D
Description  Embedded Video Engine Credit Card Board
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VM800C35A-D Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button VM800C35A-D Datasheet HTML 3Page - Future Technology Devices International Ltd. VM800C35A-D Datasheet HTML 4Page - Future Technology Devices International Ltd. VM800C35A-D Datasheet HTML 5Page - Future Technology Devices International Ltd. VM800C35A-D Datasheet HTML 6Page - Future Technology Devices International Ltd. VM800C35A-D Datasheet HTML 7Page - Future Technology Devices International Ltd. VM800C35A-D Datasheet HTML 8Page - Future Technology Devices International Ltd. VM800C35A-D Datasheet HTML 9Page - Future Technology Devices International Ltd. VM800C35A-D Datasheet HTML 10Page - Future Technology Devices International Ltd. VM800C35A-D Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
Copyright © 2013 Future Technology Devices International Limited
VM800C Datasheet
Version 1.0
Document Reference No.: FT_000844
Clearance No.: FTDI#
345
This connector is the interface between the FT800 IC and the LCD Module.
Signal
Pin No
(3.5”)
Pin No
(4.3/5.0”)
Description
LED K
1,2
1
LED Cathode
LED A
3,4
2
LED Cathode
DISP
8
31
General purpose output pin for
LCD Display Enable, push-pull
output, 4/8mA sink/source
current. Control by writing to
Bit 7 of REG_GPIO register.
HSYNC
36
32
LCD Horizontal Sync, push-pull
output, 4/8mA sink/source
current.
VSYNC
37
33
LCD Vertical Sync, push-pull
output, 4/8mA sink/source
current.
DCLK
38
30
LCD Pixel Clock, push-pull
output, 4/8mA sink/source
current.
DE
52
34
LCD Data Enable, push-pull
output, 4/8mA sink/source
current.
R2
14
7
Bit 2 of Red RGB signals, push-
pull output, 4/8mA sink/source
current.
R3
15
8
Bit 3 of Red RGB signals, push-
pull output, 4/8mA sink/source
current.
R4
16
9
Bit 4 of Red RGB signals, push-
pull output, 4/8mA sink/source
current.
R5
17
10
Bit 5 of Red RGB signals, push-
pull output, 4/8mA sink/source
current.
R6
18
11
Bit 6 of Red RGB signals, push-
pull output, 4/8mA sink/source
current.
R7
19
12
Bit 7 of Red RGB signals, push-
pull output, 4/8mA sink/source
current.
G2
22
15
Bit 2 of Green RGB signals,
push-pull output, 4/8mA
sink/source current
G3
23
16
Bit 3 of Green RGB signals,
push-pull output, 4/8mA
sink/source current
G4
24
17
Bit 4 of Green RGB signals,
push-pull output, 4/8mA
sink/source current
G5
25
18
Bit 5 of Green RGB signals,
push-pull output, 4/8mA
sink/source current


Similar Part No. - VM800C35A-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VM810C ETC2-VM810C Datasheet
915Kb / 20P
   VM810C EVE2 CREDIT CARD MODULE
VM810C50A-D ETC2-VM810C50A-D Datasheet
915Kb / 20P
   VM810C EVE2 CREDIT CARD MODULE
VM810C50A-N ETC2-VM810C50A-N Datasheet
915Kb / 20P
   VM810C EVE2 CREDIT CARD MODULE
logo
Bridgetek Pte Ltd.
VM816C BRIDGETEK-VM816C Datasheet
1Mb / 20P
   Embedded Video Engine Credit Card Board
Version 1.0
VM816C50A-D BRIDGETEK-VM816C50A-D Datasheet
1Mb / 20P
   Embedded Video Engine Credit Card Board
Version 1.0
More results

Similar Description - VM800C35A-D

ManufacturerPart #DatasheetDescription
logo
Bridgetek Pte Ltd.
VM816C BRIDGETEK-VM816C Datasheet
1Mb / 20P
   Embedded Video Engine Credit Card Board
Version 1.0
logo
Future Technology Devic...
FT810Q-X FTDI-FT810Q-X Datasheet
2Mb / 60P
   Embedded Video Engine
logo
Bridgetek Pte Ltd.
BT815Q BRIDGETEK-BT815Q Datasheet
2Mb / 64P
   Embedded Video Engine
Version 1.0
FT801 BRIDGETEK-FT801 Datasheet
1Mb / 44P
   Embedded Video Engine
Version 1.3
FT800Q BRIDGETEK-FT800Q Datasheet
1Mb / 46P
   Embedded Video Engine
Version 1.4
logo
Future Technology Devic...
FT800 FTDI-FT800 Datasheet
1Mb / 55P
   Embedded Video Engine
logo
Bridgetek Pte Ltd.
FT810Q BRIDGETEK-FT810Q Datasheet
1Mb / 63P
   Advanced Embedded Video Engine
Version 1.4
logo
List of Unclassifed Man...
HS-2604 ETC-HS-2604 Datasheet
290Kb / 1P
   EMBEDDED ENGINE BOARD
logo
Bridgetek Pte Ltd.
VI800A-N485U BRIDGETEK-VI800A-N485U Datasheet
677Kb / 16P
   Embedded Video Engine Plus module
Version 1.2
BT817 BRIDGETEK-BT817 Datasheet
2Mb / 59P
   Advanced Embedded Video Engine Datasheet
Version 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com