Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX63B Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BDX63B
Description  NPN SILICON DARLINGTON POWER TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX63B Datasheet(HTML) 1 Page - Comset Semiconductor

  BDX63B Datasheet HTML 1Page - Comset Semiconductor BDX63B Datasheet HTML 2Page - Comset Semiconductor BDX63B Datasheet HTML 3Page - Comset Semiconductor BDX63B Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BDX63 – A – B – C
24/10/2012
COMSET SEMICONDUCTORS
1 | 4
NPN SILICON DARLINGTON POWER TRANSISTOR
The BDX63, BDX63A, BDX63 and BDX63C are mounted in TO-3 metal package.
High current power darlingtons designed for power amplification and switching applications.
The complementary PNP are BDX62, BDX62A, BDX62B, BDX62C.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage
BDX63
60
V
BDX63A
80
BDX63B
100
BDX63C
120
VCEV
Collector-EmitterVoltage
VBE=-1.5 V
BDX63
80
V
BDX63A
100
BDX63B
120
BDX63C
140
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current
IC(RMS)
8
A
ICM
12
IB
Base Current
0.15
A
PT
Power Dissipation
@ TC = 25°
90
W
TJ
Junction Temperature
-55 to +200
°C
TS
Storage Temperature
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-C
Thermal Resistance, Junction to Case
1.94
°C/W


Similar Part No. - BDX63B

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDX63B SEME-LAB-BDX63B Datasheet
24Kb / 2P
   NPN EPITAXIAL BASE DARLINGTON POWER TRANSISTOR
logo
Comset Semiconductor
BDX63B COMSET-BDX63B Datasheet
152Kb / 4P
   NPN SILICON DARLINGTONS
logo
Inchange Semiconductor ...
BDX63B ISC-BDX63B Datasheet
88Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
New Jersey Semi-Conduct...
BDX63B NJSEMI-BDX63B Datasheet
141Kb / 2P
   Silicon NPN Darlington Power Transistor
logo
TT Electronics.
BDX63B TTELEC-BDX63B Datasheet
558Kb / 3P
   NPN EPITAXIAL BASE DARLINGTON POWER TRANSISTOR
More results

Similar Description - BDX63B

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1630 NEC-2SD1630 Datasheet
125Kb / 2P
   NPN SILICON DARLINGTON POWER TRANSISTOR
logo
Microsemi Corporation
JANTX2N6284 MICROSEMI-JANTX2N6284 Datasheet
64Kb / 2P
   NPN DARLINGTON POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SD1072 ISC-2SD1072 Datasheet
259Kb / 2P
   Silicon NPN Darlington Power Transistor
2SD1124 ISC-2SD1124 Datasheet
260Kb / 2P
   Silicon NPN Darlington Power Transistor
2SD1202 ISC-2SD1202 Datasheet
253Kb / 2P
   Silicon NPN Darlington Power Transistor
2SD650 ISC-2SD650 Datasheet
266Kb / 2P
   Silicon NPN Darlington Power Transistor
logo
M/A-COM Technology Solu...
2N6249 MA-COM-2N6249 Datasheet
446Kb / 4P
   NPN Darlington Power Silicon Transistor
logo
New Jersey Semi-Conduct...
BU180 NJSEMI-BU180 Datasheet
125Kb / 2P
   Silicon NPN Darlington Power Transistor
BU807FI NJSEMI-BU807FI Datasheet
125Kb / 2P
   Silicon NPN Darlington Power Transistor
BDX33A NJSEMI-BDX33A Datasheet
121Kb / 2P
   Silicon NPN Darlington Power Transistor
BDX53F NJSEMI-BDX53F Datasheet
129Kb / 2P
   Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com