Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX64 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BDX64
Description  PNP SILICON DARLINGTON POWER TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX64 Datasheet(HTML) 2 Page - Comset Semiconductor

  BDX64_12 Datasheet HTML 1Page - Comset Semiconductor BDX64_12 Datasheet HTML 2Page - Comset Semiconductor BDX64_12 Datasheet HTML 3Page - Comset Semiconductor BDX64_12 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BDX64 – A – B – C
24/10/2012
COMSET SEMICONDUCTORS
2 | 4
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO(SUS)
Collector-Emitter Breakdown
Voltage (*)
IC=-0.1 A
IB=0
L=25mH
BDX64
-60
-
-
V
BDX64A
-80
-
-
BDX64B
-100
-
-
BDX64C
-120
-
-
ICEO
Collector Cutoff Current
VCE=-30 V
BDX64
-
-
-1.0
mA
VCE=-40 V
BDX64A
-
-
VCE=-50 V
BDX64B
-
-
VCE=-60 V
BDX64C
-
-
IEBO
Emitter Cutoff Current
VBE=-5 V
BDX64
-
-
-5.0
mA
BDX64A
BDX64B
BDX64C
ICBO
Collector-Base Cutoff Current
VCBO=-60 V
BDX64
-
-
0.2
-
VCBO=-40 V
TCASE=200°C
-
-
2
VCBO=-80 V
BDX64A
-
-
0.2
VCBO=-50 V
TCASE=200°C
-
-
2
VCBO=-100 V
BDX64B
-
-
0.2
VCBO=-60 V
TCASE=200°C
-
-
2
VCBO=-120 V
BDX64C
-
-
0.2
VCBO=-70 V
TCASE=200°
-
-
2
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=-5.0 A
IB=-20 mA
BDX64
-
-
-2
V
BDX64A
BDX64B
BDX64C
VF
Forward Voltage (pulse
method)
IF=5 A
BDX64
-
1.8
-
V
BDX64A
BDX64B
BDX64C
VBE
Base-Emitter Voltage (*)
IC=-5.0 A
VCE=-3V
BDX64
-
-
-2.5
V
BDX64A
BDX64B
BDX64C


Similar Part No. - BDX64_12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDX64A ETC-BDX64A Datasheet
169Kb / 5P
   PNP SILICON DARLINGTONS
logo
Comset Semiconductor
BDX64A COMSET-BDX64A Datasheet
152Kb / 4P
   PNP SILICON DARLINGTONS
logo
Seme LAB
BDX64A SEME-LAB-BDX64A Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3
logo
Inchange Semiconductor ...
BDX64A ISC-BDX64A Datasheet
92Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
List of Unclassifed Man...
BDX64B ETC-BDX64B Datasheet
169Kb / 5P
   PNP SILICON DARLINGTONS
More results

Similar Description - BDX64_12

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2SB880 NJSEMI-2SB880 Datasheet
75Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB885 NJSEMI-2SB885 Datasheet
75Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB886 NJSEMI-2SB886 Datasheet
75Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB1226 NJSEMI-2SB1226 Datasheet
128Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB727 NJSEMI-2SB727 Datasheet
76Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB1100 NJSEMI-2SB1100 Datasheet
183Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB1102 NJSEMI-2SB1102 Datasheet
186Kb / 2P
   Silicon PNP Darlington Power Transistor
BD650 NJSEMI-BD650 Datasheet
125Kb / 2P
   Silicon PNP Darlington Power Transistor
BDX88 NJSEMI-BDX88 Datasheet
135Kb / 2P
   Silicon PNP Darlington Power Transistor
BDW24 NJSEMI-BDW24 Datasheet
142Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB676 NJSEMI-2SB676 Datasheet
125Kb / 2P
   Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com