Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX64A Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BDX64A
Description  PNP SILICON DARLINGTON POWER TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX64A Datasheet(HTML) 1 Page - Comset Semiconductor

  BDX64A Datasheet HTML 1Page - Comset Semiconductor BDX64A Datasheet HTML 2Page - Comset Semiconductor BDX64A Datasheet HTML 3Page - Comset Semiconductor BDX64A Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BDX64 – A – B – C
24/10/2012
COMSET SEMICONDUCTORS
1 | 4
P
PN
NP
P SILICON DARLINGTON POWER TRANSISTOR
The BDX64, BDX64A, BDX64B and BDX64C are mounted in TO-3 metal package.
High current power darlingtons designed for power amplification and switching applications.
The complementary NPN are BDX65, BDX65A, BDX65B, BDX65C.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage
BDX64
-60
V
BDX64A
-80
BDX64B
-100
BDX64C
-120
VCEV
Collector-EmitterVoltage
VBE=-1.5 V
BDX64
-60
V
BDX64A
-80
BDX64B
-100
BDX64C
-120
VEBO
Emitter-Base Voltage
-5.0
V
IC
Collector Current
IC(RMS)
-12
A
ICM
-16
IB
Base Current
0.2
A
PT
Power Dissipation
@ TC = 25°
117
W
TJ
Junction Temperature
-55 to +200
°C
TS
Storage Temperature
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-C
Thermal Resistance, Junction to Case
1.5
°C/W


Similar Part No. - BDX64A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDX64A ETC-BDX64A Datasheet
169Kb / 5P
   PNP SILICON DARLINGTONS
logo
Comset Semiconductor
BDX64A COMSET-BDX64A Datasheet
152Kb / 4P
   PNP SILICON DARLINGTONS
logo
Seme LAB
BDX64A SEME-LAB-BDX64A Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3
logo
Inchange Semiconductor ...
BDX64A ISC-BDX64A Datasheet
92Kb / 2P
   isc Silicon PNP Darlington Power Transistor
More results

Similar Description - BDX64A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2SB880 NJSEMI-2SB880 Datasheet
75Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB885 NJSEMI-2SB885 Datasheet
75Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB886 NJSEMI-2SB886 Datasheet
75Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB1226 NJSEMI-2SB1226 Datasheet
128Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB727 NJSEMI-2SB727 Datasheet
76Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB1100 NJSEMI-2SB1100 Datasheet
183Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB1102 NJSEMI-2SB1102 Datasheet
186Kb / 2P
   Silicon PNP Darlington Power Transistor
BD650 NJSEMI-BD650 Datasheet
125Kb / 2P
   Silicon PNP Darlington Power Transistor
BDX88 NJSEMI-BDX88 Datasheet
135Kb / 2P
   Silicon PNP Darlington Power Transistor
BDW24 NJSEMI-BDW24 Datasheet
142Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB676 NJSEMI-2SB676 Datasheet
125Kb / 2P
   Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com